Part Number Hot Search : 
L88M12T BUW51 5993A 5993A SDA130A 1209DH VDXXXX 74HCT251
Product Description
Full Text Search
 

To Download 2N6569 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2N6569
DESCRIPTION With TO-3 package Complement to type 2N6594 Wide area of safe operation APPLICATIONS Designed for low voltage amplifier power switching applications
PINNING PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC ICM IB IE IEM PC Tj Tstg

PARAMETER Open base
CONDITIONS Open emitter
Collector-base voltage Collector-emitter voltage
HAN INC
Emitter-base voltage Collector current Collector current-peak Base current Emitter current Emitter current-peak
SEM GE
OND IC
TOR UC
VALUE 45 40 5 12 24 5 17 34
UNIT V V V A A A A A W ae ae
Open collector
Collector power dissipation Junction temperature Storage temperature
TC=25ae
100 200 -65~200
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=0.1A ;IB=0 IC=4A; IB=0.4A IC=12A; IB=2.4A IC=4A; IB=0.4A VCE=40V; IB=0 VCB=45V; IE=0 VEB=5V; IC=0 IC=4A ; VCE=3V IC=12A ; VCE=4V IC=1.0A ; VCE=4V;f=0.5MHz 15 5 MIN 40 TYP.
2N6569
SYMBOL VCEO(SUS) VCEsat-1 VCEsat-2 VBEsat ICEO ICBO IEBO hFE-1 hFE-2 fT
MAX
UNIT V
1.5 4.0 2.0 1.0 1.0 5.0 200
V V V mA mA mA
DC current gain
Transition frequency

Switching times td tr tstg tf Delay time Rise time
HAN INC
SEM GE
OND IC
1.5
TOR UC
100 20 0.4 1.5 5.0 1.5
MHz
|I |I |I |I
s s s s
Storage time Fall time
IC=2A; IB1=-IB2=0.2A VCC=30V; tp=25|I s; Duty CycleU 2.0%
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case VALUE 1.75 UNIT ae /W
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2N6569
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2N6569

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X