Part Number Hot Search : 
W11N8 W11N8 LT158 4N26S NTE176 IRFZ46L MJF6668G 3EZ36
Product Description
Full Text Search
 

To Download 1SV288 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon Epitaxial Planar Diode 1SV288
Diodes
SOD-323
+0.1 1.7-0.1
Unit: mm
+0.05 0.3-0.05
+0.05 0.85-0.05
Features
High Capacitance Ratio:C2V/C25V = 16(Typ.) Low Series Resistance:rs = 0.92 (Typ.)
0.475 0.375
+0.1 2.6-0.1
1.0max
Excellent C-V Characteristics,and Small Tracking Error. Useful for small size Tuner.
Absolute Maxim um Ratings Ta = 25
Param eter Reverse Voltage Peak Reverse Voltage Junction Tem perature Storage Tem perature Range Sym bol VR VRM Tj Tstg Value 30 35(RL = 10 K 125 -55 to +125 ) Unit V V
Electrical C haracteristics T a = 25
P aram eter Reverse V oltage Reverse Current Capacitance Capacitance Ratio S eries Resistance Note : A vailable in m atched group for capacitance to 2.5% . C(M ax.)-C(M in.) C(M in.) (V R =2~25V ) 0.025 S ym bol VR IR C2V C25V C 2V/C 25V rs V R = 5V , f = 470 M Hz Conditions IR = 1 A M in 30 10 41 2.5 15 16 0.92 1.05 49.5 3.2 Typ M ax Unit V nA pF
V R = 28 V f = 1 M Hz;V R = 2 V f = 1 M Hz;V R = 25 V
Marking
Marking TJ
+0.05 0.1-0.02
+0.1 1.3-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 1SV288

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X