Part Number Hot Search : 
GECH040 U1602 MBRS1560 MBRS1560 SR105 RCA8766 AN5601 LA35FB
Product Description
Full Text Search
 

To Download 1SS401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
HIGH SPEED SWITCHING APPLICATIONS 1SS401
Diodes
Features
Low forward voltage:VF(3) = 0.38 V(Typ) Low reverse current:IR = 50 A
Small total capacitance:CT = 46 pF(Typ)
Absolute Maximum Ratings Ta = 25
Parameter Maximum (peak) reverse voltage Reverse voltage Maximum (peak) forward current Average forward current Power dissipation Junction temperature Storage temperature range (*) Unit rating.Total rating = Unit rating 0.7 Symbol VRM VR IFM IO P Tj Tstg Rating 25 20 700 300 100 125 -55 to +125 Unit V V mA mA mW
Electrical Characteristics Ta = 25
Parameter Symbol VF(1) Forward voltage VF(2) VF(3) Reverse Current Total capacitance IR CT Test Conditions IF = 1 mA IF = 10 mA IF = 300 mA VR = 20 V VR = 0, f = 1.0 MHz 46 Min Typ 0.16 0.22 0.38 0.45 50 A pF V Max Unit
Marking
Marking D9
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 1SS401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X