Part Number Hot Search : 
LHI907 2SC5342S M24064 03518 KBU1010G STM6930A NJSB107T 4SURC
Product Description
Full Text Search
 

To Download 1SS355 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
High- Speed Switching Diode 1SS355
Diodes
SOD-323
Unit: mm
Features
Small surface mount type High switching speed. (trr=2ns Typ.) Good mountierbility,high surge resistance and reliability.
+0.05 0.3-0.05
+0.1 1.7-0.1
+0.05 0.85-0.05
+0.1 2.6-0.1
1.0max
0.475
0.375
Absolute Maximum Ratings Ta = 25
Parameter Peak reverse voltage DC reverse voltage Average forward current Peak forward current Surge current (1s) Junction temperature Storage temperature Symbol VRM VR IO IFM Isurge Tj Tstg Rating 40 35 100 255 400 125 -55 to 125 Unit V V mA mA mA
Electrical Characteristics Ta = 25
Parameter Forward voltage Reverse current Total Capacitance Reverse recovery time Symbol VF IR CT trr Testconditons IF=100mA VR=35V VR=0.5V, f=1MHz VR=6V, IF=10mA, RL=100 Min Typ. 0.94 0.01 0.72 1.1 Max 1.2 0.5 3.0 4 Unit V A pF ns
Marking
Marking A
+0.05 0.1-0.02
+0.1 1.3-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 1SS355

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X