Part Number Hot Search : 
38001 BF1202 KIC9421F M5R13ZLJ 12018 P6SMB27A ASRD740 BA1405P
Product Description
Full Text Search
 

To Download 1SS196 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
ULTRA HIGH SPEED SWITCHING APPLICATION 1SS196
Diodes
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Unit: mm
+0.1 2.4-0.1
Small Package Low forward voltage :VF(3) = 0.9 V(Typ.) Fast Reverse Recovery Time :trr = 1.6 ns(Typ.) Small Total Capacitance :CT = 0.9pF(Typ.)
+0.1 1.3-0.1
Features
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute M axim um Ratings Ta = 25
Param eter Peak Reverse Voltage DC Reverse Voltage Peak Reverse Voltage Average Rectified Current Surge Current (10 m s) DC Forward Current Junction Tem perature Storage Tem perature Range Sym bol VRM VR IFM IO IFSM P Tj Tstg Rating 85 80 300 100 2 150 125 -55 to + 125 Unit V V mA mA A mW
Electrical Characteristics Ta = 25
Parameter Symbol Test Conditions IF = 1.0 mA Continuous reverse voltage VF IF = 10 mA IF = 100 mA Reverse current Total capacitance Reverse recovery time IR CT trr VR = 30 V VR = 80 V VR = 0, f = 1.0 MHz IF = 10 mA 0.9 1.6 Min Typ 0.6 0.72 0.9 1.2 0.1 0.5 3.0 4.0 A pF ns V Max Unit
Marking
Marking G3
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 1SS196

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X