Part Number Hot Search : 
HSP45256 4R200 AD590JH SMS9GE3 02052 120EI 51005 C2245
Product Description
Full Text Search
 

To Download 1SS187 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
SOT-23 Plastic-Encapsulated Diodes
1SS187
FEATURES Power dissipation PD : 150 mW(Tamb=25)
1. 0
SWITCHING DIODE SOT-23
Forward Current 100 m A IF: Reverse Voltage 80 V VR: Operating and storage junction temperature range TJ,Tstg: -55 to +150
2. 4 1. 3
2. 9
1. 9
0. 95
0. 95
Unit : mm
M ki ng D ar 3
ELECTRICAL CHARACTERISTICS(Tamb=25
Parameter Reverse breakdown voltage Reverse voltage Forward voltage leakage current Symbol V(BR) IR VF CD
unless otherwise specified)
Test conditions IR= 100A VR=80V IF=100mA VR=0V f=1MHz MIN 80 0.5 1.2 4 MAX UNIT V
0. 4
A
V
Diode
capacitance
pF nS
Reverse recovery time
t
rr
4


▲Up To Search▲   

 
Price & Availability of 1SS187

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X