Part Number Hot Search : 
VTC5764C K2368 BR808 A9108 GV2SN35 8A218 MB89636 K2368
Product Description
Full Text Search
 

To Download 1N751A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TAK CHEONG
Licensed by ON Semiconductor, A trademark of semiconductor Components Industries, LLC for Zener Technology and Products.
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
AXIAL LEAD DO35
Maximum Ratings (Note 1)
Rating Maximum Steady State Power Dissipation @TL75, Lead Length = 3/8" Derate Above 75 Operating and Storage Temperature Range TJ, Tstg 4.0 -65 to +200 mW/ C
L 43xxA = Logo = 1N43xxA Device Code
Symbol PD
Value 500
Units mW
L 43 xx A
Note 1: Some part number series have lower JEDEC registered ratings.
Specification Features:
Zener Voltage Range = 2.4V to 12V ESD Rating of Class 3 (>6 KV) per Human Body Model DO-35 Package (DO-204AH) Double Slug Type Construction Metallurgical Bonded Construction RoHS Compliant Solder Hot Dip Tin (Sn) Lead Finish
L 7xxA = Logo = 1N7xxA Device Code
L 7x xA
Specification Features:
Case Finish : Double slug type, hermetically sealed glass : All external surfaces are corrosion resistant and leads are readily solderable
Cathode Anode
Polarity : Cathode indicated by polarity band Mounting: Any
November 2006 / C
Page 1
1N4370A through 1N759A Series
(R)
(R)
TAK CHEONG
ELECTRICAL CHARACTERIZATION (TA = 25C unless otherwise noted)
Zener Voltage (Note 3.) Device (Note 2.) Device Marking Min 1N4370A 1N4371A 1N4372A 1N746A 1N747A 1N748A 1N749A 1N750A 1N751A 1N752A 1N753A 1N754A 1N755A 1N756A 1N757A 1N758A 1N759A 1N4370A 1N4371A 1N4372A 1N746A 1N747A 1N748A 1N749A 1N750A 1N751A 1N752A 1N753A 1N754A 1N755A 1N756A 1N757A 1N758A 1N759A 2.28 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.50 11.4 VZ (Volts) Nom 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 12 Max 2.52 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.5 12.6 @IZT (mA) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20
Licensed by ON Semiconductor, A trademark of semiconductor Components Industries, LLC for Zener Technology and Products.
Zener Impedance ZZT @IZT (Note 4.) () 30 30 29 28 24 23 22 19 17 11 7 5 6 8 10 17 30
IR @VR = 1V Tamb 25 (uA) 100 75 50 10 10 10 2 2 1 1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 Tamb 125 (uA) 200 150 100 30 30 30 30 30 20 20 20 20 20 20 20 20 20
IZM (Note 5.) (mA) 150 135 120 110 100 95 85 75 70 65 60 55 50 45 40 35 30
VF Forward Voltage = 1.5V max @ IF = 200mA for all types 2. TOLERANCE AND VOLTAGE DESIGNATION The type numbers listed have a standard tolerance on the nominal zener voltage of 5%. 3. ZENER VOLTAGE (VZ) MEASUREMENT The zener voltage (VZ) is tested under pulse condition. The measured VZ is guaranteed to be within specification with device junction in thermal equilibrium. 4. ZENER IMPEDANCE (ZZ) DERIVATION ZZT is measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(AC) = 0.1 IZ(DC) with AC frequency = 60Hz. 5. MAXIMUM ZENER CURRENT RATINGS (IZM) Values shown are based on the JEDEC rating of 400mW where the actual zener voltage (VZ) is known at the operation point, the zener current may be increased and is limited by the derating curve.
November 2006 / C
Page 2
(R)
TAK CHEONG
Package Outline
Case Outline
Licensed by ON Semiconductor, A trademark of semiconductor Components Industries, LLC for Zener Technology and Products.
DO-35 DIM
Min
Millimeters
Max Min
Inches
Max
A B C D
0.46 3.05 25.40 1.52
0.56 5.08 38.10 2.29
0.018 0.120 1.000 0.060
0.022 0.200 1.500 0.090
Note: all dimensions are within JEDEC standard.
This datasheet presents technical data of Tak Cheong's Zener Diodes. Complete specifications for the individual devices are provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of components required for a specific application. For additional information, please visit our website http://www.takcheong.com. Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak Cheong. Please consult your nearest Tak Cheong's sales office for further assistance. Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability, function or design, cost and productivity.
TAK CHEONG
(R)
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
November 2006 / C
Page 3


▲Up To Search▲   

 
Price & Availability of 1N751A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X