|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RF/Microwave C0G (NP0) Capacitors (RoHS) Ultra Low ESR, "U" Series, C0G (NP0) Chip Capacitors GENERAL INFORMATION "U" Series capacitors are C0G (NP0) chip capacitors specially designed for "Ultra" low ESR for applications in the communications market. Max ESR and effective capacitance are met on each value producing lot to lot uniformity. Sizes available are EIA chip sizes 0603, 0805, and 1210. DIMENSIONS: inches (millimeters) 0402 A B C B D E D A C B D ED D E D 0603 A 0805 A 1210 C B C Size 0402 0603 0805 1210 A 0.0390.004 0.0600.010 0.0790.008 0.1260.008 (1.000.1) (1.520.25) (2.010.2) (3.20.2) B 0.0200.004 0.0300.010 0.0490.008 0.0980.008 (0.500.1) (0.760.25) (1.250.2) (2.490.2) C 0.024 (0.6) max 0.036 (0.91) max 0.0400.005 (1.020.127) 0.0500.005 (1.270.127) D N/A 0.0100.005 (0.250.13) 0.0200.010 (0.510.254) 0.0250.015 (0.6350.381) inches (mm) E N/A 0.030 (0.76) min 0.020 (0.51) min 0.040 (1.02) min HOW TO ORDER 0805 1 U 100 J A T 2 A Case Size 0402 0603 0805 1210 Dielectric = Ultra Low ESR Capacitance Tolerance Code B = 0.1pF C = 0.25pF D = 0.5pF F = 1% G = 2% J = 5% K = 10% M = 20% Termination T= Plated Ni and Sn Special Code A = Standard Voltage Code 3 5 1 2 = = = = 25V 50V 100V 200V Failure Rate Code A = Not Applicable Packaging Code 2 = 7" Reel 4 = 13" Reel 9 = Bulk Capacitance EIA Capacitance Code in pF. First two digits = significant figures or "R" for decimal place. Third digit = number of zeros or after "R" significant figures. 7 ELECTRICAL CHARACTERISTICS Capacitance Values and Tolerances: Size Size Size Size 0402 0603 0805 1210 0.2 1.0 1.6 2.4 pF pF pF pF to to to to 22 pF @ 1 MHz 100 pF @ 1 MHz 160 pF @ 1 MHz 1000 pF @ 1 MHz Dielectric Working Voltage (DWV): 250% of rated WVDC Equivalent Series Resistance Typical (ESR): 0402 0603 0805 1210 See See See See Performance Performance Performance Performance Curve, Curve, Curve, Curve, page page page page 127 127 127 127 Temperature Coefficient of Capacitance (TC): 030 ppm/C (-55 to +125C) Insulation Resistance (IR): 1012 min. @ 25C and rated WVDC 1011 min. @ 125C and rated WVDC Size 0402 0603 0805 1210 Working Voltage 50, 25 WVDC 200, 100, 50 WVDC 200, 100 WVDC 200, 100 WVDC Marking: Laser marking EIA J marking standard (except 0603) (capacitance code and tolerance upon request). Working Voltage (WVDC): - MILITARY SPECIFICATIONS Meets or exceeds the requirements of MIL-C-55681 RoHS COMPLIANT Pb: Free 126 RF/Microwave C0G (NP0) Capacitors (RoHS) Ultra Low ESR, "U" Series, C0G (NP0) Chip Capacitors CAPACITANCE RANGE Size Available Cap (pF) Tolerance 0402 0603 0805 1210 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 B,C B,C B,C,D B,C,D 50V N/A N/A N/A Size Available Cap (pF) Tolerance 0402 0603 0805 1210 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 B,C,D 50V 200V 200V 200V Size Available Cap (pF) Tolerance 0402 0603 0805 1210 7.5 8.2 9.1 10 11 12 13 15 18 20 22 24 27 30 33 36 39 43 47 51 56 68 75 82 91 B,C,J,K,M 50V 200V 200V 200V B,C,J,K,M F,G,J,K,M Size Available Cap (pF) Tolerance 0402 0603 0805 1210 100 110 120 130 140 150 160 180 200 220 270 300 330 360 390 430 470 510 560 620 680 750 820 910 1000 F,G,J,K,M N/A 100V 200V 200V 50V 50V N/A 200V 100V 100V N/A 200V 100V 50V N/A 200V 100V B,C,D B,C,J,K,M F,G,J,K,M ULTRA LOW ESR, "U" SERIES TYPICAL ESR vs. FREQUENCY 0402 "U" SERIES 1 10 pF 15 pF 3.3 pF TYPICAL ESR vs. FREQUENCY 0603 "U" SERIES 1 3.9 pF 4.7 pF 5.1 pF 6.8 pF 10.0 pF 15.0 pF ESR (ohms) ESR (ohms) 0.1 0.1 0.01 0 500 1000 1500 2000 2500 Frequency (MHz) 0.01 0 500 1000 1500 2000 2500 Frequency (MHz) TYPICAL ESR vs. FREQUENCY 0805 "U" SERIES 1 1 TYPICAL ESR vs. FREQUENCY 1210 "U" SERIES 7 ESR (ohms) ESR (ohms) 100 pF 10.0 pF 0.1 0.1 10 pF 100 pF 300 pF 0.01 0 500 1000 1500 2000 2500 Frequency (MHz) 0.01 0 500 1000 Frequency (MHz) 1500 2000 ESR Measured on the Boonton 34A 127 RF/Microwave C0G (NP0) Capacitors (RoHS) Ultra Low ESR, "U" Series, C0G (NP0) Chip Capacitors TYPICAL SERIES RESONANT FREQUENCY "U" SERIES CHIP 10 0402 Frequency (GHz) 0603 0805 1.0 1210 0.1 1.0 10 Capacitance (pF) 100 1000 7 128 RF/Microwave C0G (NP0) Capacitors (Sn/Pb) Ultra Low ESR, "U" Series, C0G (NP0) Chip Capacitors GENERAL INFORMATION "U" Series capacitors are C0G (NP0) chip capacitors specially designed for "Ultra" low ESR for applications in the communications market. Max ESR and effective capacitance are met on each value producing lot to lot uniformity. Sizes available are EIA chip sizes 0603, 0805, and 1210. DIMENSIONS: inches (millimeters) 0402 A B C B D E D A C B D ED D E D 0603 A 0805 A 1210 C B C Size 0402 0603 0805 1210 A 0.0390.004 0.0600.010 0.0790.008 0.1260.008 (1.000.1) (1.520.25) (2.010.2) (3.20.2) B 0.0200.004 0.0300.010 0.0490.008 0.0980.008 (0.500.1) (0.760.25) (1.250.2) (2.490.2) C 0.024 (0.6) max 0.036 (0.91) max 0.0400.005 (1.020.127) 0.0500.005 (1.270.127) D N/A 0.0100.005 (0.250.13) 0.0200.010 (0.510.254) 0.0250.015 (0.6350.381) inches (mm) E N/A 0.030 (0.76) min 0.020 (0.51) min 0.040 (1.02) min HOW TO ORDER LD05 1 U 100 J A B 2 A Case Size LD02 = 0402 LD03 = 0603 LD05 = 0805 LD10 = 1210 Dielectric = Ultra Low ESR Capacitance Tolerance Code B = 0.1pF C = 0.25pF D = 0.5pF F = 1% G = 2% J = 5% K = 10% M = 20% Termination B = 5% min lead Special Code A = Standard Voltage Code 3 5 1 2 = = = = 25V 50V 100V 200V Failure Rate Code A = Not Applicable Packaging Code 2 = 7" Reel 4 = 13" Reel 9 = Bulk Capacitance EIA Capacitance Code in pF. First two digits = significant figures or "R" for decimal place. Third digit = number of zeros or after "R" significant figures. ELECTRICAL CHARACTERISTICS Capacitance Values and Tolerances: Size Size Size Size 0402 0603 0805 1210 0.2 1.0 1.6 2.4 pF pF pF pF to to to to 22 pF @ 1 MHz 100 pF @ 1 MHz 160 pF @ 1 MHz 1000 pF @ 1 MHz 7 Dielectric Working Voltage (DWV): 250% of rated WVDC Equivalent Series Resistance Typical (ESR): 0402 0603 0805 1210 See See See See Performance Performance Performance Performance Curve, Curve, Curve, Curve, page page page page 130 130 130 130 Temperature Coefficient of Capacitance (TC): 030 ppm/C (-55 to +125C) Insulation Resistance (IR): 1012 min. @ 25C and rated WVDC 1011 min. @ 125C and rated WVDC Size 0402 0603 0805 1210 Working Voltage 50, 25 WVDC 200, 100, 50 WVDC 200, 100 WVDC 200, 100 WVDC Marking: Laser marking EIA J marking standard (except 0603) (capacitance code and tolerance upon request). Working Voltage (WVDC): - MILITARY SPECIFICATIONS Meets or exceeds the requirements of MIL-C-55681 129 RF/Microwave C0G (NP0) Capacitors (Sn/Pb) Ultra Low ESR, "U" Series, C0G (NP0) Chip Capacitors CAPACITANCE RANGE Size Available Cap (pF) Tolerance LD02 LD03 LD05 LD10 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 B,C B,C B,C,D B,C,D 50V N/A N/A N/A Size Available Cap (pF) Tolerance LD02 LD03 LD05 LD10 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 B,C,D 50V 200V 200V 200V Size Available Cap (pF) Tolerance LD02 LD03 LD05 LD10 7.5 8.2 9.1 10 11 12 13 15 18 20 22 24 27 30 33 36 39 43 47 51 56 68 75 82 91 B,C,J,K,M 50V 200V 200V 200V B,C,J,K,M F,G,J,K,M Size Available Cap (pF) Tolerance LD02 LD03 LD05 LD10 100 110 120 130 140 150 160 180 200 220 270 300 330 360 390 430 470 510 560 620 680 750 820 910 1000 F,G,J,K,M N/A 100V 200V 200V 50V 50V N/A 200V 100V 100V N/A 200V 100V 50V N/A 200V 100V B,C,D B,C,J,K,M F,G,J,K,M ULTRA LOW ESR, "U" SERIES TYPICAL ESR vs. FREQUENCY 0402 "U" SERIES 1 10 pF 15 pF 3.3 pF TYPICAL ESR vs. FREQUENCY 0603 "U" SERIES 1 3.9 pF 4.7 pF 5.1 pF 6.8 pF 10.0 pF 15.0 pF ESR (ohms) ESR (ohms) 0.1 0.1 0.01 0 500 1000 1500 2000 2500 Frequency (MHz) 0.01 0 500 1000 1500 2000 2500 Frequency (MHz) 7 ESR (ohms) TYPICAL ESR vs. FREQUENCY 0805 "U" SERIES 1 1 TYPICAL ESR vs. FREQUENCY 1210 "U" SERIES ESR (ohms) 100 pF 10.0 pF 0.1 0.1 10 pF 100 pF 300 pF 0.01 0 500 1000 1500 2000 2500 Frequency (MHz) 0.01 0 500 1000 Frequency (MHz) 1500 2000 ESR Measured on the Boonton 34A 130 RF/Microwave C0G (NP0) Capacitors (Sn/Pb) Ultra Low ESR, "U" Series, C0G (NP0) Chip Capacitors TYPICAL SERIES RESONANT FREQUENCY "U" SERIES CHIP 10 0402 Frequency (GHz) 0603 0805 1.0 1210 0.1 1.0 10 Capacitance (pF) 100 1000 7 131 RF/Microwave "U" Series Designer Kits 8 132 Designer Kits "U" Dielectric Kits 0402 Kit 5000 UZ Cap. Cap. Value Tolerance Value Tolerance pF pF 0.5 1.0 1.5 1.8 2.2 2.4 3.0 3.6 4.7 5.6 6.8 8.2 10.0 12.0 15.0 B (0.1pF) 0603 Kit 4000 UZ Cap. Cap. Value Tolerance Value Tolerance pF pF 1.0 1.2 1.5 1.8 2.0 2.4 2.7 3.0 3.3 3.9 4.7 5.6 6.8 7.5 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 B (0.1pF) B (0.1pF) J (5%) B (0.1pF) J (5%) ***25 each of 15 values ***25 each of 24 values 0805 Kit 3000 UZ Cap. Cap. Value Tolerance Value Tolerance pF pF 1.0 1.5 2.2 2.4 2.7 3.0 3.3 3.9 4.7 5.6 7.5 8.2 9.1 10.0 12.0 15.0 18.0 22.0 24.0 27.0 33.0 36.0 39.0 47.0 56.0 68.0 82.0 100.0 130.0 160.0 1210 Kit 3500 UZ Cap. Cap. Value Tolerance Value Tolerance pF pF 2.2 2.7 4.7 5.1 6.8 8.2 9.1 10.0 13.0 15.0 18.0 20.0 24.0 27.0 30.0 36.0 39.0 47.0 51.0 56.0 68.0 82.0 100.0 120.0 130.0 240.0 300.0 390.0 470.0 680.0 B (0.1pF) B (0.1pF) J (5%) J (5%) J (5%) J (5%) ***25 each of 30 values ***25 each of 30 values 8 133 |
Price & Availability of 08051U100JATJA |