|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
A Product Line of Diodes Incorporated ZXTC2061E6 12V, SOT23-6, complementary medium power transistors Summary BVCEO > 12 (-12)V hFE > 500 IC(cont) = 5 (-3.5)A VCE(sat) < 40 (-70)mV @ 1A RCE(sat) = 25 (45)m PD = 1.1W Description Advanced process capability has been used to achieve this high performance device. Combining NPN and PNP transistors in the SOT23-6 package provides a compact solution for the intended applications. C1 C2 B1 B2 E1 Features * * * * NPN-PNP combination Very low saturation voltage High gain SOT23-6 package E2 Applications * * MOSFET and IGBT gate driving Motor drive Ordering information DEVICE ZXTC2061E6TA Reel size (inches) 7 Tape width (mm) 8 Quantity per reel 3000 C1 B1 C2 Top view E1 B2 E2 Device marking 2061 Issue 2 - October 2008 (c) Diodes Incorporated 2008 1 www.zetex.com www.diodes.com ZXTC2061E6 Absolute maximum and thermal ratings PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Continuous collector current(c)(f) Peak pulse current Base current Power dissipation at TA =25C(a)(f) Linear derating factor Power dissipation at TA =25C(b)(f) Linear derating factor Power dissipation at TA =25C(b)(g) Linear derating factor Power dissipation at TA =25C(c)(f) Linear derating factor Power dissipation at TA =25C(d)(f) Linear derating factor Operating and storage temperature range Thermal resistance junction to ambient(a)(f) Thermal resistance junction to ambient(b)(f) Thermal resistance junction to ambient(b)(g) Thermal resistance junction to ambient(c)(f) Thermal resistance junction to ambient(d)(f) Tj, Tstg RJA RJA RJA RJA RJA PD PD PD PD Symbol VCBO VCEO VEBO IC ICM IB PD Limit 20(-12) 12(-12) 7(-7) 5(-3.5) 12(-10) 1(-1) 0.7 5.6 0.9 7.2 1.1 8.8 1.1 8.8 1.7 13.6 -55 to +150 179 139 113 113 73 Unit V V V A A A W mW/C W mW/C W mW/C W mW/C W mW/C C C/W C/W C/W C/W C/W NOTES: (a) For a device surface mounted on 15mm x 15mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions. (b) For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions. (c) For a device surface mounted on 50mm x 50mm x 1.6mm FR4 PCB with high coverage of single sided 2oz copper, in still air conditions. (d) As above measured at t<5 seconds. (e) Repetitive rating - pulse width limited by maximum junction temperature. Refer to Transient Thermal Impedance graph. (f) For device with one active die, both collectors attached to a common sink. (g) For device with two active dice running at equal power, split sink 50% to each collector. Issue 2 - October 2008 (c) Diodes Incorporated 2008 2 www.zetex.com www.diodes.com ZXTC2061E6 Thermal characteristics Issue 2 - October 2008 (c) Diodes Incorporated 2008 3 www.zetex.com www.diodes.com ZXTC2061E6 ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated). Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage (base open) Emitter-base breakdown voltage Collector-base cut-off current Emitter-base cut-off current Collector-emitter saturation voltage Symbol BVCBO BVCEO Min. 20(-12) (-)12 Typ. 40(-35) 17(-25) Max. Unit Conditions V IC = (-)10 A V IC = (-)10mA (*) BVEBO ICBO IEBO VCE(sat) (-)7 (-)8.4 <1 <1 32(-55) 50(-170) 65(-220) (-150) 145 (-)50 (-)0.5 (-)50 40(-70) 60(-265) 80(-360) (-200) 180 (-1050) 1000 (-900) 900 V nA A nA mV mV mV mV mV mV mV mV mV IE = (-)100 A VCB =20(-12)V VCB =20(-12)V, Tamb= 100C VEB = (-)5.6V IC = (-)1A, IB = (-)100mA(*) IC = (-)1A, IB = (-)10mA(*) IC = (-)2A, IB = (-)40mA(*) (IC = -3.5A, IB = -350mA)(*) IC = 5A, IB = 100mA(*) (IC = -3.5A, IB = -350mA(*)) IC = 5A, IB = 100mA(*) (IC = -3.5A, VCE = -2V(*)) IC = 5A, VCE = 2V(*) IC = (-)10mA, VCE = (-)2V(*) IC = (-)1A, VCE = (-)2V(*) (IC = -3.5A, VCE = -2V(*)) IC = 5A, VCE = 2V(*) Base-emitter saturation voltage Base-emitter turn-on voltage Static forward current transfer ratio VBE(sat) VBE(on) hFE (-955) 920 (-830) 810 480(290) 750(450) (75) 260 (100) 390 260 (310) 26(17) 71(41) 70(62) 233(179) 72(65) 500(500) 800(800) 1500(1500) Transition frequency Output capacitance Delay time Rise time Storage time Fall time fT COBO td tr ts tf MHz IC = (-)50mA, VCE = (-)10V f = 100MHz 35(25) pF ns ns ns ns VCC = (-)10V. IC = (-)1A, IB1 = -IB2= (-)10mA. VCB = (-)10V, f = 1MHz(*) NOTES: (*) Measured under pulsed conditions. Pulse width 300s; duty cycle 2%. ( ) = PNP Issue 2 - October 2008 (c) Diodes Incorporated 2008 4 www.zetex.com www.diodes.com ZXTC2061E6 NPN electrical characteristics Issue 2 - October 2008 (c) Diodes Incorporated 2008 5 www.zetex.com www.diodes.com ZXTC2061E6 PNP electrical characteristics Issue 2 - October 2008 (c) Diodes Incorporated 2008 6 www.zetex.com www.diodes.com ZXTC2061E6 Package outline SOT23-6 Package outline Pad latout details 0.95 0.037 1.06 0.042 2.2 0.087 0.65 0.026 DIM A A1 A2 b C D E E1 L e e1 L Min. 0.90 0.00 0.90 0.35 0.09 2.70 2.20 1.30 0.10 0.95 REF 1.90 REF 0 30 0 Millimeters Max. 1.45 0.15 1.30 0.50 0.26 3.10 3.20 1.80 0.60 Min. 0.354 0.00 0.0354 0.0078 0.0035 0.1062 0.0866 0.0511 0.0039 0.0374 REF 0.0748 REF Inches mm inches Max. 0.0570 0.0059 0.0511 0.0196 0.0102 0.1220 0.1181 0.0708 0.0236 30 Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches Issue 2 - October 2008 (c) Diodes Incorporated 2008 7 www.zetex.com www.diodes.com ZXTC2061E6 Definitions Product change Diodes Incorporated reserves the right to alter, without notice, specifications, design, price or conditions of supply of any product or service. Customers are solely responsible for obtaining the latest relevant information before placing orders. Applications disclaimer The circuits in this design/application note are offered as design ideas. It is the responsibility of the user to ensure that the circuit is fit for the user's application and meets with the user's requirements. No representation or warranty is given and no liability whatsoever is assumed by Diodes Inc. with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Diodes Inc.does not assume any legal responsibility or will not be held legally liable (whether in contract, tort (including negligence), breach of statutory duty, restriction or otherwise) for any damages, loss of profit, business, contract, opportunity or consequential loss in the use of these circuit applications, under any circumstances. Life support Zetex products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the Chief Executive Officer of Diodes Incorporated. As used herein: A. Life support devices or systems are devices or systems which: 1. are intended to implant into the body or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness. Reproduction The product specifications contained in this publication are issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. Terms and Conditions All products are sold subjects to Diodes Zetex' terms and conditions of sale, and this disclaimer (save in the event of a conflict between the two when the terms of the contract shall prevail) according to region, supplied at the time of order acknowledgement. For the latest information on technology, delivery terms and conditions and prices, please contact your nearest Diodes sales office. Quality of product Diodes Zetex Semiconductors Limited is an ISO 9001 and TS16949 certified semiconductor manufacturer. To ensure quality of service and products we strongly advise the purchase of parts directly from Diodes Inc. or one of our regionally authorized distributors. For a complete listing of authorized distributors please visit: www.diodes.com Diodes Inc. does not warrant or accept any liability whatsoever in respect of any parts purchased through unauthorized sales channels. ESD (Electrostatic discharge) Semiconductor devices are susceptible to damage by ESD. Suitable precautions should be taken when handling and transporting devices. The possible damage to devices depends on the circumstances of the handling and transporting, and the nature of the device. The extent of damage can vary from immediate functional or parametric malfunction to degradation of function or performance in use over time. Devices suspected of being affected should be replaced. Green compliance Diodes Zetex Semiconductors is committed to environmental excellence in all aspects of its operations which includes meeting or exceeding regulatory requirements with respect to the use of hazardous substances. Numerous successful programs have been implemented to reduce the use of hazardous substances and/or emissions. All Diodes Zetex components are compliant with the RoHS directive, and through this it is supporting its customers in their compliance with WEEE and ELV directives. Product status key: "Preview" Future device intended for production at some point. Samples may be available "Active" Product status recommended for new designs "Last time buy (LTB)" Device will be discontinued and last time buy period and delivery is in effect "Not recommended for new designs" Device is still in production to support existing designs and production "Obsolete" Production has been discontinued Datasheet status key: "Draft version" This term denotes a very early datasheet version and contains highly provisional information, which may change in any manner without notice. "Provisional version" This term denotes a pre-release datasheet. It provides a clear indication of anticipated performance. However, changes to the test conditions and specifications may occur, at any time and without notice. "Issue" This term denotes an issued datasheet containing finalized specifications. However, changes to specifications may occur, at any time and without notice. Sales offices The Americas 3050 E. Hillcrest Drive Westlake Village, CA 91362-3154 Tel: (+1) 805 446 4800 Fax: (+1) 805 446 4850 Europe Kustermann-Park Balanstrae 59, D-81541 Munchen Germany Tel: (+49) 894 549 490 Fax: (+49) 894 549 4949 Taiwan 7F, No. 50, Min Chuan Road Hsin-Tien Taipei, Taiwan Tel: (+886) 289 146 000 Fax: (+886) 289 146 639 Shanghai Rm. 606, No.1158 Changning Road Shanghai, China Tel: (+86) 215 241 4882 Fax (+86) 215 241 4891 Shenzhen ANLIAN Plaza, #4018 Jintian Road Futian CBD, Shenzhen, China Tel: (+86) 755 882 849 88 Fax: (+86) 755 882 849 99 Korea 6 Floor, Changhwa B/D, 1005-5 Yeongtong-dong, Yeongtong-gu, Suwon-si, Gyeonggi-do, Korea 443813 Tel: (+82) 312 731 884 Fax: (+82) 312 731 885 Issue 2 - October 2008 (c) Diodes Incorporated 2008 8 www.zetex.com www.diodes.com |
Price & Availability of ZXTC2061E608 |