Part Number Hot Search : 
XE88LC0 1N4936RL PI5A101 100EP CEM2187 03624TC 2SJ26 CEM9936
Product Description
Full Text Search
 

To Download ZSGK91W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
ZSGK91W
www.SunLED.com
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
PRELIMINARY SPEC Features
4.0mmx3.0mm RIGHT ANGLE SMT LED, 2.65mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. PACKAGE :500PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg SGK (InGaAlP 5 30 150 75 -40 ~ +85 -40 ~ +85 C Unit V mA mA mW Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (VF=0V, f=1MHz) VF VF IR SGK (InGaAlP 2.1 2.5 10 Unit V V uA
P
574
nm
D
570
nm
20
nm
C
15
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 79
Wavelength nm P
Viewing Angle 2 1/2
ZSGK91W
Green
InGaAlP
Water Clear
36
574
90
Published Date : FEB 27,2008
Drawing No : SDSA6428
V1
Checked : B.L.LIU
P.1/4
Part Number:
ZSGK91W
www.SunLED.com
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
SGK
Published Date : FEB 27,2008
Drawing No : SDSA6428
V1
Checked : B.L.LIU
P.2/4
Part Number:
ZSGK91W
www.SunLED.com
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
Recommended Soldering Pattern (Units : mm;Tolerance: 0.1)
The device has a single mounting surface. The device must be mounted according to the specifications.
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : FEB 27,2008
Drawing No : SDSA6428
V1
Checked : B.L.LIU
P.3/4
Part Number:
ZSGK91W
www.SunLED.com
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
PACKING & LABEL SPECIFICATIONS
ZSGK91W
Published Date : FEB 27,2008
Drawing No : SDSA6428
V1
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of ZSGK91W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X