Part Number Hot Search : 
74VCX1 BU2725DW AV945 S2186 AD8672AR S2186 ISL62 CD407
Product Description
Full Text Search
 

To Download ZMO53W-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
www.SunLED.com
ZMO53W-1
1.6X0.8mm SMD CHIP LED LAMP
Features
1.6mmX0.8mm SMT LED, 0.75mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE: 2000PCS / REEL . MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute maximum ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg MO (InGaAlP) 5 30 195 75 -40 ~ +85 -40 ~ +85 Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=20mA) Wavelength of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR MO (InGaAlP) 2.0 2.5 10
Unit V mA mA mW C
Unit V V uA
P
610
nm
D
601
nm
29
nm
C
30
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 198
Wavelength nm P
Viewing Angle 2 1/2
ZMO53W-1
Orange
InGaAlP
Water Clear
70
610
120
Published Date : FEB 23,2008
Drawing No :SDSA2405
V6
Checked : B.L.LIU
P.1/4
Part Number:
www.SunLED.com
ZMO53W-1
1.6X0.8mm SMD CHIP LED LAMP
MO
Published Date : FEB 23,2008
Drawing No :SDSA2405
V6
Checked : B.L.LIU
P.2/4
Part Number:
www.SunLED.com
ZMO53W-1
1.6X0.8mm SMD CHIP LED LAMP
Recommended Soldering Pattern (Units : mm;Tolerance: 0.1)
The device has a single mounting surface. The device must be mounted according to the specifications.
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : FEB 23,2008
Drawing No :SDSA2405
V6
Checked : B.L.LIU
P.3/4
Part Number:
www.SunLED.com
ZMO53W-1
1.6X0.8mm SMD CHIP LED LAMP
PACKING & LABEL SPECIFICATIONS
ZMO53W-1
Published Date : FEB 23,2008
Drawing No :SDSA2405
V6
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of ZMO53W-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X