Part Number Hot Search : 
MMBD4 TSH95ID 75NF20 ES51999 15GD1 SM15T33A 09231 EHF10B1
Product Description
Full Text Search
 

To Download ZMEBGABBG86W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
www.SunLED.com
ZMEBGABBG86W
3.0mmx3.0mm FULL-COLOR SURFACE MOUNT LED LAMP
PRELIMINARY SPEC Features
LOW POWER CONSUMPTION. 3.0mmx3.0mm SMT LED, 1.8mm THICKNESS. ONE RED, ONE GREEN AND ONE BLUE CHIPS IN ONE PACKAGE. CAN PRODUCE ANY COLOR IN VISIBLE SPECTRUM, INCLUDING WHITE LIGHT. PACKAGE : 1000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3.Specifications are subject to change without notice. ME BGA BBG (InGa (InGa (InGa Unit AlP) N) N) 5 30 195 75 5 30 100 120 -40 ~ +85 -40 ~ +85 1000 1000 5 30 100 120 V mA mA mW C V
Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR
ME BGA (InGa (InGa AlP) N) 2.0 2.5 10 3.2 4.0 10
BBG (InGa N) 3.2 4.0 10
Unit V V uA
Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Electrostatic Diacharge Threshold (HBM) VR IF iFS PT TA Tstg
P
630
520
468
nm
D
621
525
470
nm
20
35
21
nm
C
25
100
100
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 397 248 158
Wavelength nm P
Viewing Angle 2 1/2
Red ZMEBGABBG86W Green Blue Published Date : FEB 25,2008
InGaAlP InGaN InGaN Drawing No : SDSA6262 Water Clear
180 110 70 V1
630 520 468 P.1/6 100
Checked : B.L.LIU
Part Number:
www.SunLED.com
ZMEBGABBG86W
3.0mmx3.0mm FULL-COLOR SURFACE MOUNT LED LAMP
ME
Published Date : FEB 25,2008
Drawing No : SDSA6262
V1
Checked : B.L.LIU
P.2/6
Part Number:
www.SunLED.com
ZMEBGABBG86W
3.0mmx3.0mm FULL-COLOR SURFACE MOUNT LED LAMP
BGA
Published Date : FEB 25,2008
Drawing No : SDSA6262
V1
Checked : B.L.LIU
P.3/6
Part Number:
www.SunLED.com
ZMEBGABBG86W
3.0mmx3.0mm FULL-COLOR SURFACE MOUNT LED LAMP
BBG
Published Date : FEB 25,2008
Drawing No : SDSA6262
V1
Checked : B.L.LIU
P.4/6
Part Number:
www.SunLED.com
ZMEBGABBG86W
3.0mmx3.0mm FULL-COLOR SURFACE MOUNT LED LAMP
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
The device has a single mounting surface. The device must be mounted according to the specifications.
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : FEB 25,2008 Drawing No : SDSA6262 V1 Checked : B.L.LIU P.5/6
Part Number:
www.SunLED.com
ZMEBGABBG86W
3.0mmx3.0mm FULL-COLOR SURFACE MOUNT LED LAMP
PACKING & LABEL SPECIFICATIONS
ZMEBGABBG86W
Published Date : FEB 25,2008
Drawing No : SDSA6262
V1
Checked : B.L.LIU
P.6/6


▲Up To Search▲   

 
Price & Availability of ZMEBGABBG86W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X