Part Number Hot Search : 
F0094U 245MT M100H45 K0651 ML501P73 IC18F 800000 FM5822
Product Description
Full Text Search
 

To Download ZFMG05A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.SunLED.com
Part Number:
ZFMG05A
SURFACE MOUNT DISPLAY
Features
0.21 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. I.C. COMPATIBLE. MECHANICALLY RUGGED. GRAY FACE,WHITE SEGMENT. PACKAGE : 650 PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.The gap between the reflector and PCB shall not exceed 0.25mm. 4.Specifications are subject to change without notice. Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=10mA) Wavelength of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=10mA) ucd min. ZFMG05A Green GaP 1900 typ. 9990 565 Common Anode. Rt. Hand Decimal VF VF IR MG (GaP) 2.0 2.5 10 Unit V V uA
Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg
MG (GaP) 5 25 140 62.5 -40 ~ +85 -40 ~ +85
Unit V mA mA mW C
P
565
nm
D
568
nm
30
nm
C
15
pF
Part Number
Emitting Color
Emitting Material
Wavelength nm P
Description
Published Date : FEB 28. 2008
Drawing No : SDSA5290
V2
Checked : Shin Chi
P.1/4
www.SunLED.com
Part Number:
ZFMG05A
SURFACE MOUNT DISPLAY
MG
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : FEB 28. 2008
Drawing No : SDSA5290
V2
Checked : Shin Chi
P.2/4
www.SunLED.com
Part Number:
ZFMG05A
SURFACE MOUNT DISPLAY
Recommended Soldering Pattern (Units : mm;Tolerance: 0.15)
Tape Specification (Units : mm)
Published Date : FEB 28. 2008
Drawing No : SDSA5290
V2
Checked : Shin Chi
P.3/4
www.SunLED.com
Part Number:
ZFMG05A
SURFACE MOUNT DISPLAY
PACKING & LABEL SPECIFICATIONS
ZFMG05A
Published Date : FEB 28. 2008
Drawing No : SDSA5290
V2
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of ZFMG05A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X