Part Number Hot Search : 
1N4007G PN6544 MA2SV02 OSG5DA MSC0305W 12VDC EA1791 BZX84J
Product Description
Full Text Search
 

To Download ZFMG05A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
ZFMG05A2
www.SunLED.com
SURFACE MOUNT DISPLAY
Features
0.2 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. I.C. COMPATIBLE. MECHANICALLY RUGGED. GRAY FACE, WHITE SEGMENT. PACKAGE : 300PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
MG
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.The gap between the reflector and PCB shall not exceed 0.25mm. 4.Specifications are subject to change without notice. Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=10mA) Wavelength of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR MG (GaP) 2.0 2.5 10 Unit V V uA
Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg
MG (GaP) 5 25 140 62.5 -40 ~ +85 -40 ~ +85
Unit V mA mA mW C
P
565
nm
D
568
nm
30
nm
C
15
pF
Part Number
Emitting Color
Emitting Material
Luminous Intensity (IF=10mA) ucd min. typ. 9990
Wavelength nm P
Description
ZFMG05A2
Green
GaP
1900
565
Common Anode. Rt. Hand Decimal
Published Date : FEB 28,2008
Drawing No :SDSA5306
V5
Checked : Shin Chi
P.1/4
Part Number:
ZFMG05A2
www.SunLED.com
SURFACE MOUNT DISPLAY
MG
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : FEB 28,2008
Drawing No :SDSA5306
V5
Checked : Shin Chi
P.2/4
Part Number:
ZFMG05A2
www.SunLED.com
SURFACE MOUNT DISPLAY
Recommended Soldering Pattern (Units : mm;Tolerance: 0.15)
Tape Specification (Units : mm)
Published Date : FEB 28,2008
Drawing No :SDSA5306
V5
Checked : Shin Chi
P.3/4
Part Number:
ZFMG05A2
www.SunLED.com
SURFACE MOUNT DISPLAY
PACKING & LABEL SPECIFICATIONS
ZFMG05A2
Published Date : FEB 28,2008
Drawing No :SDSA5306
V5
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of ZFMG05A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X