Part Number Hot Search : 
2N4277 5L3F1V3 C2030A 88ACLE MSE07PB PN150 C4115 3EZ120D1
Product Description
Full Text Search
 

To Download ZFMDK07A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
ZFMDK07A2
www.SunLED.com
SURFACE MOUNT DISPLAY
Features
0.3 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. I.C. COMPATIBLE. MECHANICALLY RUGGED. GRAY FACE,WHITE SEGMENT. PACKAGE : 300PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. The gap between the reflector and PCB shall not exceed 0.25mm. 4. Specifications are subject to change without notice. Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg MDK (InGaAlP) 5 30 185 75 -40 ~ +85 -40 ~ +85 Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=10mA) ucd min. ZFMDK07A2 Red InGaAlP 8000 typ. 26990 650 Common Anode. Rt. Hand Decimal Wavelength nm P VF VF IR MDK (InGaAlP) 1.85 2.5 10 Unit V V uA
Unit V mA mA mW C
P
650
nm
D
635
nm
28
nm
C
35
pF
Part Number
Emitting Color
Emitting Material
Description
Published Date : MAR 04 ,2008
Drawing No : SDSA5328
V4
Checked : Shin Chi
P.1/4
Part Number:
ZFMDK07A2
www.SunLED.com
SURFACE MOUNT DISPLAY
MDK
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity/ Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 04 ,2008
Drawing No : SDSA5328
V4
Checked : Shin Chi
P.2/4
Part Number:
ZFMDK07A2
www.SunLED.com
SURFACE MOUNT DISPLAY
Recommended Soldering Pattern (Units : mm;Tolerance: 0.15)
Tape Specification (Units : mm)
Published Date : MAR 04 ,2008
Drawing No : SDSA5328
V4
Checked : Shin Chi
P.3/4
Part Number:
ZFMDK07A2
www.SunLED.com
SURFACE MOUNT DISPLAY
PACKING & LABEL SPECIFICATIONS
ZFMDK07A2
Published Date : MAR 04 ,2008
Drawing No : SDSA5328
V4
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of ZFMDK07A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X