Part Number Hot Search : 
000X1 MAX8724 A816ERW H1086 RGC10DH A1193 STK2240 OZ811
Product Description
Full Text Search
 

To Download ZFABBA10C2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
ZFABBA10C2
www.SunLED.com
SURFACE MOUNT DISPLAY
PRELIMINARY SPEC Features
0.4 INCH CHARACTER HEIGHT. LOW CURRENT OPERATION. HIGH CONTRAST AND LIGHT OUTPUT. CATEGORIZED FOR LUMINOUS INTENSITY. MECHANICALLY RUGGED. GRAY FACE, WHITE SEGMENT. PACKAGE :250PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. 4.The gap between the reflector and PCB shall not exceed 0.25mm. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg BBA (InGaN) 5 30 100 120 -40 ~ +85 -40 ~ +85 1000 Unit V mA mA mW C V
ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=10mA) ucd min. typ. 2890 468 VF VF IR
BBA (InGaN) 3.05 4.0 10
Unit V V uA
P
468
nm
D
470
nm
21
nm
Electrostatic Discharge Threshold (HBM)
C
100
pF
Part Number
Emitting Color
Emitting Material
Wavelength nm P
Description
ZFABBA10C2
Blue
InGaN
800
Common Cathode. Rt. Hand Decimal
Published Date : MAR 12,2008
Drawing No : SDSA5432
V2
Checked : Shin Chi
P.1/4
Part Number:
ZFABBA10C2
www.SunLED.com
SURFACE MOUNT DISPLAY
BBA
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity / luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 12,2008
Drawing No : SDSA5432
V2
Checked : Shin Chi
P.2/4
Part Number:
ZFABBA10C2
www.SunLED.com
SURFACE MOUNT DISPLAY
Recommended Soldering Pattern (Units : mm;Tolerance: 0.15)
Tape Specification (Units : mm)
Published Date : MAR 12,2008
Drawing No : SDSA5432
V2
Checked : Shin Chi
P.3/4
Part Number:
ZFABBA10C2
www.SunLED.com
SURFACE MOUNT DISPLAY
PACKING & LABEL SPECIFICATIONS
ZFABBA10C2
Published Date : MAR 12,2008
Drawing No : SDSA5432
V2
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of ZFABBA10C2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X