Part Number Hot Search : 
HYAAM 42S32200 ZMM5254 ZMM5235B MDU1513 AD9780 100P06 FR85J02
Product Description
Full Text Search
 

To Download XKA20420D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S/INT/XKA.....D/A/11/12/2000
Relais Statique/Montage sur rail DIN Solid State Relay for DIN rail fixation
* Gamme pret a l'emploi: Relais montable sur rail DIN . * Pour tout type de charge. * Visualisation de commande par LED. * Sortie AC synchrone. * Ecreteur de surtension integre. * Haute immunite aux perturbations exterieures. * Connecteurs debrochables * New generation of SSR for DIN rail fixation. * For all king of load. * Control visualization by LED. * Zero-cross AC Output. * Integrated clamping voltage. * High immunity level. * Pluggable connectors
54 0,4 49,7
page 1 / 2 F/GB
XKA.....D
AC, AC-DC control 4A/ 230VAC output
Application typique/Typical application
Ph
1~
3
celduc France
output 230Vac 4A
1
230VAC
max 275VAC
SKA 20420
4A
AC/DC
76,4 0,4
1~
2
10133
celduc
France
3+
input 4-30Vdc
XKA 20420D
input 6-30VDC
2~
4 2~
Charge / Load
4
-
-
+
28 59
0,4
12,2
0,2
N
Types / Models
Modeles / References
Caracteristiques d'entree / Input characteristics (20C)
Plage de tension de commande (Uc) / Input voltage range (Uc) Tension maximum de commande / Maximum control voltage Tension minimum de commande / Minimum control voltage Courant de fonctionnement/Operating current Courant maximum de commande / Maximum control current Tension de relachement/Release voltage Resistance interne / Input internal resistor
AC OUTPUT
XKA 20420D
autre nous consulter other consult us
Unit VAC/DC VDC VDC mADC mADC VDC
DC input 6-30 30 6 3 30 0,8 1000
Caracteristiques generales /General characteristics
Temperature de stockage / Storage temperature Temperature de fonctionnement /Operating temperature Tension d'isolement entree-sortie / Input-output isolation voltage Capacite entree-sortie/ Input-output capacity Poids/Weight Largeur / Width (fig. )
- 40 a/to +150 -40 a/to +80
4000 3 30 12,2
Unit C C VRMS pF g mm
Proud to serve you
All technical caracteristics are subject to change without previous notice. Caracteristiques sujettes a modifications sans preavis.
r
celduc
e l a i s
S/INT/XKA.....D/A/11/12/2000
page 2 / 2 F/GB
Types / Models
Modeles / References
Caracteristiques de sortie/Output characteristics(20C) Types / Models
Tension nominale / Nominal voltage Plage tension de fonctionnement / Operating range Tension crete (ecreteur de tension) / Peak voltage (clamping voltage) Niveau de synchonisation / Synchronizing level Courant nominal (voir les caracteristiques thermiques) / Nominal current (see thermal curves) Courant de surcharge accidentel admissible maximum (10ms) : / Maximum accidental overload current (10ms) : ITSM Chute tension directe (In) / On state voltage drop (IN) Courant de fuite etat bloque (@Un/50Hz) / Off state leakage current (@Un/50Hz) Courant de charge minimum / Minimum load current Courant de maintien / Holding current Temps de fermeture (50Hz) / Turn on time (50Hz) Temps d'ouverture (50Hz) / Turn off time (50Hz) Frequence d'utilisation / Operating frequency dv/dt etat bloque / Off state dv/dt I2t (<10ms) di/dt non repetitif / No repetitive di/dt Homologation / Approval
AC OUTPUT
XKA 20420D AC output Synchrone Zero cross
autre nous consulter other consult us
Unit
230 12 a/to 275 600 (450 @1mA) 12 4 100 1,6 0,3 5 50 10 10 10 a/to 440 500 50 20 Tous les elements sont UL/All components are UL Fig. 3 : Courant de surcharge non repetitif / Non repetitive surge current
VRMS VRMS VPEAK V ARMS APEAK VPEAK mARMS mARMS mA ms ms Hz V/s A2s A/s
Fig.2 Caracteristiques thermiques / thermal curves :
6 5 Courant commute (A eff) / Switched current (A RMS) 4 3 2 1 0 0 10 20 30 40 50 60 70 80 90 Temperature ambiante (C) / Ambient temperature (C) 100
Itsm (Apeak)
Uc Uc
min x
Ucmin/max:Voir plage de tension de commande / See input voltage range
90 80 70 60 50 40 30 20 10 0 1 10 100
Nombres de cycles / Number of cycles
ma
XKA
1000
Precautions : * Les relais a semiconducteurs ne procurent pas d'isolation galvanique entre le reseau et la charge. * Dans le cas de plusieurs modules cote a cote, prevoir un derating en courant.
Cautions : * Semiconductor relays don't provide any galvanic insulation between the load and the mains. * In case of many SSRs side by side, take a derating current in to account.
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19


▲Up To Search▲   

 
Price & Availability of XKA20420D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X