Part Number Hot Search : 
TC0194A 01502 MAX168 EPA3284G 1N4746P CEB14G04 MST9220 MAX168
Product Description
Full Text Search
 

To Download U10DCT-E34W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product
U(F,B)10BCT thru U(F,B)10DCT
Vishay General Semiconductor
Dual Common-Cathode Ultrafast Rectifier
TO-220AB ITO-220AB
FEATURES * Oxide planar chip junction * Ultrafast recovery time * Soft recovery characteristics * Low switching losses, high efficiency * High forward surge capability * High frequency operation * Meets MSL level 1, per J-STD-020, LF maximum peak of 245 C (for TO-263AB package) * Solder dip 260 C, 40 s (for TO-220AB, IT-220AB) * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS For use in low voltage, high frequency rectifier of switching power supplies, freewheeling diodes, dc-to-dc converters or polarity protection application. MECHANICAL DATA Case: TO-220AB, ITO-220AB and TO-263AB Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test Polarity: As marked Mounting Torque: 10 in-lbs maximum
2 U10xCT
PIN 1 PIN 3 PIN 2 CASE
3 1 UF10xCT
PIN 1 PIN 3 PIN 2
2
3
1
TO-263AB K
2 1
UB10xCT
PIN 1 PIN 2 K HEATSINK
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM trr VF TJ max. 5Ax2 100 V, 150 V, 200 V 55 A 25 ns 0.89 V 150 C
MAXIMUM RATINGS (TC = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Max. average forward rectified current (Fig. 1) Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load per diode Electrostatic discharge capacitor voltage, human body model: C = 150 pF, R = 1.5 k (contact mode) Isolation voltage (ITO-220AB only) from terminal to heatsink t = 1 min per diode Operating junction and storage temperature range total device per diode SYMBOL VRRM IF(AV) IFSM VC VAC TJ, TSTG U(F,B)10BCT 100 U(F,B)10CCT 150 10 5 55 8 1500 - 55 to + 150 U(F,B)10DCT 200 UNIT V A A kV V C
Document Number: 88967 Revision: 13-May-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
New Product
U(F,B)10BCT thru U(F,B)10DCT
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TC = 25 C unless otherwise noted)
PARAMETER TEST CONDITIONS IF = 3.0 A IF = 5.0 A IF = 3.0 A IF = 5.0 A Maximum reverse current per diode (2) rated VR TJ = 25 C VF TJ = 150 C TJ = 25 C TJ = 100 C IR SYMBOL TYP. 0.97 1.05 0.79 0.89 0.5 100 13 trr 19.7 Qrr 3 25 9 nC MAX. 1.10 V 0.95 5.0 200 20 ns A UNIT
Maximum instantaneous forward voltage per diode (1)
Maximum reverse recovery time per diode
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A IF = 1.0 A, dI/dt = 100 A/s, VR = 30 V, Irr = 0.1 IRM IF = 2 A, dI/dt = 20 A/s, VR = 30 V, Irr = 0.1 IRM
Maximum stored charge per diode Notes: (1) Pulse test: 300 s pulse width, 1 % duty cycle (2) Pulse test: Pulse width 40 ms
THERMAL CHARACTERISTICS (TC = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance per diode SYMBOL RJA RJC U10xCT 25 5.3 UF10xCT 25 7.5 UB10xCT 25 5.3 UNIT C/W
ORDERING INFORMATION (Example)
PACKAGE TO-220AB ITO-220AB TO-263AB TO-263AB PREFERRED P/N U10DCT-E3/4W UF10DCT-E3/4W UB10DCT-E3/4W UB10DCT-E3/8W UNIT WEIGHT 1.87 1.77 1.31 1.31 PACKAGE CODE 4W 4W 4W 8W BASE QUANTITY 50/tube 50/tube 50/tube 800/reel DELIVERY MODE Tube Tube Tube Tape and reel
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88967 Revision: 13-May-08
New Product
U(F,B)10BCT thru U(F,B)10DCT
Vishay General Semiconductor
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
12 100
Average Forward Rectified Current (A)
Instantaneous Forward Current (A)
Resistive or Inductive Load 10
U(B)10xCT
TJ = 150 C
8
10
TJ = 125 C
6
UF10xCT
TJ = 25 C 1
4
2
0 0 25 50 75 100 125 150
0.1 0.1
0.5
0.9
1.3
1.7
2.1
Case Temperature (C)
Instantaneous Forward Voltage (V)
Figure 1. Maximum Forward Current Derating Curve
Figure 4. Typical Instantaneous Forward Characteristics Per Diode
6 D = 0.8 5 D = 0.5 D = 0.3 D = 1.0 4 D = 0.1 3 T 2 D = 0.2
10 000
Instantaneous Reverse Current (A)
Average Power Loss (W)
1000
TJ = 150 C
100
TJ = 125 C
10
1
1 TJ = 25 C 0.1
D = tp/T
tp
0 0 1 2 3 4 5 6
10
20
30
40
50
60
70
80
90
100
Average Forward Current (A)
Percent of Rated Peak Reverse Voltage (%)
Figure 2. Forward Power Loss Characteristics Per Diode
Figure 5. Typical Reverse Characteristics Per Diode
100
100 TJ = TJ max. 10 ms Single Half Sine-Wave TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p
Peak Forward Surge Current (A)
10
Junction Capacitance (pF)
1 10 100
10
1
1 0.1
1
10
100
Number of Cycles
Reverse Voltage (V)
Figure 3. Maximum Non-Repetitive Peak Forward Surge Current Per Diode
Figure 6. Typical Junction Capacitance Per Diode
Document Number: 88967 Revision: 13-May-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
New Product
U(F,B)10BCT thru U(F,B)10DCT
Vishay General Semiconductor
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AB
0.415 (10.54) MAX. 0.370 (9.40) 0.360 (9.14) 0.154 (3.91) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.635 (16.13) 0.625 (15.87) 3 0.603 (15.32) 0.573 (14.55) 0.350 (8.89) 0.330 (8.38) 1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46) 0.035 (0.90) 0.028 (0.70) 0.205 (5.20) 0.195 (4.95) 0.022 (0.56) 0.014 (0.36) 0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 45 REF. 0.404 (10.26) 0.384 (9.75) 0.076 (1.93) REF. 0.076 (1.93) REF.
7 REF. 0.140 (3.56) DIA. 0.125 (3.17) DIA. 0.135 (3.43) DIA. 0.122 (3.08) DIA.
ITO-220AB
0.190 (4.83) 0.170 (4.32) 0.110 (2.79) 0.100 (2.54)
0.600 (15.24) 0.580 (14.73)
PIN
0.671 (17.04) 0.651 (16.54)
7 REF. 0.350 (8.89) 0.330 (8.38)
1 0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14) 0.105 (2.67) 0.095 (2.41) 0.104 (2.65) 0.096 (2.45)
PIN 2
1
2
3
7 REF.
0.560 (14.22) 0.530 (13.46) 0.057 (1.45) 0.045 (1.14) 0.025 (0.64) 0.015 (0.38) 0.105 (2.67) 0.095 (2.41)
0.191 (4.85) 0.171 (4.35)
0.110 (2.79) 0.100 (2.54)
0.057 (1.45) 0.045 (1.14)
0.035 (0.89) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95)
0.028 (0.71) 0.020 (0.51)
TO-263AB
0.411 (10.45) 0.380 (9.65) 0.245 (6.22) MIN. K 0.360 (9.14) 0.320 (8.13) 1 K 2 0.055 (1.40) 0.047 (1.19) 0.670 (17.02) 0.591 (15.00) 0.15 (3.81) MIN. 0.08 (2.032) MIN. 0.105 (2.67) 0.095 (2.41) 0.33 (8.38) MIN. 0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14)
Mounting Pad Layout
0.42 (10.66) MIN.
0.624 (15.85) 0.591 (15.00)
0.037 (0.940) 0.027 (0.686) 0.105 (2.67) 0.095 (2.41)
0 to 0.01 (0 to 0.254) 0.110 (2.79) 0.090 (2.29) 0.021 (0.53) 0.014 (0.36) 0.205 (5.20) 0.195 (4.95) 0.140 (3.56) 0.110 (2.79)
www.vishay.com 4
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88967 Revision: 13-May-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of U10DCT-E34W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X