Part Number Hot Search : 
F1010EL 4007G XP0431N PT501 CUS10F30 CY7C14 CXA1994 MP6TP
Product Description
Full Text Search
 

To Download TCLT1104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TCLT11..Series
Vishay Semiconductors
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
FEATURES
* SMD low profile 5 pin package * Isolation test voltage 5000 VRMS * CTR flexibility available see order information
5 4 3
* Special construction * Extra low coupling capacitance * Connected base * DC input with transistor output * Thickness turnout insulation 0.75 mm * Creepage distance > 8 mm
1
17296
2
C
V DE
* Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
APPLICATIONS DESCRIPTION
The TCLT11.. series consists of a phototransistor optically coupled to a gallium arsenide infrared-emitting diode in a 5-lead SOP-6L package. The elements are mounted on one leadframe providing a fixed distance between input and output for highest safety requirements. * Switchmode power supplies * Computer peripheral interface * Microprocessor system interface
AGENCY APPROVALS
* UL1577, file no. E76222 system code W, double protection * CSA E76222 22.2 bulletin 5A * BSI IEC 60950 IEC 60065 * DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending * FIMKO
Note See the safety standard approval list "Agency Table" for more detailed information.
ORDER INFORMATION
PART TCLT1100 TCLT1102 TCLT1103 TCLT1104 TCLT1105 TCLT1106 TCLT1107 TCLT1108 TCLT1109 Note Available only on tape and reel. REMARKS CTR 50 to 600 %, SOP-6L5 CTR 63 to 125 %, SOP-6L5 CTR 100 to 200 %, SOP-6L5 CTR 160 to 320 %, SOP-6L5 CTR 50 to 150 %, SOP-6L5 CTR 100 to 300 %, SOP-6L5 CTR 80 to 160 %, SOP-6L5 CTR 130 to 260 %, SOP-6L5 CTR 200 to 400 %, SOP-6L5
Document Number: 83514 Rev. 2.1, 09-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 1
TCLT11..Series
Vishay Semiconductors Optocoupler, Phototransistor Output,
SOP-6L5, Half Pitch, Long Mini-Flat Package
ABSOLUTE MAXIMUM RATINGS
PARAMETER INPUT Reverse voltage Forward current Forward surge current Power dissipation Junction temperature OUTPUT Collector emitter voltage Emitter collector voltage Collector current Collector peak current Power dissipation Junction temperature COUPLER Isolation test voltage (RMS) Total power dissipation Operating ambient temperature range Storage temperature range Soldering temperature (2) VISO Ptot Tamb Tstg Tsld 5000 250 - 40 to + 100 - 40 to + 100 260 VRMS mW C C C tP/T = 0.5, tP 10 ms VCEO VECO IC ICM Pdiss Tj 70 7 50 100 150 125 V V mA mA mW C tP 10 s VR IF IFSM Pdiss Tj 6 60 1.5 100 125 V mA A mW C
(1)
TEST CONDITION
SYMBOL
VALUE
UNIT
Notes (1) T amb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability. (2) Refer to reflow profile for soldering conditions for surface mounted devices.
ELECTRICAL CHARACTERISTICS
PARAMETER INPUT Forward voltage Junction capacitance OUTPUT Collector emitter voltage Emitter collector voltage Collector emitter cut-off current COUPLER Collector emitter saturation voltage Cut-off frequency Coupling capacitance IF = 10 mA, IC = 1 mA VCE = 5 V, IF = 10 mA, RL = 100 f = 1 MHz VCEsat fc Ck 110 0.3 0.3 V kHz pF IC = 1 mA IE = 100 A VCE = 20 V, IF = 0 A, E = 0 VCEO VECO ICEO 70 7 10 100 V V nA IF = 50 mA VR = 0 V, f = 1 MHz VF Cj 1.25 50 1.6 V pF TEST CONDITION SYMBOL MIN. TYP. MAX. UNIT
Note Tamb = 25 C, unless otherwise specified. Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
www.vishay.com 2
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83514 Rev. 2.1, 09-Jan-08
TCLT11..Series
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
CURRENT TRANSFER RATIO
PARAMETER TEST CONDITION VCE = 5 V, IF = 5 mA VCE = 5 V, IF = 10 mA PART TCLT1100 TCLT1102 TCLT1103 TCLT1104 TCLT1102 IC/IF VCE = 5 V, IF = 1 mA TCLT1103 TCLT1104 TCLT1105 TCLT1106 VCE = 5 V, IF = 5 mA TCLT1107 TCLT1108 TCLT1109 SYMBOL CTR CTR CTR CTR CTR CTR CTR CTR CTR CTR CTR CTR MIN. 50 63 100 160 22 34 56 50 100 80 130 200 45 70 100 150 300 160 260 400 TYP. MAX. 600 125 200 320 UNIT % % % % % % % % % % % %
Vishay Semiconductors
MAXIMUM SAFETY RATINGS
PARAMETER INPUT Forward current OUTPUT Power dissipation COUPLER Rated impulse voltage Safety temperature VIOTM Tsi 8 150 kV C Pdiss 265 mW IF 130 mA TEST CONDITION SYMBOL MIN. TYP. MAX. UNIT
Note According to DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending (see figure 1). This optocoupler is suitable for safe electrical isolation only within the safety ratings. Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
INSULATION RATED PARAMETERS
PARAMETER Partial discharge test voltage routine test Partial discharge test voltage lot test (sample test) TEST CONDITION 100 %, ttest = 1 s tTr = 60 s, ttest = 10 s, (see figure 2) VIO = 500 V Insulation resistance VIO = 500 V, Tamb = 100 C VIO = 500 V, Tamb = 150 C (construction test only) SYMBOL Vpd VIOTM Vpd RIO RIO RIO MIN. 2.0 8 1.68 1012 1011 109 TYP. MAX. UNIT kV kV kV
Document Number: 83514 Rev. 2.1, 09-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 3
TCLT11..Series
Vishay Semiconductors Optocoupler, Phototransistor Output,
SOP-6L5, Half Pitch, Long Mini-Flat Package
Ptot - Total Power Dissipation (mW)
VIOTM
300 250 200 Phototransistor Psi (mW)
t1, t2 t3 , t4 ttest tstres VPd
= 1 to 10 s =1s = 10 s = 12 s
150 100 50 0 0 25 50 75 100 125 IR-Diode Isi (mA)
VIOWM VIORM
0
t3 ttest t4 t1 tTr = 60 s t2 t stres t
150
13930
94 9182
Tsi - Safety Temperature (C)
Fig. 1 - Derating Diagram
Fig. 2 - Test Pulse Diagram for Sample Test According to DIN EN 60747-5-2(VDE 0884)/DIN EN 60747-; IEC 60747
SWITCHING CHARACTERISTICS
PARAMETER Delay time Rise time Turn-on time Storage time Fall time Turn-off time Turn-on time Turn-off time TEST CONDITION VS = 5 V, IC = 2 mA, RL = 100 , (see figure 3) VS = 5 V, IC = 2 mA, RL = 100 , (see figure 3) VS = 5 V, IC = 2 mA, RL = 100 , (see figure 3) VS = 5 V, IC = 2 mA, RL = 100 , (see figure 3) VS = 5 V, IC = 2 mA, RL = 100 , (see figure 3) VS = 5 V, IC = 2 mA, RL = 100 , (see figure 3) VS = 5 V, IF = 10 mA, RL = 1 k, (see figure 4) VS = 5 V, IF = 10 mA, RL = 1 k, (see figure 4) SYMBOL td tr ton ts tf toff ton toff MIN. TYP. 3.0 3.0 6.0 0.3 4.7 5.0 9.0 10.0 MAX. UNIT s s s s s s s s
IF 0
IF
+5V IC = 2 mA; adjusted through input amplitude IF 0 IF = 10 mA +5V IC
RG = 50 tp = 0.01 T tp = 50 s
Channel I Channel II 50 100 Oscilloscope RL = 1 M CL = 20 pF
R G = 50 tp = 0.01 T t p = 50 s
Channel I Channel II 50 1 k Oscilloscope R L 1 M C L 20 pF
95 10804
95 10843
Fig. 3 - Test Circuit, Non-Saturated Operation
Fig. 4 - Test Circuit, Saturated Operation
www.vishay.com 4
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83514 Rev. 2.1, 09-Jan-08
TCLT11..Series
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
IF 0 IC 100 % 90 % tp t
Vishay Semiconductors
10 % 0
tr td t on
Pulse Duration Delay Time Rise Time Turn-on Time
ts
tf t off
t
Storage Time Fall Time Turn-off Time
tp td tr t on (= t d + tr)
96 11698
ts tf t off (= ts + tf)
Fig. 5 - Switching Times
TYPICAL CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
CTRrel - Relative Current Transfer Ratio
Ptot - Total Power Dissipation (mW)
300 Coupled device 250 200 Phototransistor 150 100 50 0 0 40 80 120 IR-diode
2.0 VCE = 5 V IF = 5 mA 1.5
1.0
0.5
0 - 25
0
25
50
75
96 11700
Tamb - Ambient Temperature (C)
95 11025
Tamb - Ambient Temperature (C)
Fig. 6 - Total Power Dissipation vs. Ambient Temperature
Fig. 8 - Relative Current Transfer Ratio vs. Ambient Temperature
1000
10000
ICEO - Collector Dark Current, with Open Base (nA)
IF - Forward Current (mA)
100
1000
VCE = 20 V IF = 0
10
100
1
10
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
96 11862
1 0
95 11026
25
50
75
100
VF - Forward Voltage (V)
Tamb - Ambient Temperature (C)
Fig. 7 - Forward Current vs. Forward Voltage Document Number: 83514 Rev. 2.1, 09-Jan-08
Fig. 9 - Collector Dark Current vs. Ambient Temperature www.vishay.com 5
For technical questions, contact: optocoupler.answers@vishay.com
TCLT11..Series
Vishay Semiconductors Optocoupler, Phototransistor Output,
SOP-6L5, Half Pitch, Long Mini-Flat Package
IC - Collector Current (mA)
VCE = 5 V 10
CTR - Current Transfer Ratio (%)
100
1000 VCE = 5 V 100
1
10
0.1
0.01 0.1
95 11027
1
10
100
1 0.1
1
10
100
IF - Forward Current (mA)
95 11029
IF - Forward Current (mA)
Fig. 10 - Collector Current vs. Forward Current
Fig. 13 - Current Transfer Ratio vs. Forward Current
ton/toff- Turn-on /Turn-off Time (s)
100
10 Non-Saturated Operation VS = 5 V RL = 100
IC - Collector Current (mA)
20 mA IF = 50 mA 10 10 mA 5 mA 2 mA 1 mA 0.1 0.1 1 10 100
8 6
ton
toff 4 2 0 0 2 4 6 8
1
95 10985
VCE - Collector Emitter Voltage (V)
95 11030
IC - Collector Current (mA)
Fig. 11 - Collector Current vs. Collector Emitter Voltage
Fig. 14 - Turn-on/off Time vs. Collector Current
20 % used
ton/toff - Turn-on/Turn-off Time (s)
1.0
50 Saturated Operation VS = 5 V RL = 1 k
VCEsat - Collector Emitter Saturation Voltage (V)
0.8 CTR = 50 % used 0.6
40 30
toff 20 10 0 0 5 10 15 ton 20
0.4 0.2 10 % used 0 1 10 100
95 11028
IC - Collector Current (mA)
95 11031
IF - Forward Current (mA)
Fig. 12 - Collector Emitter Saturation Voltage vs. Collector Current
Fig. 15 - Turn-on/off Time vs. Forward Current
www.vishay.com 6
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83514 Rev. 2.1, 09-Jan-08
TCLT11..Series
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
PACKAGE DIMENSIONS in millimeters (inches)
Vishay Semiconductors
4.1 max. 3.8 2.3 max.
10.2
+ 0.3 - 0.4
7.5 0.2 0.1 0.1
2
0.45 0.1 2.54 nom. 1.27 nom. 5 4 3
2.54 (0.1)
0.7
+ 0.3 - 0.4
0.15
+ 0.10 - 0.05
Possible footprint
2.54 (0.1)
Possible footprint
1.27 (0.05)
8.2 (0.325) 0.9 (0.035) 10.8 (0.425)
1
2
Pin no. 1 identification
technical drawings according to DIN specifications
15227
Document Number: 83514 Rev. 2.1, 09-Jan-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 7
TCLT11..Series
Vishay Semiconductors Optocoupler, Phototransistor Output,
SOP-6L5, Half Pitch, Long Mini-Flat Package
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA. 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 8
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83514 Rev. 2.1, 09-Jan-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TCLT1104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X