Part Number Hot Search : 
PJD09N03 100PB CY14B OZ9976 21210 6KE12 PCJ1084 E1300
Product Description
Full Text Search
 

To Download SUR2X60-08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUR2X60-08, SUR2x60-10
Ultra Fast Recovery Epitaxial Diodes
Dimensions SOT-227(ISOTOP)
Dim. A B C D E F G H J K L M N O Millimeter Min. Max. 31.50 7.80 4.09 4.09 4.09 14.91 30.12 37.80 11.68 8.92 0.76 12.60 25.15 1.98 4.95 26.54 3.94 4.72 24.59 -0.05 3.30 0.780 31.88 8.20 4.29 4.29 4.29 15.11 30.30 38.20 12.22 9.60 0.84 12.85 25.42 2.13 5.97 26.90 4.42 4.85 25.07 0.1 4.57 0.830 Inches Min. Max. 1.240 0.307 0.161 0.161 0.161 0.587 1.186 1.489 0.460 0.351 0.030 0.496 0.990 0.078 0.195 1.045 0.155 0.186 0.968 -0.002 0.130 19.81 1.255 0.323 0.169 0.169 0.169 0.595 1.193 1.505 0.481 0.378 0.033 0.506 1.001 0.084 0.235 1.059 0.174 0.191 0.987 0.004 0.180 21.08
SUR2X60-08 SUR2x60-10
VRSM V 800 1000
VRRM V 800 1000
P Q R S T U V W
Symbol IFRMS IFAVM IFRM
Test Conditions TVJ=TVJM TC=50oC; rectangular, d=0.5 tp<10us; rep. rating, pulse width limited by TVJM TVJ=45oC t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine
Maximum Ratings 100 60 800 500 540 450 480 1150 1200 1000 950 -40...+150 150 -40...+150
Unit A
IFSM
TVJ=150oC TVJ=45oC
A
I2t
TVJ=150oC
A2s
TVJ TVJM Tstg Ptot VISOL Md Weight TC=25oC 50/60Hz, RMS _ IISOL<1mA Mounting torque Terminal connection torque (M4)
o
C
180 2500 1.5/13 1.5/13 30
W V~ Nm/lb.in. g
SUR2X60-08, SUR2x60-10
Ultra Fast Recovery Epitaxial Diodes
Symbol
Test Conditions TVJ=25oC; VR=VRRM TVJ=25oC; VR=0.8.VRRM TVJ=125oC; VR=0.8.VRRM IF=60A; TVJ=150oC TVJ=25oC For power-loss calculations only TVJ=TVJM
Characteristic Values typ. max. 3 0.5 14 1.8 2.3 1.43 6.1 0.7 0.05
Unit
IR
mA
VF VTO rT RthJC RthCK trr IRM
V V m K/W
IF=1A; -di/dt=200A/us; VR=30V; TVJ=25oC _ VR=540V; IF=60A; -diF/dt=480A/us; L<0.05uH; TVJ=100 C
o
35 32
50 36
ns A
FEATURES
* International standard package miniBLOC (ISOTOP compatible) * Isolation voltage 2500 V~ * 2 independent FRED in 1 package * Planar passivatd chips * Very short recovery time * Extremely low switching losses * Low IRM-values * Soft recovery behaviour
APPLICATIONS
* Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating and melting * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders
ADVANTAGES
* High reliability circuit operation * Low voltage peaks for reduced protection circuits * Low noise switching * Low losses * Operating at lower temperature or space saving by reduced cooling
SUR2X60-08, SUR2x60-10
Ultra Fast Recovery Epitaxial Diodes
Fig. 1 Forward current versus voltage drop.
Fig. 2 Recovery charge versus -diF/dt.
Fig. 3 Peak reverse current versus -diF/dt.
Fig. 4 Dynamic parameters versus junction temperature.
Fig. 5 Recovery time versus -diF/dt.
Fig. 6 Peak forward voltage versus diF/dt.
Fig. 7 Transient thermal impedance junction to case.


▲Up To Search▲   

 
Price & Availability of SUR2X60-08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X