Part Number Hot Search : 
LTC10 SD1135 1N472 UPC1043 051A1 AQY213 R12KE ZSM33006
Product Description
Full Text Search
 

To Download SR4020PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR4020PT - SR40150PT
40.0 AMPS. Schottky Barrier Rectifiers TO-3P/TO-247AD
Features
Dual rectifier construction, positive center-tap Plastic package has Underwriters Laboratory Flammability Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low VF High surge capability Epitaxial construction For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications High temperature soldering guaranteed: 260oC/ 10 seconds, 0.17"(4.3mm)lead lengths at 5 lbs., (2.3kg) tension
Mechanical Data
Cases: JEDEC TO-3P/TO-247AD molded plastic Terminals: Pure tin plated, lead free. solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Weight: 0.2 ounce, 5.6 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics o
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% SR SR Symbol SR Type Number
4020 PT 4030 PT Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at o Tc=100 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage 20.0A (Note 3) o Maximum D.C. Reverse Current @ Tc=25 C o at Rated DC Blocking Voltage @ Tc=100 C Typical Junction Capacitance (Note 2) Typical Thermal Resistance Per Leg (Note 1) Operating Junction Temperature Range Storage Temperature Range 4040 PT SR 4050 PT SR 4060 PT SR SR SR 4090 40100 40150 PT PT PT
Units
V V V A A
VRRM VRMS VDC I(AV) IFSM VF IR Cj RJC TJ TSTG
20 14 20
30 21 30
40 28 40
50 35 50 40 400
60 42 60
90 63 90
100 70 100
150 105 150
0.55 1.0 30 1100 -65 to +125
0.70 20 600 1.2
0.90 0.5 10 550 -65 to +150
1.00
V mA mA
o
pF
Notes:
-65 to +150 1. Thermal Resistance from Junction to Case Per Leg, with Heatsink size (4" x 6" x 0.25") Al-Plate. 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C. 3. 300 us Pulse Width, 2% Duty Cycle
C/W o C o C
- 168 -
Version: B07
RATINGS AND CHARACTERISTIC CURVES (SR4020PT THRU SR40150PT)
FIG.1- FORWARD CURRENT DERATING CURVE
50 400
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
8.3ms SINGLE HALF SINE WAVE PER LEG. (JEDEC METHOD) Tj=Tj max.
40
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD CURRENT. (A)
SR4
300
SR4
30
050
020 -40
-150 PT
20
PT
200
10
0 0 50 100 o CASE TEMPERATURE. ( C) 150
100
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
100
FIG.3- TYPICAL FORWARD CHARACTERISTICS PER LEG
PT 60 40 SR PT 50 40 SR
10
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
SR 40 20 PT -S R4 04 0P T
INSTANTANEOUS REVERSE CURRENT. (mA)
INSTANTANEOUS FORWARD CURRENT. (A)
PT
40
90
PT -S
10
R4
01
00
1
0 TJ=100 C
0 TJ=75 C
SR
1
SR
40
15
0P
0.1
T
0.01
0 TJ=25 C
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE 0.1 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.001 0 20 40 60 80 100 120 140
0
INSTANTANEOUS FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
4000 100
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
JUNCTION CAPACITANCE.(pF)
2000
SR4020 -40PT
10
1000 800 600 400
SR405
0-150
PT
1
200
100 0.1
0.4
1
4
10
40
80 100
0.1 0.01
0.1
REVERSE VOLTAGE. (V)
1 T, PULSE DURATION. (sec)
10
100
Version: B07


▲Up To Search▲   

 
Price & Availability of SR4020PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X