Part Number Hot Search : 
NR8500 TC148 B80N04S AD6600 91930 20U60 91930 18X40
Product Description
Full Text Search
 

To Download SK110B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SK12B - SK115B
1.0 AMP. Surface Mount Schottky Barrier Rectifiers SMB/DO-214AA
.083(2.10) .077(1.95) .147(3.73) .137(3.48)
Features
For surface mounted application Metal to silicon rectifier, majority carrier conduction Low forward voltage drop Easy pick and place High surge current capability Plastic material used carriers Underwriters Laboratory Classification 94V-0 Epitaxial construction High temperature soldering: 260oC / 10 seconds at terminals
.187(4.75) .167(4.25) .012(.31) .006(.15)
.103(2.61) .078(1.99) .012(.31) .006(.15) .056(1.41) .035(0.90) .209(5.30) .201(5.10) .008(.20) .004(.10)
Mechanical Data
Case: Molded plastic Terminals: Pure tin plated, lead free. Polarity: Indicated by cathode band Packaging: 16mm tape per EIA STD RS-481 Weight: 0.093 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SK SK SK SK Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA=75 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 1.0A
Maximum DC Reverse Current (Note 1)@TA =25 oC at Rated DC Blocking Voltage @ TA=125 oC
VRRM VRMS VDC I(AV) IFSM VF IR Cj
12B 20 14 20
13B 30 21 30
14B 40 28 40
15B 50 35 50
SK 16B 60 42 60
SK SK SK 90B 110B 115B 90 100 150 63 70 105 90 100 150
Units
V V V A A
1.0 30 0.5 0.5 10 5.0 110
o
0.75
0.85 0.1 2.0
0.95
V mA mA pF C/W o C o C
Typical Junction Capacitance (Note 2)
Typical Thermal Resistance ( Note 1 ) 25 RJL Operating Temperature Range TJ -55 to +125 -55 to +150 Storage Temperature Range TSTG -55 to +150 Notes: 1. Thermal Resistance from Junction to Lead. 2. Measured at 1.0 MHz and Applies Reverse Voltage of 4.0V. 3. Measured on P.C.Board with 0.4" x 0.4" (10mm x 10mm) Copper Pad Area.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (SK12B THRU SK115B)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
1.0 50
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD CURRENT. (A)
RESISTIVE OR INDUCTIVE LOAD
40
AT RATED TL 8.3ms Single Half Sine Wave JEDEC Method
SK12B - SK14B
0.5
SK15B - SK115B
30
20
10
PCB MOUNTED ON 0.4X0.4" (10X10mm) COPPER PAD AREAS 0 50 60 70 80 90 100 110 120 130
o
0 140 150 160 170 1 10 NUMBER OF CYCLES AT 60Hz 100 LEAD TEMPERATURE. ( C)
FIG.3- TYPICAL FORWARD CHARACTERISTICS
50
100
FIG.4- TYPICAL REVERSE CHARACTERISTICS
SK12B-SK14B SK15B & SK16B SK110B & SK115B
INSTANTANEOUS REVERSE CURRENT. (mA)
10
INSTANTANEOUS FORWARD CURRENT. (A)
10.0
Tj=125 0C
1
1
0.1
Tj=75 0C
PULSE WIDTH=300 S 1% DUTY CYCLE
0.1
0.01
Tj=25 0C
SK12B-SK14B SK15B & SK16B SK110B & SK115B
0.01 0 .2 .4 .6 .8 1.0 1.2 1.4 1.6 FORWARD VOLTAGE. (V)
0.001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
Tj=25 0C f=1.0MHz Vsig=50mVp-p
100
TRANSCIENT THERMAL IMPEDANCE, ( oC/W)
400
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTICS
100
JUNCTION CAPACITANCE.(pF)
10
1
10
.1
1.0
10
100
0.1 0.01
0.1
1 PULSE DURATION, (sec)
10
100
REVERSE VOLTAGE. (V)
Version: A06


▲Up To Search▲   

 
Price & Availability of SK110B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X