Part Number Hot Search : 
ICX429 SPIC33 020D06E2 AD7868BR T113059 PM534 87HF160 IRFZ48L
Product Description
Full Text Search
 

To Download SI4559ADY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI4559ADY
New Product
Vishay Siliconix
N- and P-Channel 60-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
N-Channel N Channel P-Channel P Channel 60 -60 60
FEATURES
ID (A)a
5.3 4.7 -3.9 -3.5 8nC 6 nC
rDS(on) (W)
0.058 at VGS = 10 V 0.072 at VGS = 4.5 V 0.120 at VGS = -10 V 0.150 at VGS = -4.5 V
Qg (Typ)
D TrenchFETr Power MOSFET D 100 % Rg & UIS Tested
APPLICATIONS
D CCFL Inverter
RoHS
COMPLIANT
D1
S2
SO-8
S1 G1 S2 G2 1 2 3 4 Top View Ordering Information: SI4559ADY-T1--E3 (Lead (Pb)-free) 8 7 6 5 D1 D1 D2 D2 S1 N-Channel MOSFET D2 P-Channel MOSFET G1 G2
ABSOLUTE MAXIMUM RATINGS (TA = 25 _C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage TC = 25 _C Continuous Drain Current (TJ = 150 _C) TC = 70 _C TA = 25 _C TA = 70 _C Pulsed Drain Current (10 ms Pulse Width) Source-Drain Source Drain Current Diode Current Pulsed Source-Drain Current Single Pulse Avalanche Current Single Pulse Avalanche Energy L = 0 1 mH 0.1 TC= 25 _C Maximum Power Dissipation TC= 70 _C TA = 25 _C TA = 70 _C Operating Junction and Storage Temperature Range TJ, Tstg PD TC = 25 _C TA = 25 _C IDM IS ISM IAS EAS ID
Symbol
VDS VGS
N-Channel
60 "20 5.3 4.3 4.3b, c 3.4b, c 20 2.6 1.7b, c 20 11 6.1 3.1 2 2b, c 1.3b, c -55 to 150
P-Channel
-60
Unit
V
-3.9 -3.2 -3.0b, c -2.4b, c -25 -2.8 -1.7b, c -25 15 11 3.4 2.2 2b, c 1.3b, c _C W mJ A
THERMAL RESISTANCE RATINGS
N-Channel Parameter
Maximum Junction-to-Ambientb, d Maximum Junction-to-Foot (Drain) t v 10 sec Steady-State
P-Channel Typ
53 30
Symbol
RthJA RthJF
Typ
55 33
Max
62.5 40
Max
62.5 37
Unit
_C/W
Notes a. Based on TC = 25 _C. b. Surface Mounted on 1" x 1" FR4 Board. c. t = 10 sec. d. Maximum under steady state conditions is 110 _C/W for N-channel and P-channel. Document Number: 73624 S-52667--Rev. A, 02-Jan-06 www.vishay.com
1
SI4559ADY
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25 _C UNLESS OTHERWISE NOTED)
Parameter Static
VGS = 0 V, ID = 250 mA Drain-Source Drain Source Breakdown Voltage VDS VGS = 0 V, ID = -250 mA ID = 250 mA ID = -250 mA ID = 250 mA IID = -250 mA VDS = VGS, ID = 250 mA VDS = VGS, ID = -250 mA VDS = 0 V, VGS = "20 V V VDS = 60 V, VGS = 0 V Zero Gate Voltage Drain Current IDSS VDS = -60 V, VGS = 0 V VDS = 60 V, VGS = 0 V, TJ = 55 _C VDS = -60 V, VGS = 0 V, TJ = 55 _C On-State On State Drain Currentb ID( ) D(on) VDS w 5 V, VGS = 10 V VDS p -5 V, VGS = -10 V VGS = 10 V, ID = 4.3 A Drain-Source On-State Drain Source On State Resistanceb rDS( ) DS(on) VGS = -10 V, ID = -3.1 A VGS = 4.5 V, ID = 3.9 A VGS = -4.5 V, ID = -0.2 A Forward Transconductanceb gf fs VDS = 15 V, ID = 4.3 A VDS = -15 V, ID = -3.1 A N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N Ch N-Ch P-Ch N Ch N-Ch P-Ch N Ch N-Ch P-Ch N Ch N-Ch P-Ch N Ch N-Ch P-Ch N Ch N-Ch P-Ch N Ch N-Ch P-Ch N Ch N-Ch P-Ch 20 -25 0.046 0.1 0.059 0.126 15 8.5 S 0.058 0.120 0.072 0.150 W A 1 -1 60 V -60 55 -50 -6 4 3 -3 100 -100 1 -1 10 -10 mA nA V mV
Symbol
Test Condition
Min
Typa
Max
Unit
VDS Temperature Coefficient
DVDS/TJ
VGS( h) Temperature Coefficient GS(th)
DVGS( h)/TJ GS(th)
Gate Threshold Voltage
VGS( h) GS(th) IGSS
Gate-Body Gate Body Leakage
Dynamica
N-Ch Input Capacitance Ciiss Coss Crss VDS = 30 V, VGS = 10 V, ID = 4.3 A Total Gate Charge Qg VDS = -30 V, VGS = -10 V, ID = -3.1 A N-Channel VDS = 15 V, VGS = 0 V, f = 1 MHz P Channel P-Channel VDS = - 15 V, VGS = 0 V, f = 1 MHz Reverse Transfer Capacitance P-CH N Ch N-Ch P-Ch N Ch N-Ch P-Ch N-Ch P-Ch N Ch N-Ch N-Channel VDS = 30 V, VGS = 4.5 V, ID = 4.3 A Gate-Source Gate Source Charge Qgs P Channel P-Channel VDS = - 30 V, VGS = -4.5 V, ID = -3.1 A Gate-Drain Gate Drain Charge Qgd d Rg f = 1 MHz P-Ch N Ch N-Ch P-Ch N Ch N-Ch P-Ch N Ch N-Ch P-Ch 665 650 75 95 40 60 13 14.5 6 8 2.3 2.2 2.6 3.7 2 14 3 20 W 20 22 9 12 nC pF
Output Capacitance
Gate Resistance
www.vishay.com
2
Document Number: 73624 S-52667--Rev. A, 02-Jan-06
SI4559ADY
New Product
SPECIFICATIONS (TJ = 25 _C UNLESS OTHERWISE NOTED)
Parameter Dynamica
Turn-On Turn On Delay Time td( ) d(on) tr td( ff) d(off) tf td( ) d(on) tr td( ff) d(off) tf N-Channel N Channel VDD = 30 V, RL = 8.8 W ID ^ 3.4 A, VGEN = 10 V, Rg = 1 W P Channel P-Channel VDD = -30 V, RL = 12.5 W ID ^ -2 4 A, VGEN = -10 V Rg =1 W -2.4 A V, N-Channel N Channel VDD = 30 V, RL = 8.8 W ID ^ 3.4 A, VGEN = 4.5 V, Rg = 1 W P Channel P-Channel VDD = -30 V, RL = 12.5 W ID ^ -2 4 A VGEN = -4.5 V, Rg = 1 W -2.4 A, -4 5 V N Ch N-Ch P-Ch N Ch N-Ch P-Ch N Ch N-Ch P-Ch N Ch N-Ch P-Ch N Ch N-Ch P-Ch N Ch N-Ch P-Ch N Ch N-Ch P-Ch N Ch N-Ch P-Ch 15 30 65 70 15 40 10 30 10 10 15 13 20 35 10 30 25 45 100 105 25 60 15 45 15 15 25 20 30 55 15 45 ns
Vishay Siliconix
Symbol
Test Condition
Min
Typa
Max
Unit
Rise Time
Turn-Off Turn Off Delay Time
Fall Time
Turn-On Turn On Delay Time
Rise Time
Turn-Off Turn Off Delay Time
Fall Time
Drain-Source Body Diode Characteristics
Continuous Source Drain Diode Current Source-Drain Pulse Diode Forward Currenta IS ISM IS = 1.7 A Body Diode Voltage VSD IS = -2 A TC = 25 _C N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch Body Diode Reverse Recovery Time trr Qrr ta tb N-Channel IF = 1.7 A, di/dt = 100 A/ms, TJ = 25 _C P Channel P-Channel IF = -2 A, di/dt = -100 A/ms, TJ = 25 _C P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch Reverse Recovery Rise Time P-Ch 0.8 -0.8 30 30 32 35 25 16 5 14 ns 2.6 -2.8 20 -25 1.2 -1.2 60 50 50 60 nC ns V A
Body Diode Reverse Recovery Charge
Reverse Recovery Fall Time
Notes a. Guaranteed by design, not subject to production testing. b. Pulse test; pulse width v 300 ms, duty cycle v 2 %. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Document Number: 73624 S-52667--Rev. A, 02-Jan-06
www.vishay.com
3
SI4559ADY
Vishay Siliconix
New Product
N CHANNEL
Transfer Characteristics
5 VGS = 10 thru 4 V 4
TYPICAL CHARACTERISTICS (25 _C UNLESS NOTED)
Output Characteristics
20 18 I D - Drain Current (A) 16 14 12 10 8 6 4 2 0 0.0 3V 0 0.0
I D - Drain Current (A)
3
2 TC = 125 _C 1 25 _C -55 _C 0.5 1.0 1.5 2.0 2.5 3.0 3.5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current and Gate Voltage
0.080 0.075 800 C - Capacitance (pF) 0.070 0.065 0.060 0.055 VGS = 10 V 0.050 200 0.045 0.040 0 2 4 6 8 10 12 14 16 18 20 0 0 Crss 10 Coss VGS = 4.5 V 1000
Capacitance
rDS(on) - On-Resistance (mW)
Ciss 600
400
20
30
40
50
60
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
10 V GS - Gate-to-Source Voltage (V) VDS = 30 V ID = 4.3 A 8 rDS(on) - On-Resistance (Normalized) 1.6 1.4 1.2 1.0 0.8 0 0 3 6 9 12 15 0.6 -50 2.0 1.8
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 4.3 A
6
4
2
-25
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (_C) Document Number: 73624 S-52667--Rev. A, 02-Jan-06
www.vishay.com
4
SI4559ADY
New Product
TYPICAL CHARACTERISTICS (25 _C UNLESS NOTED)
Source-Drain Diode Forward Voltage
rDS(on) - Drain-to-Source On-Resistance (mW) 20 TJ = 150 _C 10 I S - Source Current (A) 0.12 0.11 0.10 0.09 0.08 0.07 ID = 4.3 A 0.06 0.05 0.04 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 2 4 6 8 10
Vishay Siliconix
N CHANNEL
On-Resistance vs. Gate-to-Source Voltage
TJ = 25 _C
1 0.0 VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Threshold Voltage
3.0 2.8 20 2.6 VGS(th) (V) 2.4 2.2 2.0 1.8 5 1.6 1.4 -50 0 0.01 ID = 250 mA Power (W) 15 25
Single Pulse Power, Junction-to-Ambient
10
-25
0
25
50
75
100
125
150
0.1
1 Time (sec)
10
100
1000
TJ - Temperature (_C)
Safe Operating Area
100 *rDS(on) Limited 10 I D - Drain Current (A)
100 ms 1 ms 10 ms
1
0.1 TA = 25 _C Single Pulse
0.01
100 ms 1s 10 s dc
0.001 0.1 1 10 100
VDS - Drain-to-Source Voltage (V) *VGS u minimum VGS at which rDS(on) is specified Document Number: 73624 S-52667--Rev. A, 02-Jan-06
www.vishay.com
5
SI4559ADY
Vishay Siliconix
New Product
N CHANNEL
Power De-Rating
4.0 3.5 3.0 ID - Drain Current (A) 4 Power Dissipation (W) 2.5 2.0 1.5 1.0 0.5 0 25 50 75 100 125 150 0.0 0 25 50 75 100 125 150
TYPICAL CHARACTERISTICS (25 _C UNLESS NOTED)
Current De-Rating*
6
5
3
2
1
TC - Case Temperature (_C)
TC - Case Temperature (_C)
Single Pulse Avalanche Capability
100
IC - Peak Avalanche Current (A)
10
TA +
L @ ID BV * VDD
1 0.000001
0.00001
0.0001
0.001
TA - Time In Avalanche (sec)
*The power dissipation PD is based on TJ(max) = 150 _C, using junction-to-case thermal resistance, and is more useful in settling the upper dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package limit.
www.vishay.com
6
Document Number: 73624 S-52667--Rev. A, 02-Jan-06
SI4559ADY
New Product
TYPICAL CHARACTERISTICS (25 _C UNLESS NOTED)
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
Vishay Siliconix
N CHANNEL
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.2
Notes:
0.1 0.1 0.05
t1 PDM
0.02
t2 1. Duty Cycle, D =
t1 t2 2. Per Unit Base = RthJA = 90 _C/W
Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Case
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
Document Number: 73624 S-52667--Rev. A, 02-Jan-06
www.vishay.com
7
SI4559ADY
Vishay Siliconix
New Product
P CHANNEL
Transfer Characteristics
25 VGS = 10 thru 5 V 20 I D - Drain Current (A) I D - Drain Current (A) 20
TYPICAL CHARACTERISTICS (25 _C UNLESS NOTED)
Output Characteristics
25
15 4V 10
15
10 TC = 125 _C 5 25 _C 0
5 3V 0 0 1 2 3 4 5 6 7 8
-55 _C 3 4 5 6
0
1
2
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
0.40 0.35 rDS(on) - On-Resistance (W) 0.30 0.25 0.20 0.15 0.10 200 0.05 0.00 0 5 10 15 20 25 0 0 Crss 10 20 VGS = 4.5 V VGS = 10 V C - Capacitance (pF) 800 1000
Capacitance
Ciss 600
400
Coss
30
40
50
60
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
10 V GS - Gate-to-Source Voltage (V) VDS = 30 V ID = 3.1 A 8 rDS(on) - On-Resistance (Normalized) 1.8 1.6 1.4 1.2 1.0 0.8 0 0 3 6 9 12 15 Qg - Total Gate Charge (nC) 0.6 -50 2.2 2.0
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 3.1 A
6
4
2
-25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (_C)
www.vishay.com
8
Document Number: 73624 S-52667--Rev. A, 02-Jan-06
SI4559ADY
New Product
TYPICAL CHARACTERISTICS (25 _C UNLESS NOTED)
Source-Drain Diode Forward Voltage
20 TJ = 150_C rDS(on) - On-Resistance (W) I S - Source Current (A) 10 0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0.00 0.2 0.4 0.6 0.8 1.0 1.2 0 2 4 6 8 10 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V) ID = 3.1 A
Vishay Siliconix
P CHANNEL
On-Resistance vs. Gate-to-Source Voltage
TJ = 25_C 1 0.0
Threshold Voltage
0.6 50
Single Pulse Power
0.4 V GS(th) Variance (V) ID = 250 mA 0.2
40
Power (W)
30
0.0
20
-0.2
10
-0.4 -50
-25
0
25
50
75
100
125
150
0 10-3
10-2
10-1
1
10
100
600
TJ - Temperature (_C)
Time (sec)
Safe Operating Area, Junction-to-Case
100 IDM Limited
10 I D - Drain Current (A)
Limited by rDS(on)
P(t) = 0.0001
1 ID(on) Limited 0.1 TA = 25 _C Single Pulse BVDSS Limited
P(t) = 0.001 P(t) = 0.01 P(t) = 0.1 P(t) = 1 P(t) = 10 dc
0.01 0.1
1 10 100 VDS - Drain-to-Source Voltage (V) *VGS u minimum VGS at which rDS(on) is specified www.vishay.com
Document Number: 73624 S-52667--Rev. A, 02-Jan-06
9
SI4559ADY
Vishay Siliconix
New Product
P CHANNEL
TYPICAL CHARACTERISTICS (25 _C UNLESS NOTED)
Current De-Rating*
4.0 3.5 3.0 ID - Drain Current (A) 2.5 2.0 1.5 1.0 0.5 0.0 25 50 75 100 125 150
TC - Case Temperature (_C)
Power De-Rating, Junction-to-Foot
4.5 4.0 3.5 Power Dissipation (W) 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 25 50 75 100 125 150 1 0.000001 IC - Peak Avalanche Current (A) 100
Single Pulse Avalanche Capability
10
TA +
L @ ID BV * VDD
0.00001
0.0001
0.001
TC - Case Temperature (_C)
TA - Time In Avalanche (sec)
*The power dissipation Pb is based on TJ(max) = 150 _C, using junction-to-case thermal resistance, and is more useful in settling the upper dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package limit.
www.vishay.com
10
Document Number: 73624 S-52667--Rev. A, 02-Jan-06
SI4559ADY
New Product
TYPICAL CHARACTERISTICS (25 _C UNLESS NOTED)
Vishay Siliconix
P CHANNEL
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2
Notes:
0.1 0.1 0.05
t1 PDM
0.02
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 85 _C/W
t1 t2
Single Pulse 0.01 10-4 10-3 10-2 1 Square Wave Pulse Duration (sec) 10-1
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?73624. Document Number: 73624 S-52667--Rev. A, 02-Jan-06 www.vishay.com
11
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SI4559ADY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X