Part Number Hot Search : 
15KPA 101MC OC22T12S TC514CPJ RGP15MT M2AZ10 000001 RF840
Product Description
Full Text Search
 

To Download SF541310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S/MON/SF541310/B/14/05/2002
page 1 /2 F/GB
RELAIS STATIQUE DE PUISSANCE MINIATURE VERY SMALL POWER SOLID STATE RELAY
Le relais statique SF5 est un relais miniature synchrone de moyenne puissance. Il utilise les techniques les plus modernes telles que le montage en surface, ainsi que des composants de pointe tels que les triacs snubberless. Son volume extremement modeste permet une integration dans toutes les combinaisons d'interfacage. SF5 is a miniature zero cross solid state relay for medium power applications. It is fully wired with SMD process and celduc select the high technology components like snubberless triacs. His very small size allowed to place it as an interface in all configurations
4,8x0,8 6,35x0,8 11,6 8 25 15 2 35,5 30 12,7 6,4
SF541310
4-30VDC control 10A/230VAC output
Synchrone / Zero cross Cosses Fastons / Fastons connections
8,6
10
schema equivalent / Equivalent circuit
3+ R
4
1~
ZERO CROSS
-4
2
21 +3
1
21
4-
2~
Modele a cosses Fastons / Fastons connections model
Caracteristiques de commande (a 20C) / Control characteristics (at 20C) Parametre / Parameter Symbol Min Tension de commande / Control voltage Uc 4 Courant de commande / Control current (@ Uc ) Ic 3 Tension de relachement/Release voltage Uc off 1 Resistance interne / Input internal resistor fig.1 Rc Tension inverse / Reverse voltage Urv sur demande / on request models 2,7-15VDC ( Re = 470) DC Nom Max 30 30 Unit V mA V V fig. 1 :Caracteristique d'entree / Control characteristic
fig1 : Caracteristique d'entree / Control characteristic 30 28 26 24 22 20 18 16 14 12 10 8 6 4 2 0 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30
1000 30
Caracteristiques d'entree-sortie (a 20C) / Input-output characteristics (at 20C) Isolement entree-sortie/Input-output isolation @500m Ui 4000 Isolement sortie-semelle/Output-case isolation @500m Ui 2500 Tension assignee Isolement/Rated impulse voltage Uimp 4000 Caracteristiques generales / General characteristics Parametre / Parameter Poids/Weight Plage de temperature de stockage / Storage temperature range Plage de temperature de fonctionnement/Operating temperature range
VRMS VRMS V
Ic (mA)
Uc (V)
Conditions
Symbol
Typ. 90 -40 / +100 -40 / +100
Unit g C C
Proud to serve you
All technical caracteristics are subject to change without previous notice. Caracteristiques sujettes a modifications sans preavis.
celduc
r e l a i
s
S/MON/SF541310/B/14/05/2002
Caracteristiques de sortie(a 20C) / Output characteristics (at 20C) Parametre / Parameter Tension de charge / Load voltage Plage tension de fonctionnement / Operating range Tension crete / Peak voltage Niveau de synchonisation / Synchronizing level Tension d'amorcage / Latching voltage Courant nominal AC-51/ AC-51 nominal current Courant nominal AC-53/ AC-53 nominal current Courant de surcharge non repetitif /Non repetitive overload current Chute tension directe crete/ On state voltage drop Courant de fuite etat bloque/ Off state leakage current Courant de charge minimum / Minimum load current Temps de fermeture/ Turn on time Temps d'ouverture/ Turn off time Plage de frequence / Operating frequency range dv/dt etat bloque / Off state dv/dt dI/dt maximum non repetitif/ Maximum di/dt non repetitive I2t (<10ms) EMC Test d'immunite conduite / Conducted immunity level EMC Test d'immunite conduite / Conducted immunity level Conformite / Conformity Puissance moyenne dissipee (W) / Average power dissipation (W)
13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 1 2 3 4 5 6 7 8 9 10 0
page 2 / 2 F/GB
Typ. Unit 230 V rms 12-280 V rms 600 V 12 V Ie nom 8 V ( see Fig. 2 ) 10 A rms use an external VDR 2,5 A rms tp=10ms (Fig. 3) Itsm 120 A @ Ie nom Vd 1,3 V @Ue, 50Hz Ilk <3 mA Ie min 5 mA Uc nom DC ,f=50Hz ton max 10 ms Uc nom DC ,f=50Hz toff max 10 ms f 0,1-440 Hz dv/dt 500 V/s di/dt 50 A/s I2t 72 A2s IEC 1000-4-4 (burst) 2kV criterion B IEC 1000-4-5(schocks) 2kV crit.A with external VDR EN60947-4-x Temperature de la semelle max (C) / Max case temperature (C) Conditions Symbol Ue Uemin-max Up Usync Ua Ie AC-51
Fig. 2 Courbes thermiques / Thermal characteristics
C 2C/W
0C/W
SA N N O S RAD I HE A T ATEU SIN R K
10 20 30 40
50 60 70 80 90 100 110 120125
Courant efficace commute (A) / RMS switched current (A)
Temperature ambiante (C) / Ambient temperature (C) 1 -Itsm non repetitif sans tension reappliquee est donne pour la determination des protections. No repetitive Itsm is given without voltage reapplied for the determination of the protection. 2 -Itsm repetitif est donne pour des surcharges de courant (Tj initiale=70C). La repetition de ces surcharges de courant diminue la duree de vie du Relais. Repetitive Itsm is given for inrush current with initial Tj = 70C. The repetition of the surge current decrease the lifetime SSR's .
Fig.3 Surcharge de courant : Itsm (Apeak) = f(t) pour modele 10A(Itsm=120A) / Surge current : Itsm (Apeak) = f(t) for 10A models with Itsm =120A 150 Itsm (Apeak)
100
Surcharge de courant non repetitive sans tension reappliquee / No repetive surge current without voltage reapplied
50
Surcharge de courant repetitive avec tension reappliquee Repetive surge current with voltage reapplied.
0 0,01 0,1 t(s) 1 10
Precautions : * Les relais a semiconducteurs ne procurent pas d'isolation galvanique entre le reseau et la charge.
Cautions : * Semiconductor relays don't provide any galvanic insulation between the load and the mains.
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
90C
/W / 4C


▲Up To Search▲   

 
Price & Availability of SF541310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X