Part Number Hot Search : 
0HD25 10R0J STV9425B L6375D 5TRMPB 5TRMPB 74AVC Y10EL
Product Description
Full Text Search
 

To Download SC742110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S/MON/SC742110/A/21/02/2000
page 1 /2 F/GB
Relais statique monophase de puissance Power Solid State Relay
* Sortie AC non synchrone : 12-280VAC-25A * Possibilite de protection IP20 en option : Capot 1K460000 * Adapte pour le controle du moteur et la commande en angle de phase * 12-280VAC -25A Random AC Output. * IP20 Protection optional (1K460000). * Designed for motor control & phase angle control.
Dimensions/Size
SC742110
3-30VDC control 25A/230VAC output
Application typique/Typical application
27 22,8
0,5
12-280VAC
28 O4,7 M4
protection reseau line protection
19,6
1~ 58,2 43,2 2~ 47,6
Entree control 3-30VDC
4-
1
47,5
3+
+
5,1
3+
2
25,8 TOLERANCES 0,3
25,4 44,5
M3
* 1-2 peuvent etre inversees/ 1 -2 can be changed * le relais doit etre monte sur dissipateur thermique / SSR must be mounted on a heatsink * option : couvercle de protection des bornes : 1K460 000 / cover : 1K460 000
CHARGE/ LOAD
Caracteristiques de commande (a 20C) / Control characteristics (at 20C) Parametre / Parameter Tension de commande / Control voltage Courant de commande / Control current (@ Uc ) Tension de relachement/Release voltage Resistance interne / Input internal resistor fig.1 Tension inverse / Reverse voltage Symbol Uc Ic Uc off Rc Urv Min 3 3 1 DC Nom Max 30 30 Unit V mA V V VRMS VRMS V
30 28 26 24 22 20 18 16 14 12 10 8 6 4 2 0
fig. 1 :Caracteristique d'entree / Control characteristic
fig1 : Caracteristique d'entree / Control characteristic
1000 30
Caracteristiques d'entree-sortie (a 20C) / Input-output characteristics (at 20C) Isolement entree-sortie/Input-output isolation @500m Ui 4000 Isolement sortie-semelle/Output-case isolation @500m Ui 2500 Tension assignee Isolement/Rated impulse voltage Uimp 4000 Caracteristiques generales / General characteristics Parametre / Parameter Poids/Weight Plage de temperature de stockage / Storage temperature range Plage de temperature de fonctionnement/Operating temperature range
Ic (mA)
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Uc (V)
Conditions
Symbol
Typ. 90 -40 / +100 -40 / +100
Unit g C C
Proud to serve you
All technical caracteristics are subject to change without previous notice. Caracteristiques sujettes a modifications sans preavis.
celduc
r e l a i
s
S/MON/SC742110/A/21/02/2000
Caracteristiques de sortie(a 20C) / Output characteristics (at 20C) Parametre / Parameter Tension de charge /Load voltage Plage tension de fonctionnement / Operating range Tension crete / Peak voltage Niveau de synchonisation / Synchronizing level Tension d'amorcage / Latching voltage Courant nominal AC-51/ AC-51 nominal current Courant nominal AC-53/ AC-53 nominal current Courant de surcharge non repetitif /Non repetitive overload current Chute tension directe crete/ On state voltage drop Courant de fuite etat bloque/ Off state leakage current Courant de charge minimum / Minimum load current Temps de fermeture/ Turn on time Temps d'ouverture/ Turn off time Plage de frequence / Operating frequency range dv/dt etat bloque / Off state dv/dt dI/dt maximum non repetitif/ Maximum di/dt non repetitive I2t (<10ms) EMC Test d'immunite conduite / Conducted immunity level EMC Test d'immunite conduite / Conducted immunity level Conformite / Conformity
Pd ( watts) 40 35 30 25 20 15 10 5 0 0 2 4 6 8 10 12 14 16 18 20 22 24 26 0 10 20
page 2 / 2 F/GB
Symbol Typ. Unit Ue 230 V rms Ue min-max 12-280 V rms Up 600 V Usync Random V Ie nom Ua 8 V ( see Fig. 2 ) Ie AC-51 25 A rms ( see Fig. 2 ) Ie AC-53 5 A rms tp=10ms (Fig. 3) Itsm 250 A @ Ie nom Vd 1,2 V @Ue, 50Hz Ilk <3 mA Ie min 5 mA Uc nom DC ,f=50Hz ton max 100 s Uc nom DC ,f=50Hz toff max 10 ms f 0,1-440 Hz dv/dt 500 V/s di/dt 50 A/s I2t 312 A2s IEC 1000-4-4 (burst) 2kV criterion B IEC 1000-4-5(schocks) 2kV crit.A with external VDR EN60947-4-x
T case max (C) 70
Conditions
Fig. 2 Courbes thermiques / Thermal characteristics
0,95K/W 1,1K/W Full on state 1,6K/W 2,2K/W 0,75K/W
80
90
50% on state 6K/W
100
30
40
50 60
70
80 90
100 110 120
RMS load current : I (A)
Ambient temperature : Tamb (C)
Fig.3 Surcharge de courant : Itsm (Apeak) = f(t) pour modele 25A(Itsm=230A) Surge current : Itsm (Apeak) = f(t) for 25A models with Itsm =230A 250 Itsm (Apeak) 200 150 100 50 0
Surcharge de courant non repetitive sans tension reappliquee / No repetive surge current without voltage reapplied. Surcharge de courant repetitive avec tension reappliquee Repetive surge current with voltage reapplied.
1 -Itsm non repetitif sans tension reappliquee est donne pour la determination des protections. No repetitive Itsm is given without voltage reapplied for the determination of the protection. 2 -Itsm repetitif est donne pour des surcharges de courant (Tj initiale=70C). La repetition de ces surcharges de courant diminue la duree de vie du Relais. Repetitive Itsm is given for inrush current with initial Tj = 70C. The repetition of the surge current decrease the lifetime SSR's .
0,01
0,1 t(s)
1
10
Precautions : * Les relais a semiconducteurs ne procurent pas d'isolation galvanique entre le reseau et la charge.
Cautions : * Semiconductor relays don't provide any galvanic insulation between the load and the mains.
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19


▲Up To Search▲   

 
Price & Availability of SC742110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X