Part Number Hot Search : 
2SK1313 100A1 ULCE20A HD74LV BS62L XBNXXX 16211 ADP1853
Product Description
Full Text Search
 

To Download RA05103G-XX-AR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THICK FILM LOW PROFILE RESISTOR NETWORK RA &RB SERIES
Thick Film Low Profile Resistor Network
Features
* Space saving over individual resistors * Low Profile, High Density Package * RoHS Compliant
Applications
* For general purpose applications * For computer, Car, Air-Conditioner, Color Television and Electronic equipment
Circuit Diagrams
Absolute Maximum Ratings & Characteristics
Product Family Wattage/Element Resistance Tolerance MAX Working Voltage TCR ppm/C Resistance Range Rated Working Temperature
RA
0.125 W F: 1% G=2% J: 5% 100V 250ppm (< 50, 2.2M) 100ppm (50 ~ 2.2M) 10~4.7M -55C ~+125C
RB
0.2 W
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-247-2232 Fax: (800)-TAITFA (800)-TAITRON (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. C/WW 2006-05-29 Page 1 of 4
Thick Film Low Profile Resistor Network RA &RB Series
Power Derating Curve
For resistors operate in the ambient temperature over 70C, loading power ratio will derate in accordance with following curve.
Percentage of the rated dissipating (%)
Ambient Temprature(C)
Dimensions (in mm)
No. of Pins 4 5 6 7 8 9 10 11 12 13 14
No. of Elements Type RA 3 4 5 6 7 8 9 10 11 12 13 Type RB 2 -3 -4 -5 -6 -7
L(max) 10.2 12.7 15.3 17.8 20.4 22.9 25.4 28 30.5 33.1 35.6
H(max)
T(max)
C +0.3 -0.2
d 0.05
r 0.2
f 0.05
5.08
2.5
2.8
0.5
2.54
0.25
Rev. C/JJ 2007-09-12 www.taitroncomponents.com Page 2 of 4
Thick Film Low Profile Resistor Network RA &RB Series
Environmental Performance Specification
Item Resistance temperature characteristic Temperature Cycling Short-Time Overload Resistance to Soldering Heat Insulation Resistance Terminal Strength Test Methods -55C ~+125C -55C ~+125C , for 5 cycle Rated Voltage X 2.5 for 5 sec 350C for 3 sec 100V for 1 minute Tensile: 1Kg, 30 sec Bending: 500g, 2 times Load V, Room temp. 30 minute Unload, -55C , 15 minute Over 2 hrs in Room Temp. before measuring 230C 5C , 3 sec 40C , 90-95% RH rated Voltage for 1000 hours 70C at Rated Voltage for 1000 hours Specifications 100ppmC for 50~2.2M 250ppm/C for <502.2M R (0.5% +0.05) R (0.5% +0.05) R (0.5% +0.05) 10000Megohm minute R (0.25% +0.05)
Thermal Shock
R (0.5% +0.05)
Solderbility Moisture Load Life Load Life
Covering 95% R (2% +0.05) R (2% +0.05)
Packaging (in pcs)
Package Bag Inner box Carton 4-6 pins 200 2000 60000 7-10 pins 200 1000 30000 11-12 pins 200 800 24000 13-14 pins 200 600 18000
Rev. C/JJ 2007-09-12 www.taitroncomponents.com Page 3 of 4
Thick Film Low Profile Resistor Network RA &RB Series
How to order
R A 05 103 G -XX -BL
Packing BL: Bulk with RoHS, Standard AR: Tape & Ammo with RoHS TR30: Tape in 13" Reel with RoHS Factory Location Tolerance G=2%; J=5%; K = 10% Resistance (E-12 series) 103=10x10 =10K
3
Number Of Elements(Bits) 05: 5 elements, 6 pins;(A circuit) 05: 5 elements, 10 pins;(B circuit) Circuit Diagram A: A circuit; B: B circuit;
Product Series: Thick Film Resistor Network
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 247-2232 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. C/JJ 2007-09-12 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of RA05103G-XX-AR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X