Part Number Hot Search : 
MPS3639 TLHY620 150AC TA0706A 141001 141001 MAX9601 TEA6849H
Product Description
Full Text Search
 

To Download PT6583 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tel : 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
LCD Driver IC with Key Input Function Description
PT6583
PT6583 is an LCD Driver IC utilizing CMOS Technology. It can drive up to 171 segments and control up to a maximum of 4 General Purpose Output Ports. Key Scan Circuit, Built-in Voltage Detection Type (VDET) Reset Circuit, Sleep Mode, 1/3 Duty - 1/2 Bias and 1/3 Duty - 1/3 Bias Drive Techniques, Forced All Segments OFF function are supported and provided into a single chip having the highest performance and reliability. Display data are directly displayed without the need of a decoder, thereby providing a high level of generality. Pin assignments and application circuit are optimized for easy PCB layout and cost saving advantages.
Features
! ! ! ! ! ! ! ! !
CMOS Technology Up to 30 Key Inputs 1/3 Duty, 1/2 Bias and 1/3 Duty , 1/3 Bias Drive Techniques controlled via a Serial Data Sleep Mode Forced All Segments OFF Function Up to 171 Segment Driver Outputs (3 Common & 57 Segment Drivers) Up to 4 General Purpose Ports Built-in Voltage Detection Type Reset Circuit RC Oscillation Circuit
Applications
! ! ! ! ! ! ! !
Cellular Phone Data Bank, Organizer Electronic Dictionary / Translator P.D.A. P.O.S. Information Appliance Caller ID, Pager Electronic Equipment with LCD Display
PT6583 ver 1.0
Page 1
Updated Dec. 2001
Tel : 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
LCD Driver IC with Key Input Function Pin Configuration
SG57/KS2 SG56/KS1 COM3 COM2 COM1 SG53 SG55 SG54 SG52 SG51 SG50 SG49 SG48 SG47 SG46 SG45 SG44 SG43 SG42 SG41 KS6 KS4 KS5 KS3
PT6583
54
49
46
63
56
51
48
62
59
57
55
52
50
47
44
43
64
61
60
58
53
KI1 KI2 KI3 KI4 KI5 VDD VDD1 VDD2 VSS TEST OSC /RST DO CE CLK DI
65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80
45
42
41
40 39 38 37 36 35 34
SG40 SG39 SG38 SG37 SG36 SG35 SG34 SG33 SG32 SG31 SG30 SG29 SG28 SG27 SG26 SG25
QFP Package
33 32 31 30 29 28 27 26 25
SG1/P1
SG3/P3
SG4/P4
SG5
SG7
SG8
SG9
SG16
SG19
PT6583 ver 1.0
SG2/P2
Page 2
SG24
SG10
SG11
SG12
SG13
SG14
SG15
SG17
SG18
SG20
SG21
SG22
SG23
SG6
Updated Dec. 2001
Tel : 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
LCD Driver IC with Key Input Function 1/2 Bias Application Circuit (for Normal LCD Panels)
PT6583
General Purpose (P2) Output Ports (Used for functions i.e. (P4) backlight control) +5V VDD VSS TEST OSC COM1 COM2 COM3 COM4 P1/SG1
(P1)
LCD PANEL (171 Segments max.)
VDD1 VDD2 C /RST CE FROM THE CONTROLLER CLK DI TO THE CONTROLLER DO SG54 SG55 SG56 SG57 P4/SG4 SG5 SG6
=
KI5 KI4 KI3 KI2 KI1 KS6 KS5 KS4 KS3 SG57/KS2 SG56/KS1
KEY MATRIX (UP TO 30 KEYS)
Notes:
1. A capacitor can be connected to the power supply line to make the Power Supply Voltage VDD rise time (when power is applied) and the power supply Voltage VDD fall time (when power drops) are at least 1ms when PT6583 is reset via VDET. 2. If the /RST Pin is not used to initiate the System Reset Function, it must be connected to VDD. 3. The DO Pin is an open-drain output and therefore needs a pull-up resistor. This resistor must be between 1k to 10k Ohms. The value of this resistor must be in accordance with that the capacitance of the external wiring so that the signal waveforms are in proper form. 4. C>0.047uF
PT6583 ver 1.0
Page 3
Updated Dec. 2001
Tel : 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
LCD Driver IC with Key Input Function 1/3 Bias Application Circuit 2 (for Normal LCD Panels)
PT6583
General Purpose (P2 ) Output Ports (Used for functions i.e. (P4) backlight control) +5V VDD VSS TEST OSC COM1 COM2 COM3 COM4 P1/SG1
(P1)
LCD PANEL (171 Segments max.)
VDD1 VDD2 C C /RST CE FROM THE CONTROLLER TO THE CONTROLLER CLK DI DO SG54 SG55 SG56 SG57 P4/SG4 SG5 SG6
=
KI5 KI4 KI3 KI2 KI1 KS6 KS5 KS4 KS3 SG57/KS2 SG56/KS1
KEY MATRIX (UP TO 30 KEYS)
Notes: 1. A capacitor can be connected to the power supply line to make the Power Supply Voltage VDD rise time (when power is applied) and the power supply Voltage VDD fall time (when power drops) are at least 1ms when PT6583 is reset via VDET. 2. If the /RST Pin is not used to initiate the System Reset Function, it must be connected to VDD. 3. The DO Pin is an open-drain output and therefore needs a pull-up resistor. This resistor must be between 1k to 10k Ohms. The value of this resistor must be in accordance with that the capacitance of the external wiring so that the signal waveforms are in proper form. 4. C>0.047uF
PT6583 ver 1.0
Page 4
Updated Dec. 2001
Tel : 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
LCD Driver IC with Key Input Function 1/3 Bias Application Circuit (for Large Panels)
PT6583
General Purpose (P2) Output Ports (Used for functions i.e. (P4) backlight control) +5V VDD VSS TEST R R C C R VDD1 VDD2 P4/SG4 SG5 SG6 OSC COM1 COM2 COM3 COM4 P1/SG1
(P1)
LCD PANEL (171 Segments max.)
/RST CE FROM THE CONTROLLER TO THE CONTROLLER CLK DI DO
SG54 SG55
= KEY MATRIX (UP TO 30 KEYS)
Notes:
1. A capacitor can be connected to the power supply line to make the Power Supply Voltage VDD rise time (when power is applied) and the power supply Voltage VDD fall time (when power drops) are at least 1ms when PT6583 is reset via VDET. 2. If the /RST Pin is not used to initiate the System Reset Function, it must be connected to VDD. 3. The DO Pin is an open-drain output and therefore needs a pull-up resistor. This resistor must be between 1k to 10k Ohms. The value of this resistor must be in accordance with that the capacitance of the external wiring so that the signal waveforms are in proper form. 4. C>0.047uF
Page 5 Updated Dec. 2001
PT6583 ver 1.0
KI5 KI4 KI3 KI2 KI1 KS6 KS5 KS4 KS3 SG57/KS2 SG56/KS1
SG56 SG57
Tel : 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
LCD Driver IC with Key Input Function ORDERING INFORMATION
Valid Part Number PT6583 PT6583-LQ Package Type 80 pins, QFP package 80 pins, LQFP package
PT6583
PT6583 ver 1.0
Page 6
Updated Dec. 2001


▲Up To Search▲   

 
Price & Availability of PT6583

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X