Part Number Hot Search : 
CMP04 DM74S253 JANTX1 MAX695 NTE104 GA16A A5800 BPC25
Product Description
Full Text Search
 

To Download OPI2000MK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OPI 2000MK High Speed Opto Isolator
The OPI 2000MK High Speed Optically Coupled Isolator consists of a High Speed Infrared emitter coupled to a silicon photo I.C. The unit is designed for applications requiring high voltage isolation between input & output requirements. The Opto Logic sensor has a * metal screen connected to the ground lead for High Common mode rejection. 10KV isolation * High Speed 2Mb/sec. * Low Propagation Delay *
OTHER COUPLERS IN THE SERIES:OPI2000M ATEX CERTIFIED SURFACE MOUNT OPI2000 AS THE OPI2000MK WITHOUT MASK
MECHANICAL DATA
+0.2 21.65 0 6.65
9.25
3.0 EMITTER 0.4 18.05 +0.2 0 SENSOR 0.5
+0.2 0
2.54 1.91 1.91
An
2.54
K
TOP VIEW
Gnd Vout Vcc
1.91 1.91
UL APPROVED MATERIALS HOUSING E69578 LIGHTPIPE E67171(m) EPOXY E76072
BEDFORD OPTO TECHNOLOGY LTD 1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009 Website: bot.co.uk E-mail: bill@bot.co.uk
9.4.03 ISS C
ABSOLUTE MAXIMUM RATINGS (25OC unless otherwise noted)
INPUT DIODE FORWARD DC CURRENT REVERSE DC VOLTAGE POWER DISSIPATION OUTPUT IC MAX SUPPLY VOLTAGE POWER DISSIPATION OPERATING TEMP STORAGE TEMP LEAD SOLDERING TEMP 2mm from body 5 secs max INPUT-TO-OUTPUT ISOLATION VOLTAGE 100mA 5 Volts 150mW (ii) 7 Volts 165mW -40OC TO +70OC -40OC TO +85OC 260OC + 10KV DC (i)
OPI 2000MK
i) Measured with the input leads and output leads shorted together for one min. ii) Thermal resistance 450 K/W Whilst the devices are capable of operating continually at the noted elevated temperatures users should be aware of the possibility of the need to increase the diode current to trigger the device over long periods at high temperatures &
PARAMETER INPUT DIODE Forward Voltage Reverse Voltage OUTPUT IC ( Vcc=4.75 to 5.25 ) High level Output Current Low Level Output Voltage SYMBOL MIN TYP MAX UNITS TEST CONDITIONS
VF VR
5.0
1.35 -
1.6 -
V V
If=100mA tp=20mS Ir = 100uA
ICH
-
100 0.6
uA V
Ic = 10 uA
VOL
IF=10mA IOL=2.6mA
High Level Supply Current Low Level Supply Current
ICCH ICCL
15 18
mA mA
IF=0 IF=10mA
COUPLED(Vcc=5volts)
Propagation Delay to Low Output Propagation Delay to High Output
tPHL tPLH
800 800
nSecs nSecs
RL=560ohms C=0.01uF ditto
CIRCUIT
Vgen Rf
+ + RL C
GND Vout Vcc
RL =560 ohm
C=0.01uF
9..4.03 ISS C
BEDFORD OPTO TECHNOLOGY LTD 1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009 Website: bot.co.uk E-mail: bill@bot.co.uk


▲Up To Search▲   

 
Price & Availability of OPI2000MK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X