Part Number Hot Search : 
VSM52152 MAX4270 001TB 5KP22A RKL3CD PACDN004 A54SX72 CPH6104
Product Description
Full Text Search
 

To Download OPI2000M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This component is RoHS compliant
Pb
OPI 2000M High Speed Opto Isolator Surface Mount ATEX and IECEx certified
The OPI 2000M High Speed Optically Coupled Isolator consists of a High Speed Infrared emitter coupled to a silicon photo I.C. The unit is designed for applications requiring high voltage isolation between input & output. * Surface Mount in Tape & Reel High Speed 2Mb/sec. * 10KV isolation Low Propagation Delay
CERTIFICATE ATEX BAS01ATEX1285U/3
Confirmed conform to:EN60079-0:2006 EN61241-0:2006 EN60079-11:2007 EN61241-11:2006 EN60079-26:2004 Conditions of use apply:- See `Schedule of limitations' on certificate
CERTIFICATE IECEx BAS 06.0021U/1
Designed and manufactured to:IEC 60079-0: 2000 Edition 3.1 IEC 60079-11 :1999 Edition 4 IEC 60097-26 :2004 Edition 1 Conditions of use apply:- See `Schedule of limitations' on certificate.
MECHANICAL DATA
14.45-0.0+0.2
6.65
SURFACE MOUNT LEAD FORM CONDITIONS OF USE APPLY
9.25
1.75 0.4
+0.2 0 Emitter 0.4x0.45 6.5
SENSOR 0.5 SQ 0.5 1.91 2.54
10.50-0.0+0.2
1.91
An K PIN OUT (TOP VIEW)
GRD Vout Vcc
BEDFORD OPTO TECHNOLOGY LTD 1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009 Website: bot.co.uk E-mail: bill@bot.co.uk
1/5
ISS J 21.07.08
OPI2000M
ABSOLUTE MAXIMUM RATINGS (25OC unless otherwise noted)
INPUT DIODE FORWARD DC CURRENT REVERSE DC VOLTAGE POWER DISSIPATION OUTPUT IC MAX SUPPLY VOLTAGE POWER DISSIPATION OPERATING TEMP STORAGE TEMP INPUT-TO-OUTPUT ISOLATION VOLTAGE
100mA 5 Volts 150mW (ii)
7 Volts 165mW -40OC TO +80OC -40OC TO +85OC + 10KV DC (i)
i) ii)
Measured with the input leads and output leads shorted together for one min. Thermal resistance 450 K/W
Whilst the devices are capable of operating continually at the noted elevated temperatures users should be aware of the possibility of the need to increase the diode current to trigger the device over long periods at high temperatures & currents.
CIRCUIT
Vgen + + RL C GND Vout Vcc
This component is RoHS compliant
Pb
Rf
RL =560 ohm
C=0.01uF
Packing
Waffle Trays - 100 per tray 290mm x 200mm. Tape & Reel - 300 Devices per 13" Diam Reel with 7" Hub 24mm Wide tape.
BEDFORD OPTO TECHNOLOGY LTD 1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009 Website: bot.co.uk E-mail: bill@bot.co.uk
2/5
ISS J 21.07.08
ADVISED SOLDERING CONDITIONS
OPI 2000M
This component is RoHS compliant
Pb
BEDFORD OPTO TECHNOLOGY LTD 1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009 Website: bot.co.uk E-mail: bill@bot.co.uk
3/5
ISS J 21.07.08
OPI 2000M
OPTO ELECTRONIC DATA (TA = 25OC)
This component is RoHS compliant
Pb
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
INPUT DIODE Forward Voltage Reverse Voltage OUTPUT IC ( Vcc=4.75 to 5.25 ) High level Output Current Low Level Output Voltage
VF VR
5.0
1.35 -
1.6 -
V V
If=100mA tp=20mS Ir = 100uA
ICH
-
100 0.6
uA V
Ic = 10 uA
VOL
IF=10mA IOL=2.6mA
High Level Supply Current Low Level Supply Current
ICCH ICCL
15 18
mA mA
IF=0 IF=7.5mA
COUPLED(Vcc=5volts)
Propagation Delay to Low Output level Propagation Delay to High Output Level Input/Output Isolation Voltage
tPLH tPHL
Vi-o
800 800 10kV
nSecs nSecs Volts
RL=560ohms C=0.01uF ditto Input and output leads shorted
BEDFORD OPTO TECHNOLOGY LTD 1,BIGGAR BUSINESS PARK, BIGGAR LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009 Website: bot.co.uk E-mail: bill@bot.co.uk
4/5
ISS J 21.07.08
OPI 2000M
CONFORMITY STATEMENT OPI2000M SERIES
This component is RoHS compliant
Pb
Manufacturer:- BEDFORD OPTO TECHNOLOGY LTD Address:1 Biggar Business Park, Market Road, Biggar, Lanarkshire, ML12 6FX, Scotland Directive 94/9/EC
EC-Type Examination Certificate:BAS01ATEX1285U - Latest supplement BAS01ATEX1285U/3 issued 30.10.07 Provisions of the Directive fulfilled by the component:GroupII Category 1GD EexiaIIC Notified Body for EC-Type Examination & Production:- BaseefaLtd. - No. 1180 Baseefa Ltd. Rockhead Business Park, Staden Lane, Tel:- +44 (0)1298 766600 Buxton, Fax:- +44 (0)1298 766601 Derbyshire SK17 9RZ, e-mail:- info@baseefa.com England Harmonised Standards used:EN60079-0:2006 EN60079-11:2007 EN61241-11:2006 Other Standards used:EN60079-26:2004 - (confirmed by Notified Body unit complies in all respects) EN61241-0:2006 - (State of the Art - intended for harmonisation)
On Behalf of Bedford Opto Technology Ltd., I declare that, the date the component accompanied by this statement is placed on the market, the component conforms with all technical and regulatory rerquirements of the ATEX Directive 94/9/EC. _________________________________ Mr R.W.Stott Managing Director
ISS J 21.07.08
5/5


▲Up To Search▲   

 
Price & Availability of OPI2000M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X