Part Number Hot Search : 
MAX6681 MAX337 TK11811 25TTS16S PNZ334 DS1252 2STR2160 HPC522
Product Description
Full Text Search
 

To Download NTQ123-DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Embedded Power for Business-Critical Continuity
NTQ123-DC Series
70 - 125 Watts
Total Power: Input Voltage: # of Outputs: 70-120 Watts 36 - 72 VAC Quad
Rev. 08.15.07 NTQ123-DC Series 1 of 3
RoHS
Electrical Specifications
Special Features
* -48 VDC input * Remote sense on outputs one and two * Power fail and remote inhibit * Single wire current sharing on outputs one and two * Adjustable main outputs * Built-in Class B EMI filter * Overvoltage protection * Overload protection * Thermal overload protection
Input
Input range Inrush current Efficiency EMI filter 36 - 72 VDC 38 A max., cold start @ 25C 65% typical at full load FCC Class B conducted; CISPR 22 Class B conducted; EN55022 Class B conducted; VDE 0878 PT3 class B conducted and radiated. <1 mA @ 72 Vdc input
Safety ground leakage current
Output
Maximum power Adjustment range Hold-up time Overload protection 70 W for convection; 125 W with 30 CFM forced air 5% minimum 20ms @ 120 W load, -48 Vdc input
Short circuit protection on all outputs Case overload protected @ 110 -145% above peak rating Overvoltage protection 3.3 V output; 5 V output: 10% to 35% above nominal output
Logic Control
Safety
VDE UL CSA NEMKO CB CE 0805/EN60950 (IEC950) UL1950 CSA 22.2-234 Level 3 EN 60950/EMKO-TUE (74-sec) 203 Certificate and report Mark (LVD)
Power failure Remote inhibit Remote sense
TTL logic signal goes high 100-500 msec after 5 V output; it goes low at least 4 msec before loss of regulation Requires an external TTL Signal to inhibit outputs Compensates for 0.5 V lead drop minimum, will operate without remote sense connected. Reverse connection protection.
Embedded Power for Business-Critical Continuity
Environmental Specifications
Operating temperature: 0 to 50C ambient. Derate each output 2.5% per degree from 50 to 70C Storage temperature: -40C to +85C Temperature coefficient: 0.4% per C Electromagnetic Designed to meet EN61000-4, -2, -3, -4, -5, -6, -8, -11 Level 3 susceptibility: Humidity: Vibration: MTBF demonstrated: Operating; non-condensing 5% to 95% RH Three orthogonal axes, sweep at 1 oct/min, 5 min. dwell at four major resonances 0.7 G peak 5 Hz to 500 Hz, operational >1 million hours at full load and 25C ambient conditions
Rev. 08.15.07 NTQ123-DC Series 2 of 3
Ordering Information
Maximum Load Model Output Minimum Maximum Load with with 30CFM Number Voltage Load Convection Cooling forced Air NTQ123-DC +3.3 V (2.5 - 5.7) 2 A 14 A 25 A +5 V (2.5 - 5.7) +12 V -12 V 0A 0A 0A 12.5 A 1A 0.5 A 24 A 2A 1A Ripple P/P Peak Load 1 Regulation 2 (PARD)3 28 A 2% 50 mV 28 A 4A 1.5 A 2% 3% 3% 50 mV 120 mV 120mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle. 2. At 25C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings. 3. Peak-to-peak with 20 MHz bandwidth and 10 F in parallel with a 0.1 F capacitor at rated line voltage and load ranges. 4. Minimum loads are required. In parallel minimum loads are 2 A on the 5 V output and 2 A on the 3.3 V output for each power supply
Embedded Power for Business-Critical Continuity
Mechanical Drawing Americas
5810 Van Allen Way Carlsbad, CA 92008 USA Telephone: +1 760 930 4600 Facsimile: +1 760 930 0698
Rev. 08.15.07 NTQ123-DC Series 3 of 3
Europe (UK)
Waterfront Business Park Merry Hill, Dudley West Midlands, DY5 1LX United Kingdom Telephone: +44 (0) 1384 842 211 Facsimile: +44 (0) 1384 843 355
123
Asia (HK)
16th - 17th Floors, Lu Plaza 2 Wing Yip Street, Kwun Tong Kowloon, Hong Kong Telephone: +852 2176 3333 Facsimile: +852 2176 3888
For global contact, visit:
531
www.astecpower.com www.artesyn.com technicalsupport@astec.com technicalsupport@artesyn.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Emerson Network Power assumes no responsibility, and disclaims all liability for damages resulting from use of this information or for any errors or omissions.
Emerson Network Power. The global leader in enabling business-critical continuity. AC Power
Pin Assignments
SK1 PIN 1 PIN 3 PIN 5 SK2 PIN 1 PIN 2 PIN 3 SK3 PIN 1 PIN 2 PIN 3 PIN 4 PIN 5 PIN 6 PIN 7 PIN 8 PIN 9 PIN 10 Ground -48 Vdc Return +12 V Common -12 V 3.3 V SWP -3.3 V sense +3.3 V +sense 5 V SWP Common +5 V ssense -5 V sense + inhibit - inhibit Power fail
Mating Connectors
(SK1) DC Input: Molex: 09-50-8051 (USA) Molex: 09-91-0500 (UK) PINS: 08-58-0111 V1 & V2: (SK2) 12 V Molex BB-124-08 Molex:09-50-8031 (USA) Molex: 09-91-0300 (UK) PINS: 08-58-0111 Molex: 90142-0010 PINS: 90119-2110 or Amp: 87977-3 PINS: 87309-8
Connectivity DC Power Embedded Power Inbound Power Integrated Cabinet Solutions Outside Plant Precision Cooling Site Monitoring and Services EmersonNetworkPower. com
Emerson Network Power and the Emerson Network Power logo are trademarks and service marks of Emerson Electric Co. (c)2007 Emerson Electric Co.
(SK3) Control Signals:
Astec Connector Kit #70-841-012, includes all of the above 1. 2. 3. 4. 5. 6. Specifications subject to change without notice. All dimensions in inches (mm), tolerance is 0.02" (0.5mm) Remote inhibit requires an external 5 V @ 10 mA to activate Mounting maximum insertion depth is 0.12" Warranty: 2 year 1.49 lb./ 0.68 kg


▲Up To Search▲   

 
Price & Availability of NTQ123-DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X