Part Number Hot Search : 
F16C10PT MBR40 350FV MAX2107 A3961SB MBR40 F16C10PT CXA1592
Product Description
Full Text Search
 

To Download MURB1620CT-1P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MURB1620CTPbF/MURB1620CT-1PbF
Vishay High Power Products
Ultrafast Rectifier, 2 x 8 A FRED PtTM
FEATURES
MURB1620CTPbF MURB1620CT-1PbF
* Ultrafast recovery time
Available
* Low forward voltage drop * Low leakage current * 175 C operating junction temperature
Base common cathode 2 Base common cathode 2
RoHS*
COMPLIANT
* Lead (Pb)-free ("PbF" suffix) * Designed and qualified for AEC Q101 level
DESCRIPTION/APPLICATIONS
1 2 3 Anode 2 1 2 3 Anode 2
Anode Common 1 cathode
Anode Common 1 cathode
D2PAK
TO-262
PRODUCT SUMMARY
trr IF(AV) VR 25 ns 2x8A 200 V
MUR.. series are the state of the art ultrafast recovery rectifiers specifically designed with optimized performance of forward voltage drop and ultrafast recovery time. The planar structure and the platinum doped life time control, guarantee the best overall performance, ruggedness and reliability characteristics. These devices are intended for use in the output rectification stage of SMPS, UPS, dc-to-dc converters as well as freewheeling diode in low voltage inverters and chopper motor drives. Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.
ABSOLUTE MAXIMUM RATINGS
PARAMETER Peak repetitive reverse voltage Average rectified forward current per leg total device SYMBOL VRRM IF(AV) IFSM IFM TJ, TStg Rated VR, square wave, 20 kHz, TC = 150 C TEST CONDITIONS MAX. 200 8.0 Rated VR, TC = 150 C 16 100 16 - 65 to 175 C A UNITS V
Non-repetitive peak surge current per leg Peak repetitive forward current per leg Operating junction and storage temperatures
ELECTRICAL SPECIFICATIONS (TJ = 25 C unless otherwise specified)
PARAMETER Breakdown voltage, blocking voltage Forward voltage SYMBOL VBR, VR VF IR CT LS IR = 100 A IF = 8 A IF = 8 A, TJ = 150 C VR = VR rated TJ = 150 C, VR = VR rated VR = 200 V Measured lead to lead 5 mm from package body TEST CONDITIONS MIN. 200 TYP. 25 8.0 MAX. 0.975 0.895 5 250 A pF nH V UNITS
Reverse leakage current Junction capacitance Series inductance
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 94519 Revision: 05-Sep-08 For technical questions, contact: diodes-tech@vishay.com www.vishay.com 1
MURB1620CTPbF/MURB1620CT-1PbF
Vishay High Power Products
Ultrafast Rectifier, 2 x 8 A FRED PtTM
DYNAMIC RECOVERY CHARACTERISTICS (TJ = 25 C unless otherwise specified)
PARAMETER SYMBOL TEST CONDITIONS IF = 1.0 A, dIF/dt = 50 A/s, VR = 30 V Reverse recovery time trr IF = 0.5 A, IR = 1.0 A, IREC = 0.25 A TJ = 25 C TJ = 125 C Peak recovery current IRRM Qrr TJ = 25 C TJ = 125 C TJ = 25 C TJ = 125 C IF = 8 A dIF/dt = 200 A/s VR = 160 V MIN. TYP. 20 34 1.7 4.2 23 75 MAX. 35 25 A ns UNITS
Reverse recovery charge
nC
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER Maximum junction and storage temperature range Thermal resistance, junction to case per leg Thermal resistance, junction to ambient per leg Thermal resistance, case to heatsink Weight Mounting torque Marking device Case style D2PAK Case style TO-262 SYMBOL TJ, TStg RthJC RthJA RthCS Mounting surface, flat, smooth and greased TEST CONDITIONS MIN. - 65 6.0 (5.0) TYP. 0.5 2.0 0.07 MAX. 175 3.0 50 12 (10) g oz. kgf * cm (lbf * in) C/W UNITS C
MURB1620CT MURB1620CT-1
www.vishay.com 2
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94519 Revision: 05-Sep-08
MURB1620CTPbF/MURB1620CT-1PbF
Ultrafast Rectifier, 2 x 8 A FRED PtTM
Vishay High Power Products
100
100
Reverse Current - I R (A)
10
T J = 175C 150C
1
125C 100C
0.1
25C
0.01
Instantaneous Forward Current - I F (A)
10
0.001
T = 175C
J
0
50
100
150
200
250
TJ = 150C TJ = 25C
Reverse Voltage - VR (V)
Fig. 2 - Typical Values of Reverse Current vs. Reverse Voltage
1000
Junction Capacitance - C T (pF)
1
T = 25C J
100
0.1 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 Forward Voltage Drop - VF (V) 1.8
10 1 10 100 1000
Reverse Voltage - VR (V)
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
10
(C/W)
1
Thermal Impedance Z
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01
Notes:
thJC
PDM
t1 t2
0.1
Single Pulse (Thermal Resistance)
1. Duty factor D = t1/t 2
2. Peak Tj = Pdm x ZthJC + Tc
0.01 0.00001
0.0001
0.001
0.01
0.1
1
t1, Rectangular Pulse Duration (Seconds)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Document Number: 94519 Revision: 05-Sep-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 3
MURB1620CTPbF/MURB1620CT-1PbF
Vishay High Power Products
Ultrafast Rectifier, 2 x 8 A FRED PtTM
60
IF = 30 A IF = 15 A IF = 8 A
180
Allowable Case Temperature (C)
170
DC
trr ( ns )
50
160
40
150
Square wave (D = 0.50) Rated Vr applied
30
140
see note (1)
20
VR = 160V TJ = 125C TJ = 25C
130 0 3 6 9 12
Average Forward Current - IF(AV) (A)
10 100
1000
di F /dt (A/s )
Fig. 5 - Maximum Allowable Case Temperature vs. Average Forward Current
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
10
Average Power Loss ( Watts )
200
VR = 160V TJ = 125C TJ = 25C
8
D = 0.01 D = 0.02 D = 0.05 D = 0.10 D = 0.20 D = 0.50
160
IF = 30 A IF = 15 A IF = 8 A
6
4 RMS Limit
DC
Qrr ( nC )
120
80
2
40
0 0 3 6 9 12
Average Forward Current - IF(AV) (A)
0 100
di F /dt (A/s )
1000
Fig. 6 - Forward Power Loss Characteristics
Fig. 8 - Typical Stored Charge vs. dIF/dt
(1)
Note Formula used: TC = TJ - (Pd + PdREV) x RthJC; Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
www.vishay.com 4
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94519 Revision: 05-Sep-08
MURB1620CTPbF/MURB1620CT-1PbF
Ultrafast Rectifier, 2 x 8 A FRED PtTM
VR = 200 V
Vishay High Power Products
0.01 L = 70 H D.U.T.
dIF/dt adjust
D G IRFP250 S
Fig. 9 - Reverse Recovery Parameter Test Circuit
(3)
IF
0
trr ta tb
Qrr
(2)
(4)
IRRM
0.5 IRRM dI(rec)M/dt (5) 0.75 IRRM
(1) dIF/dt (1) dIF/dt - rate of change of current through zero crossing (2) IRRM - peak reverse recovery current (3) trr - reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current. (4) Qrr - area under curve defined by trr and IRRM Qrr = trr x IRRM 2
(5) dI(rec)M/dt - peak rate of change of current during tb portion of trr
Fig. 10 - Reverse Recovery Waveform and Definitions
Document Number: 94519 Revision: 05-Sep-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 5
MURB1620CTPbF/MURB1620CT-1PbF
Vishay High Power Products
ORDERING INFORMATION TABLE
Ultrafast Rectifier, 2 x 8 A FRED PtTM
Device code
MUR
1
B
2
16
3
20
4
CT
5
-1
6
TRL
7
P
8
1 2 3 4 5 6 7
-
Ultrafast MUR series B = D2PAK/TO-262 Current rating (16 = 16 A) Voltage rating (20 = 200 V) CT = Center tap (dual) None = D2PAK -1 = TO-262
-
None = Tube (50 pieces) TRL = Tape and reel (left oriented, for D2PAK only) TRR = Tape and reel (right oriented, for D2PAK only)
8
-
None = Standard production PbF = Lead (Pb)-free (for TO-262 and D2PAK tube) P = Lead (Pb)-free (for D2PAK TRR and TRL)
LINKS TO RELATED DOCUMENTS Dimensions Part marking information Packaging information http://www.vishay.com/doc?95014 http://www.vishay.com/doc?95008 http://www.vishay.com/doc?95032
www.vishay.com 6
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94519 Revision: 05-Sep-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MURB1620CT-1P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X