|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
INFRARED RECEIVER MODULE Description The MIM-5xx3K9F is miniaturized infrared receivers for remote control and other applications requiring improved ambient light rejection. The separate PIN diode and preamplifier IC are assembled on a single leadframe. The epoxy package contains a special IR filter. This module has excellent performance even in disturbed ambient light applications and provides protection against uncontrolled output pulses. MIM-5xx3K9F Features l l l l l l Photo detector and preamplifier in one package Internal filter for PCM frequency High immunity against ambient light Improved shielding against electric field disturbance 5.0-Volt supply voltage; low power consumption TTL and CMOS compatibility MIM-5xx3K9F Series Models l l l l MIM-5303K9F 30.0KHz MIM-5333K9F 33.0KHz MIM-5363K9F 36.0KHz MIM-5373K9F 36.7KHz l l l l MIM-5383K9F 38.0KHz MIM-5403K9F 40.0KHz MIM-5443K9F 44.0KHz MIM-5563K9F 56.0KHz BLOCK DIAGRAM VS Input CGA & filter Demodulator C Oscillator AGC / ATC & digital control GND REV: A1 Unity Opto Technology Co., Ltd. 12/09/2003 INFRARED RECEIVER MODULE Absolute Maximum Ratings Item Supply voltage Supply Current Operating temperature Storage temperature Soldering temperature Power dissipation at Ta=25oC Symbol VCC Is Topr Tstg Tsd Ptot Ratings -0.3 ~ 6.0 5.0 -25 ~ + 85 -25 ~ + 85 260 30 Unit V mA o o o MIM-5xx3K9F @ Ta=25oC Remark C C C t5 s, 1mm from case mW Electro-optical characteristics (Vcc=5.0V) Parameter Supply Voltage Current consumption Response wavelength Output form H level output voltage L level output voltage H level output pulse width L level output pulse width Distance between emitter & detector Half angle V0 h V0 l Twh Twl L1 Dq 400 400 10.0 45 Symbol Vs Icc lp 4.2 0.5 800 800 Min. 4.5 Typ. 5.0 1.4 940 Max. 5.5 2.0 Unit V mA nm V V ms ms m deg Note 1 Horizonal direction Remarks Under no signal - - - - - active low output - - - - - Test Method A. Standard Transmitter carrier frequency f0 duty 50% ON/OFF pulse width satisfied from 25 cm to detection limit 600ms 600ms 600ms Fig 1. Burst Wave 25cm +5.0V 10kW 10mF 10kW Transmitter Duty 50% Vout GND Oscilloscope Fig 2. Standard Transmitter Measurement circuit REV: A1 Unity Opto Technology Co., Ltd. 12/09/2003 INFRARED RECEIVER MODULE B. Detection Length Test MIM-5xx3K9F q Transmitter output Vout q D.U.T L q: indicates horizontal and vertical directions C . Pulse Width Test Transmitter output 600ms 600ms DUT output pulse Twl Twh V0h V0l Application Circuit 100*) MIM-5xx3K9F MIE-544A2 Vcc (+5V) >10k optional 3 4.7F *) 1 2 C GND *) recommended to suppress power supply disturbances REV: A1 Unity Opto Technology Co., Ltd. 12/09/2003 INFRARED RECEIVER MODULE Dimensions in mm MIM-5xx3K9F REV: A1 Unity Opto Technology Co., Ltd. 12/09/2003 INFRARED RECEIVER MODULE CHARACTERISTIC CURVES (TA=25oC) 900 MIM-5xx3K9F Supply Current Icc (mA) 1.8 1.6 1.4 1.2 1.0 3 4 5 6 7 Output Pulse Width 800 700 600 500 Burst length * 600ms, cycle = 1.2ms tpw: Average value of output from start of signal input to 60th pulse Input Level VIN (mVP-P) 400 0.1 1 10 100 1000 Supply Voltage Vcc (V) SUPPLY VOLTAGE vs. SUPPLY CURRENT Input Level (mVp-p) INPUT LEVEL vs.OUTPUT PULSE WIDTH Relative Spectral Sensitivity 0 15 1 30 1.0 0.8 45 60 0.6 0.4 0.2 0 75 0.1 0.3 0.8 0.6 0.4 0.2 0 750 850 950 1050 1150 - Wavelength (nm) RELATIVE SPECTRAL SENSITIVITY vs WAVELENGTH RELATIVE TRANIMISSION 1 Rel. Responsitivity 0.8 0.6 0.4 0.2 0 0.7 0.8 0.9 1 1.1 1.2 1.3 f=fo5% f(3dB) = fo/7 f/fo - Relative Frequency FREQUENCY DEPENDENCE OF RESPONSIVITY REV: A1 Unity Opto Technology Co., Ltd. 12/09/2003 INFRARED RECEIVER MODULE Reliability Test item High temparature High temp. & high humi. Low temparature Temperature cycle Dropping Test condition Ta=+80 C t=240H o Ta=+40 C 90%RH t=240H Ta= -30oC t=240H o o -30 C(0.5H) ~ +80 C(0.5H) 20cycle Test devices shall be dropped 3 times naturally onto hard wooden board from a 75cm height position. o MIM-5xx3K9F Standard Note 2. Note 2. Note 2. Note 2. Note 3. NOTE 1. Distance between emitter & detector specifies maximum distance that output wave form satisfies the standard under the conditions below against the standerd transmitter. (1)Measuring place .........Indoor without extreme reflection of light. (2)Ambient light source... Detecting surface illumination shall be 20050Lux under ordinary hite fluorescense lamp of no high frequency lighting. (3)Standard transmitter ... Burst wave indicated in Fig 1. of standard transmitter shall be arranged to 50mVp-p under the measuring circuit specified in Fig 2. NOTE 2. (electro-optical charactistics) shall be satisfied after leaving 2 hours in the normal temperature . NOTE 3. (electro-optical charactistics) shall be satisfied and no conoid deforms and destructions of appearance .(excepting deforms of terminals) Inspection standard 1.Among electrical characteristics , total number shall be inspected on items blow. 1-1 front distance between emitter & detector 1-2 Current consumption 1-3 H level output voltage 1-4 L level output voltage 2.Items except above mentioned are not inspected particularly , but shall fully satisfy CAUTION ( When use and storage of this device ) 1.Store and use where there is no force causing transformation or change in quality . 2.Store and use where there is no corrosive gas or sea(salt) breeze . 3.Store and use where there is no extreme humidity . 4.Solder the lead-pin within the condition of ratings. After soldering do not add extra force . 5.Do not wash this device . Wipe the stains of diode side with a soft cloth. You can use the solvent , ethylalcohol or methylalcohol or isupropylene only . 6.To prevent static electricity damage to the Pre-AMP make sure that the human body , the soldering iron is connected to ground before using . 7.Put decoupling device between Vcc and GND for reduse the noise from power supply line . 8.The performance of remote-control system depends on environments condition and ability of periferal parts. Customer should evaluate the performance as total system in those conditions after system up with components such as commander , micon and this receiver module . Others 1.This device is not design to endure radiative rays and heavily charged particles . 2.In case where any trouble or questions arise,both parties agress to make full discussion covering the said problem . REV: A1 Unity Opto Technology Co., Ltd. 12/09/2003 |
Price & Availability of MIM-5333K9F |