Part Number Hot Search : 
C1001 UF30A 60AYP6C 60AYP6C TCD1304A ADM803 TEA6321 TE4946
Product Description
Full Text Search
 

To Download MC9S08AC96 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Data Sheet: Advanced Information
Document Number: MC9S08AC128 Rev. 1, 9/2008
MC9S08AC128 8-Bit Microcontroller Data Sheet
This document contains information on a new product. Specifications and information herein are subject to change without notice.
8-Bit HCS08 Central Processor Unit (CPU) * 40-MHz HCS08 CPU (central processor unit) * 20-MHz internal bus frequency * HC08 instruction set with added BGND, CALL and RTC instructions * Memory Management Unit to support paged memory. * Linear Address Pointer to allow direct page data accesses of the entire memory map Development Support * Background debugging system * Breakpoint capability to allow single breakpoint setting during in-circuit debugging (plus two more breakpoints in on-chip debug module) * On-chip in-circuit emulator (ICE) Debug module containing three comparators and nine trigger modes. Eight deep FIFO for storing change-of-flow addresses and event-only data. Supports both tag and force breakpoints. Memory Options * Up to 128K FLASH -- read/program/erase over full operating voltage and temperature * Up to 8K Random-access memory (RAM) * Security circuitry to prevent unauthorized access to RAM and FLASH contents Clock Source Options * Clock source options include crystal, resonator, external clock, or internally generated clock with precision NVM trimming using ICG module System Protection * Optional computer operating properly (COP) reset with option to run from independent internal clock source or bus clock * CRC module to support fast cyclic redundancy checks on system memory * Low-voltage detection with reset or interrupt * Illegal opcode detection with reset * Master reset pin and power-on reset (POR)
MC9S08AC128
917A-03 840B-01 824D-02
Power-Saving Modes * Wait plus two stops Peripherals * ADC -- 16-channel, 10-bit resolution, 2.5 s conversion time, automatic compare function, temperature sensor, internal bandgap reference channel * SCIx -- Two serial communications interface modules supporting LIN 2.0 Protocol and SAE J2602 protocols; Full duplex non-return to zero (NRZ); Master extended break generation; Slave extended break detection; Wakeup on active edge * SPIx -- One full and one master-only serial peripheral interface modules; Full-duplex or single-wire bidirectional; Double-buffered transmit and receive; Master or Slave mode; MSB-first or LSB-first shifting * IIC -- Inter-integrated circuit bus module; Up to 100 kbps with maximum bus loading; Multi-master operation; Programmable slave address; Interrupt driven byte-by-byte data transfer; supports broadcast mode and 10 bit addressing * TPMx -- One 2-channel and two 6-channel 16-bit timer/pulse-width modulator (TPM) modules: Selectable input capture, output compare, and edge-aligned PWM capability on each channel. Each timer module may be configured for buffered, centered PWM (CPWM) on all channels * KBI -- 8-pin keyboard interrupt module Input/Output * Up to 70 general-purpose input/output pins * Software selectable pullups on input port pins * Software selectable drive strength and slew rate control on ports when used as outputs Package Options * 80-pin low-profile quad flat package (LQFP) * 64-pin quad flat package (QFP) * 44-pin low-profile quad flat package (LQFP)
This document contains information on a new product. Specifications and information herein are subject to change without notice. (c) Freescale Semiconductor, Inc., 2007-2008. All rights reserved.
Preliminary -- Subject to Change
Table of Contents
Chapter 1 Device Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3 1.1 MCU Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . .3 Chapter 2 Pins and Connections. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5 2.1 Device Pin Assignment . . . . . . . . . . . . . . . . . . . . . . . . . .5 Chapter 3 Electrical Characteristics and Timing Specifications . . . . . . .11 3.1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11 3.2 Parameter Classification . . . . . . . . . . . . . . . . . . . . . . . .11 3.3 Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . .11 3.4 Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . .13 3.5 ESD Protection and Latch-Up Immunity . . . . . . . . . . . .14 3.6 DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . .14 3.7 Supply Current Characteristics . . . . . . . . . . . . . . . . . . .18 3.8 ADC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .21 3.9 Internal Clock Generation Module Characteristics . . . .24 3.9.1 ICG Frequency Specifications . . . . . . . . . . . . . 3.10 AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.10.1 Control Timing . . . . . . . . . . . . . . . . . . . . . . . . . 3.10.2 Timer/PWM (TPM) Module Timing. . . . . . . . . . 3.11 SPI Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.12 FLASH Specifications . . . . . . . . . . . . . . . . . . . . . . . . . 3.13 EMC Performance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.13.1 Radiated Emissions . . . . . . . . . . . . . . . . . . . . . 3.13.2 Conducted Transient Susceptibility . . . . . . . . . Chapter 4 Ordering Information and Mechanical Drawings . . . . . . . . . . 4.1 Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2 Orderable Part Numbering System . . . . . . . . . . . . . . . 4.3 Mechanical Drawings. . . . . . . . . . . . . . . . . . . . . . . . . . Chapter 5 Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 27 27 28 30 33 34 34 34 37 37 37 37 39
Related Documentation
MC9S08AC128 Series Reference Manual (MC9S08AC128RM) contains extensive product information including modes of operartion, memory, resets and interrupts, register definitions, port pins, CPU, and all peripheral module information. For the latest version of the documentation, check our website at: http://www.freescale.com
MC9S08AC128 MCU Series Data Sheet, Rev. 1 2
Preliminary -- Subject to Change
Freescale Semiconductor
Chapter 1 Device Overview
The MC9S08AC128 is a member of the low-cost, high-performance HCS08 Family of 8-bit microcontroller units (MCUs). The MC9S08AC128 uses the enhanced HCS08 core.
1.1
MCU Block Diagram
The block diagram in Figure 1-1 shows the structure of the MC9S08AC128 Series MCU.
MC9S08AC128 MCU Series Data Sheet, Rev. 1 Freescale Semiconductor
Preliminary -- Subject to Change
3
Chapter 1 Device Overview
HCS08 CORE
DEBUG MODULE (DBG) PORT A
BKGD/MS
BDC
CPU
CYCLIC REDUNDANCY CHECK MODULE (CRC)
HCS08 SYSTEM CONTROL RESET RESETS AND INTERRUPTS MODES OF OPERATION POWER MANAGEMENT RTI IRQ VDDAD VSSAD VREFL VREFH USERMEMORY FLASH, RAM (BYTES) (AW128 = 128K, 8K) (AW96 = 96K, 6K) VDD VSS PTJ7 PTJ6 PTJ5 PTJ4 PTJ3 PTJ2 PTJ1 PTJ0 PTH6/MISO2 PTH5/MOSI2 PTH4/SPSCK2 PTH3/TPM2CH5 PTH2/TPM2CH4 PTH1/TPM2CH3 PTH0/TPM2CH2 PTG6/EXTAL PTG5/XTAL PTG4/KBI1P4 PTG3/KBI1P3 PTG2/KBI1P2 PTG1/KBI1P1 PTG0/KBIP0 COP LVD
PTA7 PTA6 PTA5 PTA4 PTA3 PTA2 PTA1 PTA0 PTB7/AD1P7 PTB6/AD1P6 PTB5/AD1P5 PTB4/AD1P4 PTB3/AD1P3 PTB2/AD1P2 PTB1/TPM3CH1/AD1P1 PTB0/TPM3CH0/AD1P0 PTC6 PTC5/RxD2 PTC4 PTC3/TxD2 PTC2/MCLK PTC1/SDA1 PTC0/SCL1 PTD7/KBI1P7/AD1P15 PTD6/TPM1CLK/AD1P14 PTD5/AD1P13 PTD4/TPM2CLK/AD1P12 PTD3/KBI1P6/AD1P11 PTD2/KBI1P5/AD1P10 PTD1/AD1P9 PTD0/AD1P8 PTE7/SPSCK1 PTE6/MOSI1 PTE5/MISO1 PTE4/SS1
INTERNAL CLOCK GENERATOR (ICG) PORT B PORT E PORT D PORT C LOW-POWER OSC EXTAL XTAL
RQ/TPMCLK
8-BIT KEYBOARD INTERRUPT MODULE (KBI1)
KBI1P7-KBI1P0
10-BIT ANALOG-TO-DIGITAL CONVERTER (ADC)
AD1P15-AD1P0
IIC MODULE (IIC1)
SCL SDA
SERIAL COMMUNICATIONS INTERFACE MODULE (SCI1)
RXD1 TXD1 RXD2 TXD2 SPSCK1 MOSI1
VOLTAGE REGULATOR SERIAL COMMUNICATIONS INTERFACE MODULE (SCI2) PORT J
SERIAL PERIPHERAL INTERFACE MODULE (SPI1)
MISO1 SS1 SPSCK2 MOSI2 MISO2 TPM1CLK or TPMCLK TPM1CH0-TPM1CH5 TPM2CLK or TPMCLK PORT F TPM2CH0-TPM2CH5 TPMCLK TPM3CH1 TPM3CH0
SERIAL PERIPHERAL INTERFACE MODULE (SPI2) PORT H
6-CHANNEL TIMER/PWM MODULE (TPM1)
PTE3/TPM1CH1 PTE2/TPM1CH0 PTE1/RxD1 PTE0/TxD1 PTF7 PTF6 PTF5/TPM2CH1 PTF4/TPM2CH0 PTF3/TPM1CH5 PTF2/TPM1CH4 PTF1/TPM1CH3 PTF0/TPM1CH2
PORT G
6-CHANNEL TIMER/PWM MODULE (TPM2) 2-CHANNEL TIMER/PWM MODULE (TPM3)
- Pin not connected in 64-pin and 48-pin packages
- Pin not connected in 48-pin package
Figure 1-1. MC9S08AC128 Series Block Diagram
MC9S08AC128 MCU Series Data Sheet, Rev. 1 4
Preliminary -- Subject to Change
Freescale Semiconductor
Chapter 2 Pins and Connections
This section describes signals that connect to package pins. It includes pinout diagrams, recommended system connections, and detailed discussions of signals.
2.1
Device Pin Assignment
PTC5/RxD2 PTC3/TxD2 PTC2/MCLK PTH6/MISO2 PTH5/MIOSI2 PTH4/SPCK2 PTC1/SDA1 PTC0/SCL1 VDD (NC) VSS PTG6/EXTAL PTG5/XTAL BKGD/MS VREFL VREFH PTD7/KBI1P7/AD1P15 PTD6/TPM1CLK/AD1P14 PTD5/AD1P13 PTD4/TPM2CLK/AD1P12 PTG4/KBI1P4 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
Figure 2-1 shows the 80-pin LQFP package pin assignments for the MC9S08AC128 Series device.
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
PTC4 IRQ/TPMCLK RESET PTF0/TPM1CH2 PTF1/TPM1CH3 PTF2/TPM1CH4 PTF3/TPM1CH5 PTF4/TPM2CH0 PTC6 PTF7 PTF5/TPM2CH1 PTF6 PTJ0 PTJ1 PTJ2 PTJ3 PTE0/TxD1 PTE1/RxD1 PTE2/TPM1CH0 PTE3/TPM1CH1
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
80-Pin LQFP
60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41
PTG3/KBI1P3 PTD3/KBI1P6/AD1P11 PTD2/KBI1P5/AD1P10 VSSAD VDDAD PTD1/AD1P9 PTD0/AD1P8 PTB7/AD1P7 PTB6/AD1P6 PTB5/AD1P5 PTB4/AD1P4 PTB3/AD1P3 PTB2/AD1P2 PTB1/TPM3CH1/AD1P1 PTB0/TPM3CH0/AD1P0 PTH3/TPM2CH5 PTH2/TPM2CH4 PTH1/TPM2CH3 PTH0/TPM2CH2 PTA7
Figure 2-1. MC9S08AC128 Series in 80-Pin LQFP Package
Freescale Semiconductor
Preliminary -- Subject to Change
PTE4/SS1 PTE5/MISO1 PTE6/MOSI1 PTE7/SPSCK1 VSS VDD PTJ4 PTJ5 PTJ6 PTJ7 PTG0/KBI1P0 PTG1/KBI1P1 PTG2/KBI1P2 PTA0 PTA1 PTA2 PTA3 PTA4 PTA5 PTA6
Note: Pin names in bold are lost in lower pin count packages.
MC9S08AC128 MCU Series Data Sheet, Rev. 1 5
Chapter 2 Pins and Connections
Figure 2-2 shows the 64-pin package assignments for the MC9S08AC128 Series devices.
PTD4/AD1P12/TPM2CLK 50 47 46 45 44 43 42
PTD7/AD1P15/KBI1P7
PTD6//TPM1CLK
PTD5/AD1P13
PTC2/MCLK
PTC1/SDA1
PTC0/SCL1
PTC3/TxD2
64 PTC4 1 IRQ/TPMCLK RESET PTF0/TPM1CH2 PTF1/TPM1CH3 PTF2/TPM1CH4 PTF3/TPM1CH5 PTF4/TPM2CH0 PTC6 PTF7 PTF5/TPM2CH1 PTF6 PTE0/TxD1 PTE1/RxD1 PTE2/TPM1CH0 PTE3/TPM1CH1 16 18 17 PTA4 PTA5 PTG2/KBI1P2 PTE7/SPSCK1 PTG0/KBI1P0 PTG1/KBI1P1 PTE5/MISO1 PTE6/MOSI1 PTE4/SS1 PTA3 PTA0 PTA1 PTA2 VSS VDD 19 20 21 22 23 24 25 26 27 28 29 30 31 2 3 4 5 6 7 8 9 10 11 12 13 14 15 63 62 61 60 59 58 57 56 55 54 53 52 51
PTG4/KBI1P4 49 48 PTG3/KBI1P3 PTD3/KBI1P6/AD1P11 PTD2KBI1P5/AD1P10 VSSAD VDDAD PTD1/AD1P9 PTD0/AD1P8 PTB7/AD1P7 PTB6/AD1P6 PTB5/AD1P5 PTB4/AD1P4 PTB3/AD1P3 PTB2/AD1P2 PTB1/TPM3CH1/AD1P1 PTB0/TPM3CH0/AD1P0 33 PTA7 32 41 40 39 38 37 36 35 34
PTG6/EXTAL
PTC5/RxD2
PTG5/XTAL
BKGD/MS
64-Pin QFP
VREFH
VREFL
VSS
Note: Pin names in bold are lost in lower pin count packages.
Figure 2-2. MC9S08AC128 Series in 64-Pin QFP Package
MC9S08AC128 MCU Series Data Sheet, Rev. 1 6
Preliminary -- Subject to Change
PTA6
Freescale Semiconductor
Chapter 2 Pins and Connections
Figure 2-3 shows the 44-pin LQFP pin assignments for the MC9S08AC128 Series device.
PTC2/MCLK PTC1/SDA1 PTC0/SCL1 PTG6/EXTAL PTC5/RxD2 PTC3/TxD2 PTG5/XTAL
BKGD/MS
44 PTC4 1 IRQ/TPMCLK RESET PTF0/TPM1CH2 PTF1/TPM1CH3 PTF4/TPM2CH0 PTF5/TPM2CH1 PTE0/TxD1 PTE1/RxD1 PTE2/TPM1CH0 PTE3/TPM1CH1 11 13 12 PTE7/SPSCK1 PTG0/KBI1P0 PTG1/KBI1P1 PTG2/KBI1P2 PTE5/MISO1 PTE6/MOSI1 PTA0 PTE4/SS1 VSS VDD 14 15 16 17 18 19 20 21 2 3 4 5 6 7 8 9 10 43 42 41 40 39 38 37 36 35
34 33 PTG3/KBI1P3 32 31 30 29 PTD3/KBI1P6/AD1P11 PTD2/KBI1P5/AD1P10 VSSAD VDDAD PTD1/AD1P9 PTD0/AD1P8 PTB3/AD1P3 PTB2/AD1P2 PTB1/TPM3CH1/AD1P1 23 PTB0/TPM3CH0/AD1P0 22 PTA1
44-Pin LQFP
Figure 2-3. MC9S08AC128 Series in 44-Pin LQFP Package
Table 2-4. Pin Availability by Package Pin-Count
Pin Number 80 1 2 3 4 5 6 7 8 64 1 2 3 4 5 6 7 8 44 1 2 3 4 5 -- -- 6 Lowest <-Port Pin PTC4 IRQ RESET PTF0 PTF1 PTF2 PTF3 PTF4 TPM1CH2 TPM1CH3 TPM1CH4 TPM1CH5 TPM2CH0 TPMCLK1 Priority Alt 1 --> Highest Alt 2
MC9S08AC128 MCU Series Data Sheet, Rev. 1 Freescale Semiconductor
Preliminary -- Subject to Change
VREFH 28 27 26 25 24
VREFL
VSS
7
Chapter 2 Pins and Connections
Table 2-4. Pin Availability by Package Pin-Count (continued)
Pin Number 80 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 64 9 10 11 12 -- -- -- -- 13 14 15 16 17 18 19 20 21 22 -- -- -- -- 23 24 25 26 27 28 29 30 31 32 33 -- -- -- -- 34 35 36 37 44 -- -- 7 -- -- -- -- -- 8 9 10 11 12 13 14 15 16 17 -- -- -- -- 18 19 20 21 22 -- -- -- -- -- -- -- -- -- -- 23 24 25 26 Lowest <-Port Pin PTC6 PTF7 PTF5 PTF6 PTJ0 PTJ1 PTJ2 PTJ3 PTE0 PTE1 PTE2 PTE3 PTE4 PTE5 PTE6 PTE7 VSS VDD PTJ4 PTJ5 PTJ6 PTJ7 PTG0 PTG1 PTG2 PTA0 PTA1 PTA2 PTA3 PTA4 PTA5 PTA6 PTA7 PTH0 PTH1 PTH2 PTH3 PTB0 PTB1 PTB2 PTB3 TPM2CH2 TPM2CH3 TPM2CH4 TPM2CH5 TPM3CH0 AD1P0 TPM3CH1 AD1P1 AD1P2 AD1P3 KBI1P0 KBI1P1 KBI1P2 TxD1 RxD1 TPM1CH0 TPM1CH1 SS1 MISO1 MOSI1 SPSCK1 TPM2CH1 Priority Alt 1 --> Highest Alt 2
MC9S08AC128 MCU Series Data Sheet, Rev. 1 8
Preliminary -- Subject to Change
Freescale Semiconductor
Chapter 2 Pins and Connections
Table 2-4. Pin Availability by Package Pin-Count (continued)
Pin Number 80 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80
1
Lowest <-Port Pin PTB4 PTB5 PTB6 PTB7 PTD0 PTD1 VDDAD VSSAD PTD2 PTD3 PTG3 PTG4 PTD4 PTD5 PTD6 PTD7 VREFH VREFL BKGD PTG5 PTG6 VSS VDD(NC) PTC0 PTC1 PTH4 PTH5 PTH6 PTC2 PTC3 PTC5
Priority Alt 1 AD1P4 AD1P5 AD1P6 AD1P7 AD1P8 AD1P9
--> Highest Alt 2
64 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 -- 60 61 -- -- -- 62 63 64
44 -- -- -- -- 27 28 29 30 31 32 33 -- -- -- -- -- 34 35 36 37 38 39 -- 40 41 -- -- -- 42 43 44
KBI1P5 KBI1P6 KBI1P3 KBI1P4
AD1P10 AD1P11
TPM2CLK AD1P12 AD1P13 TPM1CLK AD1P14 KBI1P7 AD1P15
MS XTAL EXTAL
SCL1 SDA1 SPSCK2 MOSI2 MISO2 MCLK TxD2 RxD2
TPMCLK, TPM1CLK, and TPM2CLK options are configured via software; out of reset, TPM1CLK, TPM2CLK, and TPMCLK are available to TPM1, TPM2, and TPM3 respectively.
MC9S08AC128 MCU Series Data Sheet, Rev. 1 Freescale Semiconductor
Preliminary -- Subject to Change
9
Chapter 2 Pins and Connections
MC9S08AC128 MCU Series Data Sheet, Rev. 1 10
Preliminary -- Subject to Change
Freescale Semiconductor
Chapter 3 Electrical Characteristics and Timing Specifications
3.1 3.2 Introduction Parameter Classification
This section contains electrical and timing specifications.
The electrical parameters shown in this supplement are guaranteed by various methods. To give the customer a better understanding the following classification is used and the parameters are tagged accordingly in the tables where appropriate: Table 3-1. Parameter Classifications P C
Those parameters are guaranteed during production testing on each individual device. Those parameters are achieved by the design characterization by measuring a statistically relevant sample size across process variations. Those parameters are achieved by design characterization on a small sample size from typical devices under typical conditions unless otherwise noted. All values shown in the typical column are within this category. Those parameters are derived mainly from simulations. NOTE
The classification is shown in the column labeled "C" in the parameter tables where appropriate.
T
D
3.3
Absolute Maximum Ratings
Absolute maximum ratings are stress ratings only, and functional operation at the maxima is not guaranteed. Stress beyond the limits specified in Table 3-2 may affect device reliability or cause permanent damage to the device. For functional operating conditions, refer to the remaining tables in this section. This device contains circuitry protecting against damage due to high static voltage or electrical fields; however, it is advised that normal precautions be taken to avoid application of any voltages higher than maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate logic voltage level (for instance, either VSS or VDD).
MC9S08AC128 Series Data Sheet, Rev. 1 Freescale Semiconductor
Preliminary -- Subject to Change
11
Chapter 3 Electrical Characteristics and Timing Specifications
Table 3-2. Absolute Maximum Ratings
Rating Supply voltage Input voltage Instantaneous maximum current Single pin limit (applies to all port pins)1, 2, 3 Maximum current into VDD Storage temperature
1
Symbol VDD VIn ID IDD Tstg
Value -0.3 to + 5.8 - 0.3 to VDD + 0.3 25 120 -55 to +150
Unit V V mA mA C
Input must be current limited to the value specified. To determine the value of the required current-limiting resistor, calculate resistance values for positive (VDD) and negative (VSS) clamp voltages, then use the larger of the two resistance values. 2 All functional non-supply pins are internally clamped to VSS and VDD. 3 Power supply must maintain regulation within operating VDD range during instantaneous and operating maximum current conditions. If positive injection current (VIn > VDD) is greater than IDD, the injection current may flow out of VDD and could result in external power supply going out of regulation. Ensure external VDD load will shunt current greater than maximum injection current. This will be the greatest risk when the MCU is not consuming power. Examples are: if no system clock is present, or if the clock rate is very low which would reduce overall power consumption.
MC9S08AC128 Series Data Sheet, Rev. 1 12
Preliminary -- Subject to Change
Freescale Semiconductor
Chapter 3 Electrical Characteristics and Timing Specifications
3.4
Thermal Characteristics
This section provides information about operating temperature range, power dissipation, and package thermal resistance. Power dissipation on I/O pins is usually small compared to the power dissipation in on-chip logic and it is user-determined rather than being controlled by the MCU design. In order to take PI/O into account in power calculations, determine the difference between actual pin voltage and VSS or VDD and multiply by the pin current for each I/O pin. Except in cases of unusually high pin current (heavy loads), the difference between pin voltage and VSS or VDD will be very small. Table 3-3. Thermal Characteristics Rating
Operating temperature range (packaged)
Symbol
TA TJ
Value
TL to TH -40 to 125 150
Unit
C C
Maximum junction temperature Thermal resistance 1,2,3,4 80-pin LQFP 1s 2s2p 64-pin QFP 1s 2s2p 44-pin LQFP 1s 2s2p
1
61 47 JA 57 43 C/W
73 56
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal resistance. 2 Junction to Ambient Natural Convection 3 1s - Single Layer Board, one signal layer 4 2s2p - Four Layer Board, 2 signal and 2 power layers
The average chip-junction temperature (TJ) in C can be obtained from: TJ = TA + (PD x JA) where: Eqn. 3-1
TA = Ambient temperature, C JA = Package thermal resistance, junction-to-ambient, C/W PD = Pint + PI/O Pint = IDD x VDD, Watts -- chip internal power PI/O = Power dissipation on input and output pins -- user determined
For most applications, PI/O << Pint and can be neglected. An approximate relationship between PD and TJ (if PI/O is neglected) is: PD = K / (TJ + 273C) Solving equations 1 and 2 for K gives: Eqn. 3-2
MC9S08AC128 MCU Series Data Sheet, Rev. 1 Freescale Semiconductor
Preliminary -- Subject to Change
13
Chapter 3 Electrical Characteristics and Timing Specifications
K = PD x (TA + 273C) + JA x (PD)2
Eqn. 3-3
where K is a constant pertaining to the particular part. K can be determined from equation 3 by measuring PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ can be obtained by solving equations 1 and 2 iteratively for any value of TA.
3.5
ESD Protection and Latch-Up Immunity
Although damage from electrostatic discharge (ESD) is much less common on these devices than on early CMOS circuits, normal handling precautions should be used to avoid exposure to static discharge. Qualification tests are performed to ensure that these devices can withstand exposure to reasonable levels of static without suffering any permanent damage. All ESD testing is in conformity with AEC-Q100 Stress Test Qualification for Automotive Grade Integrated Circuits and JEDEC Standard for Non-Automotive Grade Integrated Circuits. During the device qualification ESD stresses were performed for the Human Body Model (HBM), the Machine Model (MM) and the Charge Device Model (CDM). A device is defined as a failure if after exposure to ESD pulses the device no longer meets the device specification. Complete DC parametric and functional testing is performed per the applicable device specification at room temperature followed by hot temperature, unless specified otherwise in the device specification. Table 3-4. ESD and Latch-up Test Conditions Model
Series Resistance Human Body Storage Capacitance Number of Pulse per pin Series Resistance Machine Storage Capacitance Number of Pulse per pin Minimum input voltage limit Latch-up Maximum input voltage limit 7.5 V
Description
Symbol
R1 C - R1 C -
Value
1500 100 3 0 200 3 - 2.5
Unit
pF
pF
V
Table 3-5. ESD and Latch-Up Protection Characteristics Num C
1 2 3 4
Rating
Symbol
VHBM VMM VCDM ILAT
Min
2000 200 500 100
Max
- - - -
Unit
V V V mA
C Human Body Model (HBM) C Machine Model (MM) C Charge Device Model (CDM) C Latch-up Current at TA = 125C
3.6
DC Characteristics
This section includes information about power supply requirements, I/O pin characteristics, and power supply current in various operating modes.
MC9S08AC128 Series Data Sheet, Rev. 1 14
Preliminary -- Subject to Change
Freescale Semiconductor
Chapter 3 Electrical Characteristics and Timing Specifications
Table 3-6. DC Characteristics
Num C 1 2 -- Operating Voltage P Output high voltage -- Low Drive (PTxDSn = 0) 5 V, ILoad = -2 mA 3 V, ILoad = -0.6 mA 5 V, ILoad = -0.4 mA 3 V, ILoad = -0.24 mA P Output high voltage -- High Drive (PTxDSn = 1) 5 V, ILoad = -10 mA 3 V, ILoad = -3 mA 5 V, ILoad = -2 mA 3 V, ILoad = -0.4 mA 3 P Output low voltage -- Low Drive (PTxDSn = 0) 5 V, ILoad = 2 mA 3 V, ILoad = 0.6 mA 5 V, ILoad = 0.4 mA 3 V, ILoad = 0.24 mA P Output low voltage -- High Drive (PTxDSn = 1) 5 V, ILoad = 10 mA 3 V, ILoad = 3 mA 5 V, ILoad = 2 mA 3 V, ILoad = 0.4 mA 4 P Output high current -- Max total IOH for all ports 5V 3V P Output low current -- Max total IOL for all ports 5V 3V 6 P Input high voltage; all digital inputs 7 8 9 10 11 12 13 14 15 16 17 2.7v VDD 4.5v 4.5v VDD 5.5v IOLT VIH VIH VIL Vhys
2
Parameter
Symbol VDD
Min 2.7 VDD - 1.5 VDD - 1.5 VDD - 0.8 VDD - 0.8
Typ1 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 0.1 0.1 45 45 -- 0.6 1.4 -- 4.3 4.4 2.56 2.62
Max 5.5 -- -- -- --
Unit V
VOH VDD - 1.5 VDD - 1.5 VDD - 0.8 VDD - 0.8 -- -- -- -- VOL -- -- -- -- IOHT -- -- -- -- 0.70xVDD 0.65xVDD -- 0.06 x VDD -- -- 20 20 -- -- 0.9 10 4.2 4.3 2.48 2.54 1 1 65 65 8 1.0 2.0 -- 4.4 4.5 2.64 2.7 1.5 1.5 0.8 0.8 100 60 100 60 -- -- 0.35 x VDD -- -- -- -- 1.5 1.5 0.8 0.8
V
V
mA
5
mA
V
P Input low voltage; all digital inputs P Input hysteresis; all digital inputs P Input leakage current; input only pins P Internal pullup resistors3 P Internal pulldown resistors D RAM retention voltage P POR rearm voltage D POR rearm time P Low-voltage detection threshold -- high range VDD falling VDD rising P Low-voltage detection threshold -- low range VDD falling VDD rising
4
mV A A k k pF V V s V
|IIn| |IOZ| RPU RPD CIn VRAM VPOR tPOR VLVDH
P High Impedance (off-state) leakage current2
C Input Capacitance; all non-supply pins
18
VLVDL
V
MC9S08AC128 MCU Series Data Sheet, Rev. 1 Freescale Semiconductor
Preliminary -- Subject to Change
15
Chapter 3 Electrical Characteristics and Timing Specifications
Table 3-6. DC Characteristics (continued)
Num C 19 P Parameter Symbol Min 4.2 4.3 2.48 2.54 Typ1 4.3 4.4 2.56 2.62 Max 4.4 4.5 2.64 2.7 Unit V
Low-voltage warning threshold -- high range VDD falling VLVWH VDD rising Low-voltage warning threshold -- low range VLVWL VDD falling VDD rising Low-voltage inhibit reset/recover hysteresis 5V 3V Vhys
20
P
V
21 P
1 2
-- --
100 60
-- --
mV
Typical values are based on characterization data at 25C unless otherwise stated. Measured with VIn = VDD or VSS. 3 Measured with V = V . In SS 4 Measured with V = V . In DD
Average of IOH -6.0E-3 -5.0E-3 -4.0E-3 -3.0E-3 -2.0E-3 -1.0E-3 000E+0 0 0.3 0.5
VDD-VOH (V)
-40C 25C 125C IOH (A) 0.8 VSupply-VOH 0.9 1.2 1.5
Figure 3-1. Typical IOH (Low Drive) vs VDD-VOH at VDD = 3 V
MC9S08AC128 Series Data Sheet, Rev. 1 16
Preliminary -- Subject to Change
Freescale Semiconductor
Chapter 3 Electrical Characteristics and Timing Specifications
-20.0E-3 -18.0E-3 -16.0E-3 -14.0E-3 -12.0E-3 -10.0E-3 -8.0E-3 -6.0E-3 -4.0E-3 -2.0E-3 000.0E-3
Average of IOH
VDD-VOH (V)
-40C 25C 125C IOH (A) 0 0.3 0.5 0.8 VSupply-VOH 0.9 1.2 1.5
Figure 3-2. Typical IOH (High Drive) vs VDD-VOH at VDD = 3 V
Average of IOH -7.0E-3 -6.0E-3 -5.0E-3 IOH (A) -4.0E-3 -3.0E-3 -2.0E-3 -1.0E-3 000E+0 0.00 0.30 0.50 0.80 VDD-VOH (V) VSupply-VOH 1.00 1.30 2.00 -40C 25C 125C
Figure 3-3. Typical IOH (Low Drive) vs VDD-VOH at VDD = 5 V
Average of IOH -30.0E-3 -25.0E-3 -20.0E-3 -15.0E-3 -10.0E-3 -5.0E-3 000.0E+3 0.00 0.30 0.50 0.80 VSupply-VOH 1.00 1.30 2.00 IOH (A) -40C 25C 125C VDD-VOH (V)
Figure 3-4. Typical IOH (High Drive) vs VDD-VOH at VDD = 5 V
MC9S08AC128 MCU Series Data Sheet, Rev. 1 Freescale Semiconductor
Preliminary -- Subject to Change
17
Chapter 3 Electrical Characteristics and Timing Specifications
3.7
Num
Supply Current Characteristics
Table 3-7. Supply Current Characteristics
C Parameter Run supply current measured at (CPU clock = 2 MHz, fBus = 1 MHz) Run supply current measured at (CPU clock = 16 MHz, fBus = 8 MHz) Stop2 mode supply current 3 C S2IDD Stop3 mode supply current 4 C S3IDD 3 5 3 5 5 C RTI adder to stop2 or stop36 S23IDDRTI 3 5 6 C LVD adder to stop3 (LVDE = LVDSE = 1) S3IDDLVD 3 5,3
4 2
Symbol
VDD (V) 5
Typ1 0.750 0.570 4.9 3.5 1.0 0.8 1.2 1.0 300 300 110 90 5
Max 0.9503 0.770 5.105 3.70 25 160 23 150 27 1803 25 170 500 500 500 500 180 180 160 160 8 8
Unit
Temp (C) -40 to 125C
1
C
RIDD
3 5
mA
2
C
RIDD
3 5
mA A A A A nA nA A A A A
-40 to 125C -40 to 85C -40 to 125C -40 to 85C -40 to 125C -40 to 85C -40 to 125C -40 to 85C -40 to 125C -40 to 85C -40 to 125C -40 to 85C -40 to 125C -40 to 85C -40 to 125C -40 to 85C -40 to 125C -40 to 85C -40 to 125C
7
1 2 3 4 5 6 7
C
Adder to stop3 for oscillator enabled7 (OSCSTEN =1)
S3IDDOSC
Typical values are based on characterization data at 25C unless otherwise stated. See Figure 3-5 through Figure 3-7 for typical curves across voltage/temperature. All modules except ADC active, ICG configured for FBE, and does not include any dc loads on port pins Every unit tested to this parameter. All other values in the Max column are guaranteed by characterization. All modules except ADC active, ICG configured for FBE, and does not include any dc loads on port pins Every unit tested to this parameter. All other values in the Max column are guaranteed by characterization. Most customers are expected to find that auto-wakeup from stop2 or stop3 can be used instead of the higher current wait mode. Wait mode typical is 560 A at 3 V with fBus = 1 MHz. Values given under the following conditions: low range operation (RANGE = 0) with a 32.768kHz crystal, low power mode (HGO = 0), clock monitor disabled (LOCD = 1).
MC9S08AC128 Series Data Sheet, Rev. 1 18
Preliminary -- Subject to Change
Freescale Semiconductor
Chapter 3 Electrical Characteristics and Timing Specifications 18
16
20 MHz, ADC off, FEE, 25C 20 MHz, ADC off, FBE, 25C
14
12
10
IDD
8
8 MHz, ADC off, FEE, 25C 8 MHz, ADC off, FBE, 25C
6
4
1 MHz, ADC off, FEE, 25C 1 MHz, ADC off, FBE, 25C
2
0 2.2 2.6 3.0 3.4 3.8 4.2 4.6 5.0 5.4
VDD Note: External clock is square wave supplied by function generator. For FEE mode, external reference frequency is 4 MHz
Figure 3-5. Typical Run IDD for FBE and FEE Modes, IDD vs. VDD
MC9S08AC128 MCU Series Data Sheet, Rev. 1 Freescale Semiconductor
Preliminary -- Subject to Change
19
Chapter 3 Electrical Characteristics and Timing Specifications
Stop2 IDD (A) Average of Measurement IDD -8.0E-3 -7.0E-3 -6.0E-3 -5.0E-3 IDD (A) -4.0E-3 -3.0E-3 -2.0E-3 -1.0E-3 000E+0 1.8 2 2.5 3 VDD (V) 3.5 4 4.5
-40C 25C 55C 85C
5
Figure 3-6. Typical Stop 2 IDD
Stop3 IDD (A) Average of Measurement IDD -8.0E-3 -7.0E-3 -6.0E-3 -5.0E-3 IDD (A) -4.0E-3 -3.0E-3 -2.0E-3 -1.0E-3 000E+0 1.8 2 2.5 3 VDD (V) 3.5 4 4.5
-40C 25C 55C 85C
5
Figure 3-7. Typical Stop3 IDD
MC9S08AC128 Series Data Sheet, Rev. 1 20
Preliminary -- Subject to Change
Freescale Semiconductor
Chapter 3 Electrical Characteristics and Timing Specifications
3.8
ADC Characteristics
Table 3-8. 5 Volt 10-bit ADC Operating Conditions
Characteristic Conditions Absolute Delta to VDD (VDD-VDDAD)2 Symb VDDAD VDDAD VSSAD VREFH VREFL Stop, reset, module off IDDAD VADIN CADIN RADIN 10-bit mode fADCK > 4MHz fADCK < 4MHz 8-bit mode (all valid fADCK) Min 2.7 -100 -100 2.7 VSSAD -- VREFL -- -- -- -- -- 0.4 fADCK 0.4 Typ1 -- 0 0 VDDAD VSSAD 0.011 -- 4.5 3 -- -- -- -- -- 3.266 m
--
Max 5.5 +100 +100 VDDAD VSSAD 1 VREFH 5.5 5 5 10 10 8.0
Unit V mV mV V V A V pF k
Supply voltage
Ground voltage Ref voltage high Ref voltage low Supply current Input voltage Input capacitance Input resistance Analog source resistance External to MCU
Delta to VSS (VSS-VSSAD)2
RAS
k
ADC conversion clock frequency
High speed (ADLPC = 0) Low power (ADLPC = 1)
MHz 4.0 -- -- -- mV/ C V
Temp Sensor Slope Temp Sensor Voltage
1
-40 C to 25 C 25 C to 125 C 25 C
3.638 1.396
VTEMP25
--
Typical values assume VDDAD = 5.0 V, Temp = 25C, fADCK = 1.0MHz unless otherwise stated. Typical values are for reference only and are not tested in production. 2 dc potential difference.
MC9S08AC128 MCU Series Data Sheet, Rev. 1 Freescale Semiconductor
Preliminary -- Subject to Change
21
Chapter 3 Electrical Characteristics and Timing Specifications SIMPLIFIED INPUT PIN EQUIVALENT CIRCUIT ZAS RAS Pad leakage due to input protection
ZADIN SIMPLIFIED CHANNEL SELECT CIRCUIT RADIN
ADC SAR ENGINE
+
VADIN VAS
+ -
CAS
-
RADIN INPUT PIN
RADIN
INPUT PIN
RADIN CADIN
INPUT PIN
Figure 3-8. ADC Input Impedance Equivalency Diagram
MC9S08AC128 Series Data Sheet, Rev. 1 22
Preliminary -- Subject to Change
Freescale Semiconductor
Chapter 3 Electrical Characteristics and Timing Specifications
Table 3-9. 5 Volt 10-bit ADC Characteristics (VREFH = VDDAD, VREFL = VSSAD)
Characteristic Supply current ADLPC = 1 ADLSMP = 1 ADCO = 1 Supply current ADLPC = 1 ADLSMP = 0 ADCO = 1 Supply current ADLPC = 0 ADLSMP = 1 ADCO = 1 Supply current ADLPC = 0 ADLSMP = 0 ADCO = 1 ADC asynchronous clock source tADACK = 1/fADACK Conversion time (Including sample time) Sample time Conditions C T Symb IDDAD Min -- Typ1 133 Max -- Unit A
T
IDDAD
--
218
--
A
T
IDDAD
--
327
--
A
T VDDAD < 5.5 V P
IDDAD
-- --
582 --
-- 1
A mA
High speed (ADLPC = 0) Low power (ADLPC = 1) Short sample (ADLSMP = 0) Long sample (ADLSMP = 1) Short sample (ADLSMP = 0) Long sample (ADLSMP = 1)
P
fADACK
2 1.25
3.3 2 20 40 3.5 23.5 1 0.5 0.5 0.3
5 3.3 -- -- -- -- 2.5 1.0 1.0 0.5
MHz
P
tADC
-- --
ADCK cycles ADCK cycles LSB2
P
tADS
-- --
Total unadjusted error Includes quantization Differential non-linearity
10-bit mode 8-bit mode 10-bit mode 8-bit mode
P
ETUE
-- --
P
DNL
-- --
LSB2
Monotonicity and no-missing-codes guaranteed Integral non-linearity 10-bit mode 8-bit mode Zero-scale error VADIN = VSSA Full-scale error VADIN = VDDA Quantization error 10-bit mode 8-bit mode 10-bit mode 8-bit mode 10-bit mode 8-bit mode D EQ
P P
C
INL
-- --
0.5 0.3 0.5 0.5 0.5 0.5 -- --
1.0 0.5 1.5 0.5 1.5 0.5 0.5 0.5
LSB2
EZS
-- --
LSB2
EFS
-- -- -- --
LSB2
LSB2
MC9S08AC128 MCU Series Data Sheet, Rev. 1 Freescale Semiconductor
Preliminary -- Subject to Change
23
Chapter 3 Electrical Characteristics and Timing Specifications
Table 3-9. 5 Volt 10-bit ADC Characteristics (VREFH = VDDAD, VREFL = VSSAD)
Characteristic Input leakage error Pad leakage3 * RAS
1
Conditions 10-bit mode 8-bit mode
C D
Symb EIL
Min -- --
Typ1 0.2 0.1
Max 2.5 1
Unit LSB2
Typical values assume VDDAD = 5.0V, Temp = 25C, fADCK=1.0 MHz unless otherwise stated. Typical values are for reference only and are not tested in production. 2 1 LSB = (VREFH - VREFL)/2N 3 Based on input pad leakage current. Refer to pad electricals.
3.9
Internal Clock Generation Module Characteristics
ICG EXTAL XTAL RS
RF
C1
Crystal or Resonator C2
Table 3-10. ICG DC Electrical Specifications (Temperature Range = -40 to 125C Ambient)
Characteristic Load capacitors Feedback resistor Low range (32k to 100 kHz) High range (1M - 16 MHz) Series resistor Low range Low Gain (HGO = 0) High Gain (HGO = 1) High range Low Gain (HGO = 0) High Gain (HGO = 1) 8 MHz 4 MHz 1 MHz
1 2
Symbol C1 C2 RF
Min
Typ1
Max
Unit
See Note 2 10 1 M M
-- -- RS -- -- -- --
0 100 0 0 10 20
-- -- -- -- -- -- k
Typical values are based on characterization data at VDD = 5.0V, 25C or is typical recommended value. See crystal or resonator manufacturer's recommendation.
MC9S08AC128 Series Data Sheet, Rev. 1 24
Preliminary -- Subject to Change
Freescale Semiconductor
Chapter 3 Electrical Characteristics and Timing Specifications
3.9.1
ICG Frequency Specifications
Table 3-11. ICG Frequency Specifications (VDDA = VDDA (min) to VDDA (max), Temperature Range = -40 to 125C Ambient)
Num
C
Characteristic Oscillator crystal or resonator (REFS = 1) (Fundamental mode crystal or ceramic resonator) Low range High range High Gain, FBE (HGO = 1,CLKS = 10) High Gain, FEE (HGO = 1,CLKS = 11) Low Power, FBE (HGO = 0, CLKS = 10) Low Power, FEE (HGO = 0, CLKS = 11) Input clock frequency (CLKS = 11, REFS = 0) Low range High range
Symbol
Min
Typ1
Max
Unit
flo fhi_byp fhi_eng flp_byp flp_eng flo fhi_eng fExtal fICGIRCLK tdc
32 1 2 1 2 32 2 0 182.25 40
-- -- --
100 16 10 8 8 100 10 40 303.75 60 fExtal (max) fICGDCLKmax( max) 40 fICGDCLKmax
kHz MHz MHz MHz MHz kHz MHz MHz kHz %
1
2 3 4 5
-- -- -- 243 --
Input clock frequency (CLKS = 10, REFS = 0) Internal reference frequency (untrimmed) Duty cycle of input clock (REFS = 0) Output clock ICGOUT frequency CLKS = 10, REFS = 0 All other cases Minimum DCO clock (ICGDCLK) frequency Maximum DCO clock (ICGDCLK) frequency Self-clock mode (ICGOUT) frequency
3 2
6
fICGOUT
fExtal (min) flo (min) 3 fICGDCLKmin 5.5 5 50 0.5 -- -- -- -- -4*N -2*N --
-- -- -- --
MHz MHz MHz MHz MHz
7 8 9 10 11 12 13
fICGDCLKmin fICGDCLKmax fSelf fSelf_reset fLOR fLOD
t t CSTL
Self-clock mode reset (ICGOUT) frequency Loss of reference frequency Low range High range Loss of DCO frequency 4 Crystal start-up time Low range High range FLL lock time , 7 Low range High range FLL frequency unlock range FLL frequency lock range at fICGOUT Max ICGOUT period jitter, Long term jitter (averaged over 2 ms interval) Internal oscillator deviation from trimmed frequency9 VDD = 2.7 - 5.5 V, (constant temperature) VDD = 5.0 V 10%, -40 C to 125C
, 8 measured 5, 6
8
10.5 25 500 1.5
kHz MHz
CSTH
430 4
-- -- 2 2 4*N 2*N 0.2
ms ms counts counts % fICG
14 15 16 17
tLockl tLockh nUnlock nLock CJitter
18
1 2
ACCint
-- --
0.5 0.5
2 2
%
Typical values are based on characterization data at VDD = 5.0V, 25C unless otherwise stated. Self-clocked mode frequency is the frequency that the DCO generates when the FLL is open-loop.
MC9S08AC128 MCU Series Data Sheet, Rev. 1 Freescale Semiconductor
Preliminary -- Subject to Change
25
Chapter 3 Electrical Characteristics and Timing Specifications
3 4 5 6 7 8
9
Loss of reference frequency is the reference frequency detected internally, which transitions the ICG into self-clocked mode if it is not in the desired range. Loss of DCO frequency is the DCO frequency detected internally, which transitions the ICG into FLL bypassed external mode (if an external reference exists) if it is not in the desired range. This parameter is characterized before qualification rather than 100% tested. Proper PC board layout procedures must be followed to achieve specifications. This specification applies to the period of time required for the FLL to lock after entering FLL engaged internal or external modes. If a crystal/resonator is being used as the reference, this specification assumes it is already running. Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum fICGOUT. Measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal. Noise injected into the FLL circuitry via VDDA and VSSA and variation in crystal oscillator frequency increase the CJitter percentage for a given interval. See Figure 3-9
Average of Percentage Error
Variable 3V 5V
Figure 3-9. Internal Oscillator Deviation from Trimmed Frequency
MC9S08AC128 Series Data Sheet, Rev. 1 26
Preliminary -- Subject to Change
Freescale Semiconductor
Chapter 3 Electrical Characteristics and Timing Specifications
3.10
AC Characteristics
This section describes ac timing characteristics for each peripheral system. For detailed information about how clocks for the bus are generated, see Chapter 10, "Internal Clock Generator (S08ICGV4)."
3.10.1
Num 1 2 3 4
5
Control Timing
Table 3-12. Control Timing
C Parameter Bus frequency (tcyc = 1/fBus) Real-time interrupt internal oscillator period External reset pulse width2 (tcyc = 1/fSelf_reset) Reset low drive3 Active background debug mode latch setup time Active background debug mode latch hold time IRQ pulse width Asynchronous path2 Synchronous path4 KBIPx pulse width Asynchronous path2 Synchronous path3 Port rise and fall time (load = 50 pF)5 Slew rate control disabled (PTxSE = 0) Slew rate control enabled (PTxSE = 1) Symbol fBus tRTI textrst trstdrv tMSSU tMSH tILIH, tIHIL Min dc 700 1.5 x tSelf_reset 34 x tcyc 25 25 100 1.5 x tcyc 100 1.5 x tcyc -- -- -- Typ1 -- Max 20 1300 -- -- -- -- -- Unit MHz s ns ns ns ns ns
6
7
8
tILIH, tIHIL
--
--
ns
9
1 2
tRise, tFall
3 30
ns
Typical values are based on characterization data at VDD = 5.0V, 25C unless otherwise stated. This is the shortest pulse that is guaranteed to be recognized as a reset pin request. Shorter pulses are not guaranteed to override reset requests from internal sources. 3 When any reset is initiated, internal circuitry drives the reset pin low for about 34 bus cycles and then samples the level on the reset pin about 38 bus cycles later to distinguish external reset requests from internal requests. 4 This is the minimum pulse width that is guaranteed to pass through the pin synchronization circuitry. Shorter pulses may or may not be recognized. In stop mode, the synchronizer is bypassed so shorter pulses can be recognized in that case. 5 Timing is shown with respect to 20% VDD and 80% VDD levels. Temperature range -40C to 125C.
textrst RESET PIN
Figure 3-10. Reset Timing
MC9S08AC128 MCU Series Data Sheet, Rev. 1 Freescale Semiconductor
Preliminary -- Subject to Change
27
Chapter 3 Electrical Characteristics and Timing Specifications
BKGD/MS
RESET tMSH tMSSU
Figure 3-11. Active Background Debug Mode Latch Timing
tIHIL IRQ/KBIP7-KBIP4
IRQ/KBIPx tILIH
Figure 3-12. IRQ/KBIPx Timing
3.10.2
Timer/PWM (TPM) Module Timing
Synchronizer circuits determine the shortest input pulses that can be recognized or the fastest clock that can be used as the optional external source to the timer counter. These synchronizers operate from the current bus rate clock. Table 3-13. TPM Input Timing
Function External clock frequency External clock period External clock high time External clock low time Input capture pulse width Symbol fTPMext tTPMext tclkh tclkl tICPW Min dc 4 1.5 1.5 1.5 Max fBus/4 -- -- -- -- Unit MHz tcyc tcyc tcyc tcyc
MC9S08AC128 Series Data Sheet, Rev. 1 28
Preliminary -- Subject to Change
Freescale Semiconductor
Chapter 3 Electrical Characteristics and Timing Specifications
tTPMext tclkh
TPMxCLK tclkl
Figure 3-13. Timer External Clock
tICPW TPMxCHn
TPMxCHn tICPW
Figure 3-14. Timer Input Capture Pulse
MC9S08AC128 MCU Series Data Sheet, Rev. 1 Freescale Semiconductor
Preliminary -- Subject to Change
29
Chapter 3 Electrical Characteristics and Timing Specifications
3.11
SPI Characteristics
Table 3-14. SPI Electrical Characteristic
Num1 C Characteristic2 Operating frequency3 Master Slave 1 Cycle time Master Slave 2 Enable lead time Master Slave 3 Enable lag time Master Slave 4 5 6 Clock (SPSCK) high time Master and Slave Clock (SPSCK) low time Master and Slave Data setup time (inputs) Master Slave 7 Data hold time (inputs) Master Slave 8 9 10 Access time, slave4 Disable time, slave5 Data setup time (outputs) Master Slave Data hold time (outputs) Master Slave
1
Table 3-14 and Figure 3-15 through Figure 3-18 describe the timing requirements for the SPI system.
Symbol
Min
Max
Unit Hz
fop fop
tSCK tSCK
fBus/2048 dc
2 4 -- 1/2
fBus/2 fBus/4
2048
-- 1/2 -- 1/2 --
-- -- -- --
tcyc tcyc
tLead tLead tLag tLag tSCKH tSCKL tSI(M) tSI(S) tHI(M) tHI(S) tA tdis tSO tSO tHO tHO
tSCK tSCK tSCK tSCK
ns ns ns ns
-- 1/2
1/2 tSCK - 25 1/2 tSCK - 25 30 30
30 30 0 -- 25 25
-- -- 40 40 -- --
ns ns ns ns ns ns
11
-10 -10
-- --
ns ns
Refer to Figure 3-15 through Figure 3-18. All timing is shown with respect to 20% VDD and 70% VDD, unless noted; 100 pF load on all SPI pins. All timing assumes slew rate control disabled and high drive strength enabled for SPI output pins. 3 Maximum baud rate must be limited to 5 MHz due to pad input characteristics. 4 Time to data active from high-impedance state. 5 Hold time to high-impedance state.
2
MC9S08AC128 Series Data Sheet, Rev. 1 30
Preliminary -- Subject to Change
Freescale Semiconductor
Chapter 3 Electrical Characteristics and Timing Specifications SS1 (OUTPUT) 2 SCK (CPOL = 0) (OUTPUT) SCK (CPOL = 1) (OUTPUT) 6 MISO (INPUT) MSB IN2 10 MOSI (OUTPUT) MSB OUT2 7 BIT 6 . . . 1 10 BIT 6 . . . 1 LSB OUT LSB IN 11 1 5 4 3
5 4
NOTES: 1. SS output mode (MODFEN = 1, SSOE = 1). 2. LSBF = 0. For LSBF = 1, bit order is LSB, bit 1, ..., bit 6, MSB.
Figure 3-15. SPI Master Timing (CPHA = 0)
SS(1) (OUTPUT) 1 2 SCK (CPOL = 0) (OUTPUT) SCK (CPOL = 1) (OUTPUT) MISO (INPUT) 10 MOSI (OUTPUT) MSB OUT(2) 5 4 5 4 6 7 MSB IN(2) BIT 6 . . . 1 11 BIT 6 . . . 1 LSB OUT LSB IN 3
NOTES: 1. SS output mode (MODFEN = 1, SSOE = 1). 2. LSBF = 0. For LSBF = 1, bit order is LSB, bit 1, ..., bit 6, MSB.
Figure 3-16. SPI Master Timing (CPHA = 1)
MC9S08AC128 MCU Series Data Sheet, Rev. 1 Freescale Semiconductor
Preliminary -- Subject to Change
31
Chapter 3 Electrical Characteristics and Timing Specifications SS (INPUT) 1 SCK (CPOL = 0) (INPUT) 2 SCK (CPOL = 1) (INPUT) 8 MISO (OUTPUT) SLAVE 6 MOSI (INPUT)
NOTE:
3 5
4
5 4 10 MSB OUT 7 MSB IN BIT 6 . . . 1 LSB IN BIT 6 . . . 1 11 SLAVE LSB OUT SEE NOTE 9
1. Not defined but normally MSB of character just received
Figure 3-17. SPI Slave Timing (CPHA = 0)
SS (INPUT) 1 2 SCK (CPOL = 0) (INPUT) SCK (CPOL = 1) (INPUT) MISO (OUTPUT) SEE NOTE 8 MOSI (INPUT) 5 4 5 4 10 SLAVE 6 MSB IN MSB OUT 7 BIT 6 . . . 1 LSB IN 11 BIT 6 . . . 1 SLAVE LSB OUT 9 3
NOTE: 1. Not defined but normally LSB of character just received
Figure 3-18. SPI Slave Timing (CPHA = 1)
MC9S08AC128 Series Data Sheet, Rev. 1 32
Preliminary -- Subject to Change
Freescale Semiconductor
Chapter 3 Electrical Characteristics and Timing Specifications
3.12
FLASH Specifications
This section provides details about program/erase times and program-erase endurance for the Flash memory. Program and erase operations do not require any special power sources other than the normal VDD supply. For more detailed information about program/erase operations, see Chapter 4, "Memory." Table 3-15. Flash Characteristics
Num 1 2 3 4
5
C P P P P
P
Characteristic Supply voltage for program/erase Supply voltage for read operation Internal FCLK frequency2 Internal FCLK period (1/FCLK) Byte program time (random location)(2) Byte program time (burst mode)(2) Page erase time3 Mass erase time(2) Program/erase endurance4 TL to TH = -40C to + 125C T = 25C Data retention5
Symbol Vprog/erase VRead fFCLK tFcyc tprog tBurst tPage tMass
Min 2.7 2.7 150 5
Typ1
Max 5.5 5.5 200 6.67
Unit V V kHz s tFcyc tFcyc tFcyc tFcyc
9 4 4000 20,000
6
7
C
P
8
P
9
C
10,000 -- tD_ret 15
-- 100,000 100
-- -- --
cycles
10
1
C
years
Typical values are based on characterization data at VDD = 5.0 V, 25C unless otherwise stated. The frequency of this clock is controlled by a software setting. 3 These values are hardware state machine controlled. User code does not need to count cycles. This information supplied for calculating approximate time to program and erase. 4 Typical endurance for Flash was evaluated for this product family on the 9S12Dx64. For additional information on how Freescale Semiconductor defines typical endurance, please refer to Engineering Bulletin EB619/D, Typical Endurance for Nonvolatile Memory. 5 Typical data retention values are based on intrinsic capability of the technology measured at high temperature and de-rated to 25C using the Arrhenius equation. For additional information on how Freescale Semiconductor defines typical data retention, please refer to Engineering Bulletin EB618/D, Typical Data Retention for Nonvolatile Memory.
2
MC9S08AC128 MCU Series Data Sheet, Rev. 1 Freescale Semiconductor
Preliminary -- Subject to Change
33
Chapter 3 Electrical Characteristics and Timing Specifications
3.13
EMC Performance
Electromagnetic compatibility (EMC) performance is highly dependant on the environment in which the MCU resides. Board design and layout, circuit topology choices, location and characteristics of external components as well as MCU software operation all play a significant role in EMC performance. The system designer should consult Freescale applications notes such as AN2321, AN1050, AN1263, AN2764, and AN1259 for advice and guidance specifically targeted at optimizing EMC performance.
3.13.1
Radiated Emissions
Microcontroller radiated RF emissions are measured from 150 kHz to 1 GHz using the TEM/GTEM Cell method in accordance with the IEC 61967-2 and SAE J1752/3 standards. The measurement is performed with the microcontroller installed on a custom EMC evaluation board while running specialized EMC test software. The radiated emissions from the microcontroller are measured in a TEM cell in two package orientations (North and East). For more detailed information concerning the evaluation results, conditions and setup, please refer to the EMC Evaluation Report for this device. The maximum radiated RF emissions of the tested configuration in all orientations are less than or equal to the reported emissions levels. Table 3-16. Radiated Emissions
Parameter Symbol VRE_TEM Conditions VDD = 5.0 V TA = +25oC package type 80 LQFP Frequency 0.15 - 50 MHz 50 - 150 MHz 150 - 500 MHz 500 - 1000 MHz IEC Level SAE Level
1
fOSC/fBUS 32kHz crystal 20MHz Bus
Level1 (Max) 30 32 19 7 1 4
Unit dBV
Radiated emissions, electric field
-- --
Data based on qualification test results.
3.13.2
Conducted Transient Susceptibility
Microcontroller transient conducted susceptibility is measured in accordance with an internal Freescale test method. The measurement is performed with the microcontroller installed on a custom EMC evaluation board and running specialized EMC test software designed in compliance with the test method. The conducted susceptibility is determined by injecting the transient susceptibility signal on each pin of the microcontroller. The transient waveform and injection methodology is based on IEC 61000-4-4 (EFT/B). The transient voltage required to cause performance degradation on any pin in the tested configuration is greater than or equal to the reported levels unless otherwise indicated by footnotes below the table.
MC9S08AC128 Series Data Sheet, Rev. 1 34
Preliminary -- Subject to Change
Freescale Semiconductor
Chapter 3 Electrical Characteristics and Timing Specifications
Table 3-17.
Parameter Symbol Conditions fOSC/fBUS Result A Conducted susceptibility, electrical fast transient/burst (EFT/B) VDD = 5.5V TA = +25oC package type 80 LQFP 4MHz crystal 20MHz Bus B C D
1
Amplitude1 (Min) TBD TBD
Unit
VCS_EFT
kV TBD TBD
Data based on qualification test results. Not tested in production.
The susceptibility performance classification is described in Table 3-18. Table 3-18. Susceptibility Performance Classification
Result A B No failure Self-recovering failure Soft failure Performance Criteria The MCU performs as designed during and after exposure. The MCU does not perform as designed during exposure. The MCU returns automatically to normal operation after exposure is removed. The MCU does not perform as designed during exposure. The MCU does not return to normal operation until exposure is removed and the RESET pin is asserted. The MCU does not perform as designed during exposure. The MCU does not return to normal operation until exposure is removed and the power to the MCU is cycled. The MCU does not perform as designed during and after exposure. The MCU cannot be returned to proper operation due to physical damage or other permanent performance degradation.
C
D
Hard failure
E
Damage
MC9S08AC128 MCU Series Data Sheet, Rev. 1 Freescale Semiconductor
Preliminary -- Subject to Change
35
Chapter 3 Electrical Characteristics and Timing Specifications
MC9S08AC128 Series Data Sheet, Rev. 1 36
Preliminary -- Subject to Change
Freescale Semiconductor
Chapter 4 Ordering Information and Mechanical Drawings
4.1 Ordering Information
Table 4-1. Device Numbering System
Device Number1 FLASH MC9S08AC128 MC9S08AC96
1 2
This section contains ordering numbers for MC9S08AC128 Series devices. See below for an example of the device numbering system.
Memory RAM 8K 6K
Available Packages2 Type 80 LQFP, 64 QFP, 44-LQFP 80 LQFP, 64 QFP, 44-LQFP
128K 96K
See Table 1-1 for a complete description of modules included on each device. See Table 4-2 for package information.
4.2
Orderable Part Numbering System
MC 9 S08 AC 128 C XX E Status (MC = Fully Qualified) Memory (9 = FLASH-based) Core Family Pb free indicator Package designator (See Table 4-2) Temperature range (C = -40C to 85C) (M = -40C to 125C) Approximate memory size (in KB)
4.3
Mechanical Drawings
Table 4-2 provides the available package types and their document numbers. The latest package outline/mechanical drawings are available on the MC9S08AC128 Series Product Summary pages at http://www.freescale.com. To view the latest drawing, either: * Click on the appropriate link in Table 4-2, or * Open a browser to the Freescale(R) website (http://www.freescale.com), and enter the appropriate document number (from Table 4-2) in the "Enter Keyword" search box at the top of the page. Table 4-2. Package Information
Pin Count 80 64 44 Type LQFP QFP LQFP Designator LK FU FG Document No. 98ASS23237W 98ASB42844B 98ASS23225W
MC9S08AC128 Series Data Sheet, Rev. 1 Freescale Semiconductor
Preliminary -- Subject to Change
37
MC9S08AC128 MCU Series Data Sheet, Rev. 1 38
Preliminary -- Subject to Change
Freescale Semiconductor
Chapter 5 Revision History
To provide the most up-to-date information, the version of our documents on the World Wide Web will be the most current. Your printed copy may be an earlier revision. To verify you have the latest information available, refer to:
http://freescale.com/ The following revision history table summarizes changes contained in this document.
Revision Number
Revision Date
Description of Changes Initial release of a separate data sheet and reference manual. Removed PTH7, clarified SPI as one full and one master-only, added missing RoHS logo, updated back cover addresses, and incorporated general release edits and updates. Added some finalized electrical characteristics.
1
9/2008
MC9S08AC128 MCU Series Data Sheet, Rev. 1 Freescale Semiconductor
Preliminary -- Subject to Change
39
Chapter 5 Revision History
MC9S08AC128 MCU Series Data Sheet, Rev. 1 40
Preliminary -- Subject to Change
Freescale Semiconductor
Preliminary -- Subject to Change
How to Reach Us:
Home Page: www.freescale.com E-mail: support@freescale.com USA/Europe or Locations Not Listed: Freescale Semiconductor Technical Information Center, CH370 1300 N. Alma School Road Chandler, Arizona 85224 +1-800-521-6274 or +1-480-768-2130 support@freescale.com Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) support@freescale.com Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1-8-1, Shimo-Meguro, Meguro-ku, Tokyo 153-0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor China Ltd. Exchange Building 23F No. 118 Jianguo Road Chaoyang District Beijing 100022 China +86 010 5879 8000 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1-800-441-2447 or 1-303-675-2140 Fax: 1-303-675-2150
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. FreescaleTM and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2007-2008.
MC9S08AC128, Rev. 1 09/2008
Preliminary -- Subject to Change


▲Up To Search▲   

 
Price & Availability of MC9S08AC96

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X