Part Number Hot Search : 
MAX4270 LT1216 03N60 MJ3042 HVPF10 00090 SA130 HER503
Product Description
Full Text Search
 

To Download M3T-SSOP42B-450 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M3T-SSOP42B-450
Direct Dummy IC for 42-pin 0.8mm-pitch SSOP
Function
This accessory tool connects the probe of an emulation pod and the target, or an MCU and the target. Its dimensions are the same as those of the MCU for the 42-pin 0.8mm-pitch SSOP (42P2R-A) package. It consists of parts (1) to (3) shown in the diagram below.
Dimensions
Attaching Procedure
This converter can be used during debugging and board-mounted evaluation in common. When debugging (1) Mount a socket on the foot pattern on the target. (2) On top of it, mount the M3T-SSOP42B-450 and a socket frame in that order. (3) Then connect the probe of the emulation pod, etc. to the connector provided at the top of the M3T-SSOP42B-450. During board-mounted evaluation Mount an MCU and a socket frame on a socket on the target in that order.
denotes pin numbers on the M3T-SSOP42B-450. denotes pin numbers of the top of a connector.
Symbol A b D E e HD
Term Fitting height Pin width Package length Package width Interval in row of pins Overall length
Dimensions [mm] 4.2 0.3 8.4 17.5 0.8 12.4
Foot Pattern Reference Dimensions
See Appendix D "Reference Dimensional Drawings for SSOP Package Foot Pattern Made by Matsushita Electric Works, Ltd."
[Ordering Information] See Appendix H "Ordering Information". * : Position of No. 1 pin
*All brand names and product names are trademarks or registered trademarks of their respective companies.


▲Up To Search▲   

 
Price & Availability of M3T-SSOP42B-450

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X