Part Number Hot Search : 
3477M000 MVR22 3477M000 H4N12 H4N12 3477M000 2010B AV1084S
Product Description
Full Text Search
 

To Download LTC1196-1ACS8-PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC1196/LTC1198 8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options FEATURES
n n n n n n n n n n n n
DESCRIPTION
The LTC(R)1196/LTC1198 are 600ns, 8-bit A/D converters with sampling rates up to 1MHz. They are offered in 8-pin SO packages and operate on 3V to 6V supplies. Power dissipation is only 10mW with a 3V supply or 50mW with a 5V supply. The LTC1198 automatically powers down to a typical supply current of 1nA whenever it is not performing conversions. These 8-bit switched-capacitor successive approximation ADCs include sample-and-holds. The LTC1196 has a differential analog input; the LTC1198 offers a software selectable 2-channel MUX. The 3-wire serial I/O, SO-8 packages, 3V operation and extremely high sample rate-to-power ratio make these ADCs an ideal choice for compact, high speed systems. These ADCs can be used in ratiometric applications or with external references. The high impedance analog inputs and the ability to operate with reduced spans below 1V full scale (LTC1196) allow direct connection to signal sources in many applications, eliminating the need for gain stages. The A grade devices are specified with total unadjusted error of 1/2LSB maximum over temperature.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners.
High Sampling Rates: 1MHz (LTC1196) 750kHz (LTC1198) Low Cost Single Supply 3V and 5V Specifications Low Power: 10mW at 3V Supply 50mW at 5V Supply Auto-Shutdown: 1nA Typical (LTC1198) 1/2LSB Total Unadjusted Error over Temperature 3-Wire Serial I/O 1V to 5V Input Span Range (LTC1196) Converts 1MHz Inputs to 7 Effective Bits Differential Inputs (LTC1196) 2-Channel MUX (LTC1198) SO-8 Plastic Package
APPLICATIONS
n n n n
High Speed Data Acquisition Disk Drives Portable or Compact Instrumentation Low Power or Battery-Operated Systems
TYPICAL APPLICATION
Single 5V Supply, 1Msps, 8-Bit Sampling ADC
1F 5V EFFECTIVE NUMBER OF BITS (ENOBs)
Effective Bits and S/(N + D) vs Input Frequency
8 7 6 5 4 3 2 1 0 1k TA = 25C 10k 100k INPUT FREQUENCY (Hz) 1M
1196/98 G24
50 VREF = VCC = 2.7V fSMPL = 383kHz (LTC1196) fSMPL = 287kHz (LTC1198) VREF = VCC = 5V fSMPL = 1MHz (LTC1196) fSMPL = 750kHz (LTC1198) 44
S/(N + D) (dB)
1 2 ANALOG INPUT 0V TO 5V RANGE 3 4
CS +IN -IN GND LTC1196
VCC CLK DOUT VREF
8 7 6 5
1196/98 TA01
SERIAL DATA LINK TO ASIC, PLD, MPU, DSP, OR SHIFT REGISTERS
119698fa
1
LTC1196/LTC1198 ABSOLUTE MAXIMUM RATINGS
(Notes 1, 2)
Supply Voltage (VCC) to GND .................................... 7V Voltage Analog Reference ....................... -0.3V to VCC + 0.3V Digital Inputs ......................................... -0.3V to 7V Digital Outputs ........................... -0.3V to VCC + 0.3V Power Dissipation .............................................. 500mW
Operating Temperature Range LTC1196-1AC, LTC1198-1AC, LTC1196-1BC, LTC1198-1BC, LTC1196-2AC, LTC1198-2AC, LTC1196-2BC, LTC1198-2BC ................. 0C to 70C Storage Temperature Range.................. -65C to 150C Lead Temperature (Soldering, 10 sec) ................ 300C
PIN CONFIGURATION
LTC1196
CS 1 +IN 2 -IN 3 GND 4 TOP VIEW 8 7 6 5 VCC CLK DOUT VREF
LTC1198
CS/ 1 SHUTDOWN CH0 2 CH1 3 GND 4
TOP VIEW 8 7 6 5 VCC (VREF) CLK DOUT DIN
S8 PACKAGE 8-LEAD PLASTIC SO TJMAX = 150C, JA = 175C/W
S8 PACKAGE 8-LEAD PLASTIC SO TJMAX = 150C, JA = 175C/W
ORDER INFORMATION
LEAD FREE FINISH LTC1196-1ACS8#PBF LTC1196-1BCS8#PBF LTC1196-2ACS8#PBF LTC1196-2BCS8#PBF LTC1198-1ACS8#PBF LTC1198-1BCS8#PBF LTC1198-2ACS8#PBF LTC1198-2BCS8#PBF TAPE AND REEL LTC1196-1ACS8#TRPBF LTC1196-1BCS8#TRPBF LTC1196-2ACS8#TRPBF LTC1196-2BCS8#TRPBF LTC1198-1ACS8#TRPBF LTC1198-1BCS8#TRPBF LTC1198-2ACS8#TRPBF LTC1198-2BCS8#TRPBF PART MARKING 11961A 11961B 11962A 11962B 11981A 11981B 11982A 11982B PACKAGE DESCRIPTION 8-Lead Plastic SO 8-Lead Plastic SO 8-Lead Plastic SO 8-Lead Plastic SO 8-Lead Plastic SO 8-Lead Plastic SO 8-Lead Plastic SO 8-Lead Plastic SO TEMPERATURE RANGE 0C to 70C 0C to 70C 0C to 70C 0C to 70C 0C to 70C 0C to 70C 0C to 70C 0C to 70C
Consult LTC Marketing for parts specified with wider operating temperature ranges. Consult LTC Marketing for information on non-standard lead based finish parts. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
119698fa
2
LTC1196/LTC1198 RECOMMENDED OPERATING CONDITIONS
the full operating temperature range, otherwise specifications are at TA = 25C.
SYMBOL VCC fCLK tCYC tSMPL thCS tsuCS thDI tsuDI tWHCLK tWLCLK tWHCS tWLCS PARAMETER Supply Voltage Clock Frequency Total Cycle Time Analog Input Sampling Time Hold Time CS Low After Last CLK Setup Time CS Before First CLK (See Figures 1, 2) Hold Time DIN After CLK Setup Time DIN Stable Before CLK CLK High Time CLK Low Time CS High Time Between Data Transfer Cycles CS Low Time During Data Transfer LTC1196 LTC1198 LTC1198 LTC1198 fCLK = fCLK(MAX) fCLK = fCLK(MAX) LTC1196 LTC1198 CONDITIONS MIN 2.7 0.01 0.01 12 16 2.5 10 20 20 20 40% 40% 25 11 15
The l denotes the specifications which apply over
LTC1196-1 LTC1198-1 TYP LTC1196-2 LTC1198-2 TYP MAX 6 12.0 9.6
MAX 6 14.4 12.0
MIN 2.7 0.01 0.01 12 16 2.5 13 26 26 26 40% 40% 32 11 15
UNITS V MHz MHz CLK CLK CLK ns ns ns ns 1/fCLK 1/fCLK ns CLK CLK
VCC = 5V Operation
l
CONVERTER AND MULTIPLEXER CHARACTERISTICS
LTC1196-1 LTC1198-1 TYP
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 5V, VREF = 5V, fCLK = fCLK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
LTC1196-2 LTC1198-2 TYP MAX 1 1 1 1
PARAMETER No Missing Codes Resolution Offset Error Linearity Error Full-Scale Error Total Unadjusted Error (Note 4) Analog and REF Input Range Analog Input Leakage Current
CONDITIONS
l l l l l
MIN 8
MAX 1/2 1/2 1/2 1/2
MIN 8
UNITS Bits LSB LSB LSB LSB V
(Note 3) LTC1196, VREF = 5.000V LTC1198, VCC = 5.000V LTC1196 (Note 5)
-0.05V to VCC + 0.05V
l
1
1
A
DIGITAL AND DC ELECTRICAL CHARACTERISTICS
SYMBOL VIH VIL IIH IIL VOH PARAMETER High Level Input Voltage Low Level Input Voltage High Level Input Current Low Level Input Current High Level Output Voltage CONDITIONS VCC = 5.25V VCC = 4.75V VIN = VCC VIN = 0V VCC = 4.75V, IO = 10A VCC = 4.75V, IO = 360A
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 5V, VREF = 5V, unless otherwise noted.
MIN
l l l l l l
TYP
MAX 0.8 2.5 -2.5
UNITS V V A A V V
119698fa
2.0
4.5 2.4
4.74 4.71
3
LTC1196/LTC1198 DIGITAL AND DC ELECTRICAL CHARACTERISTICS
SYMBOL VOL IOZ ISOURCE ISINK IREF ICC PARAMETER Low Level Output Voltage Hi-Z Output Leakage Output Source Current Output Sink Current Reference Current, LTC1196 Supply Current CONDITIONS VCC = 4.75V, IO = 1.6mA CS = High VOUT = 0V VOUT = VCC CS = VCC fSMPL = fSMPL(MAX) CS = VCC, LTC1198 (Shutdown) CS = VCC, LTC1196 fSMPL = fSMPL(MAX), LTC1196/LTC1198
l l l l l l l
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 5V, VREF = 5V, unless otherwise noted.
MIN TYP MAX 0.4 3 -25 45 0.001 0.5 0.001 7 11 3 1 3 15 20 UNITS V A mA mA A mA A mA mA
DYNAMIC ACCURACY
SYMBOL PARAMETER S/(N + D) Signal-to-Noise Plus Distortion THD IMD Total Harmonic Distortion Peak Harmonic or Spurious Noise Intermodulation Distortion Full-Power Bandwidth
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 5V, VREF = 5V, fCLK = fCLK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
CONDITIONS 500kHz/1MHz Input Signal 500kHz/1MHz Input Signal 500kHz/1MHz Input Signal fIN1 = 499.37kHz fIN2 = 502.446kHz MIN LTC1196 TYP 47/45 49/47 55/48 51 8 1 MAX MIN LTC1198 TYP 47/45 49/47 55/48 51 8 1 MAX UNITS dB dB dB dB MHz MHz
Full Linear Bandwidth [S/(N + D) > 44dB
AC CHARACTERISTICS
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 5V, VREF = 5V, fCLK = fCLK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
LTC1196-1 LTC1198-1 TYP LTC1196-2 LTC1198-2 TYP
SYMBOL tCONV
PARAMETER Conversion Time (See Figures 1, 2)
CONDITIONS
l
MIN
MAX 600 710
MIN
MAX 710 900
UNITS ns ns MHz MHz MHz MHz
fSMPL(MAX) Maximum Samping Frequency
LTC1196 LTC1196 LTC1198 LTC1198 CLOAD = 20pF
l l l l l l l l
1.20 1.00 0.90 0.75 55 70 30 30 45 5 5 30 5 5 15 15 64 73 120 50
1.00 0.80 0.75 0.60 68 88 43 30 55 10 10 30 5 5 20 20 78 94 150 63
tdDO tDIS ten thDO tf tr CIN
Delay Time, CLK to DOUT Data Valid Delay Time CS to DOUT Hi-Z Delay Time, CLK to DOUT Enabled Time Output Data Remains Valid After CLK DOUT Fall Time DOUT Rise Input Capacitance
ns ns ns ns ns ns ns pF pF pF
119698fa
CLOAD = 20pF CLOAD = 20pF CLOAD = 20pF CLOAD = 20pF Analog Input On Channel Analog Input Off Channel Digital Input
4
LTC1196/LTC1198 RECOMMENDED OPERATING CONDITIONS
SYMBOL fCLK tCYC tSMPL thCS tsuCS thDI tsuDI tWHCLK tWLCLK tWHCS tWLCS PARAMETER Clock Frequency Total Cycle Time Analog Input Sampling Time Hold Time CS Low After Last CLK Setup Time CS Before First CLK (See Figures 1, 2) Hold Time DIN After CLK Setup Time DIN Stable Before CLK CLK High Time CLK Low Time CS High Time Between Data Transfer Cycles CS Low Time During Data Transfer LTC1196 LTC1198 LTC1198 LTC1198 fCLK = fCLK(MAX) fCLK = fCLK(MAX) LTC1196 LTC1198 CONDITIONS
l
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 2.7V Operation.
LTC1196-1 LTC1198-1 TYP LTC1196-2 LTC1198-2 TYP
MIN 0.01 0.01 12 16 2.5 20 40 40 40 40% 40% 50 11 15
MAX 5.4 4.6
MIN 0.01 0.01 12 16 2.5 40 78 78 78 40% 40% 96 11 15
MAX 4 3
UNITS MHz MHz CLK CLK CLK ns ns ns ns 1/fCLK 1/fCLK ns CLK CLK
CONVERTER AND MULTIPLEXER CHARACTERISTICS
LTC1196-1 LTC1198-1 TYP
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 2.7V, VREF = 2.5V, fCLK = fCLK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
LTC1196-2 LTC1198-2 TYP MAX 1 1 1 1
PARAMETER No Missing Codes Resolution Offset Error Linearity Error Full-Scale Error Total Unadjusted Error (Note 4) Analog and REF Input Range Analog Input Leakage Current
CONDITIONS
l l l l l
MIN 8
MAX 1/2 1/2 1/2 1/2
MIN 8
UNITS Bits LSB LSB LSB LSB V
(Note 3) LTC1196, VREF = 2.5.000V LTC1198, VCC = 2.700V LTC1196 (Note 5)
-0.05V to VCC + 0.05V
l
1
1
A
DIGITAL AND DC ELECTRICAL CHARACTERISTICS
SYMBOL VIH VIL IIH IIL VOH VOL IOZ PARAMETER High Level Input Voltage Low Level Input Voltage High Level Input Current Low Level Input Current High Level Output Voltage Low Level Output Voltage Hi-Z Output Leakage CONDITIONS VCC = 3.6V VCC = 2.7V VIN = VCC VIN = 0V VCC = 2.7V, IO = 10A VCC = 2.7V, IO = 360A VCC = 2.7V, IO = 400A CS = High
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 2.7V, VREF = 2.5V, unless otherwise noted.
MIN
l l l l l l l l
TYP
MAX 0.45 2.5 -2.5
UNITS V V A A V V
1.9
2.3 2.1
2.60 2.45 0.3 3
V A
119698fa
5
LTC1196/LTC1198 DIGITAL AND DC ELECTRICAL CHARACTERISTICS
SYMBOL ISOURCE ISINK IREF ICC PARAMETER Output Source Current Output Sink Current Reference Current, LTC1196 Supply Current CONDITIONS VOUT = 0V VOUT = VCC CS = VCC fSMPL = fSMPL(MAX) CS = VCC = 3.3V, LTC1198 (Shutdown) CS = VCC = 3.3V, LTC1196 fSMPL = fSMPL(MAX), LTC1196/LTC1198
l l l l l
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 2.7V, VREF = 2.5V, unless otherwise noted.
MIN TYP -10 15 0.001 0.25 0.001 1.5 2.0 3.0 0.5 3.0 4.5 6.0 MAX UNITS mA mA A mA A mA mA
DYNAMIC ACCURACY
SYMBOL PARAMETER S/(N + D) Signal-to-Noise Plus Distortion THD IMD Total Harmonic Distortion Peak Harmonic or Spurious Noise Intermodulation Distortion Full-Power Bandwidth
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 2.7V, VREF = 2.5V, fCLK = fCLK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
CONDITIONS 190kHz/380kHz Input Signal 190kHz/380kHz Input Signal 190kHz/380kHz Input Signal fIN1 = 189.37kHz fIN2 = 192.446kHz MIN LTC1196 TYP 47/45 49/47 53/46 51 5 0.5 MAX MIN LTC1198 TYP 47/45 49/47 55/46 51 5 0.5 MAX UNITS dB dB dB dB MHz MHz
Full Linear Bandwidth [S/(N + D) > 44dB
AC CHARACTERISTICS
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VCC = 2.7V, VREF = 2.5V, fCLK = fCLK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
LTC1196-1 LTC1198-1 TYP LTC1196-2 LTC1198-2 TYP
SYMBOL tCONV
PARAMETER Conversion Time (See Figures 1, 2)
CONDITIONS
l
MIN
MAX 1.58 1.85
MIN
MAX 2.13 2.84
UNITS s s kHz kHz kHz kHz
fSMPL(MAX) Maximum Samping Frequency
LTC1196 LTC1196 LTC1198 LTC1198 CLOAD = 20pF
l l l l l l l l
450 383 337 287 100 110 80 45 90 10 10 30 5 5 30 30 150 180 220 130
333 250 250 187 130 120 100 45 120 15 15 30 5 5 40 40 200 250 250 200
tdDO tDIS ten thDO tf tr CIN
Delay Time, CLK to DOUT Data Valid Delay Time CS to DOUT Hi-Z Delay Time, CLK to DOUT Enabled Time Output Data Remains Valid After CLK DOUT Fall Time DOUT Rise Input Capacitance
ns ns ns ns ns ns ns pF pF pF
CLOAD = 20pF CLOAD = 20pF CLOAD = 20pF CLOAD = 20pF Analog Input On Channel Analog Input Off Channel Digital Input
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device reliability and lifetime.
119698fa
6
LTC1196/LTC1198 ELECTRICAL CHARACTERISTICS
Note 2: All voltage values are with respect to GND. Note 3: Integral nonlinearity is defined as deviation of a code from a straight line passing through the actual endpoints of the transfer curve. The deviation is measured from the center of the quantization band. Note 4: Total unadjusted error includes offset, full scale, linearity, multiplexer and hold step errors. Note 5: Channel leakage current is measured after the channel selection.
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Clock Rate
9 8 SUPPLY CURRENT (mA) 7 6 5 4 3 2 1 0 0 2 4 6 8 10 12 FREQUENCY (MHz) 14 16 0.000002 VCC = 2.7V TA = 25C CS = 0V VREF = VCC VCC = 5V SUPPLY CURRENT (mA) 14 12 10 8 6 4 2 LTC1198 0 2.5 3.0 "SHUTDOWN" MODE CS = VCC 5.5 6.0 0.001 100 1k "ACTIVE" MODE CS = 0V LTC1196 LTC1198 SUPPLY CURRENT (mA) 1 LT1196 VCC = 2.7V
Supply Current vs Supply Voltage
TA = 25C 10
Supply Current vs Sample Rate
LT1196 VCC = 5V
0.1
LT1198 VCC = 5V
0.01
LT1198 VCC = 2.7V
TA = 25C 10k 100k SAMPLE RATE (Hz) 1M
1196/98 G03
5.0 3.5 4.0 4.5 SUPPLY VOLTAGE (V)
1196/98 G01
1196/98 G02
Supply Current vs Temperature
VREF) 10 9 8 SUPPLY CURRENT (mA) 7 6 5 4 3 2 1 0 -55 -35 -15 5 25 45 65 85 105 125 TEMPERATURE (C)
1196/98 G04
Offset vs Reference Voltage
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 REFERENCE VOLTAGE (V)
1196/98 G05
Offset vs Supply Voltage
0.5 0.4 MAGNITUDE OF OFFSET (LSB) 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 2.5 3.0 3.5 4.0 4.5 5.0 SUPPLY VOLTAGE (V) 5.5 6.0 TA = 25C VREF = VCC fCLK = 3MHz
CS = 0V
VCC = 5V
VCC = 2.7V
MAGNITUDE OF OFFSET (LSB = 1 256
TA = 25C VCC = 5V fCLK = 12MHz
1196/98 G06
119698fa
7
LTC1196/LTC1198 TYPICAL PERFORMANCE CHARACTERISTICS
Linearity Error vs Reference Voltage
1.0 0.9 0.8 LINEARITY ERROR (LSB) 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 REFERENCE VOLTAGE (V)
1196/98 G07
Linearity Error vs Supply Voltage
MAGNITUDE OF GAIN ERROR (LSB) TA = 25C VCC = 5V fCLK = 12MHz LINEARITY ERROR (LSB) 0.5 TA = 25C 0.4 VREF = VCC f = 3MHz 0.3 CLK 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 2.5 3.0 3.5 4.0 4.5 5.0 SUPPLY VOLTAGE (V) 5.5 6.0 0.5 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5
Supply Current vs Sample Rate
TA = 25C VCC = 5V fCLK = 12MHz
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 REFERENCE VOLTAGE (V)
1196/98 G09
1196/98 G08
Gain vs Supply Voltage
0.5 MAGNITUDE OF GAIN ERROR (LSB) MAXIMUM CLOCK FREQUENCY (MHz) TA = 25C 0.4 fCLK = 3MHz VREF = VCC 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 2.5 3.0 3.5 4.0 4.5 5.0 SUPPLY VOLTAGE (V) 5.5 6.0 19 17 15 13 11 9 7
Maximum Clock Frequency vs Supply Voltage
TA = 25C VREF = VCC CLOCK FREQUENCY (MHz) 18 16 14 12 10 8 6 4 2 0 3.0 5.0 3.5 4.0 4.5 SUPPLY VOLTAGE (V) 5.5 6.0
Maximum Clock Frequency vs Source Resistance
TA = 25C VCC = VREF = 5V
VIN
+IN
-IN RSOURCE-
5 2.5
1
1k 10 10k 100 SOURCE RESISTANCE ()
100k
1196/98 G10
1196/98 G11
1196/98 G12
Minimum Clock Rate for 0.1LSB* Error
100 MINIMUM CLOCK FREQUENCY (kHz) 90 80 70 60 50 40 30 20 10 0 -55 -35 -15 5 25 45 65 85 105 125 TEMPERATURE (C)
1196/98 G13
ADC Noise vs Referenced and Supply Voltage
0.35 PEAK-TO-PEAK ADC NOISE (LSB) 0.30 0.25 0.20 0.15 0.10 0.05 0 2.5 100 3.0 5.0 3.5 4.0 4.5 SUPPLY VOLTAGE (V) 5.5 6.0 1 10000 TA = 25C VREF = VCC S&H ACQUISITION TIME (ns)
Sample-and-Hold Acquisition Time vs Source Resistance
TA = 25C VCC = VREF = 5V
VCC = 5V VREF = 5V
RSOURCE+ VIN
+IN
-IN
1000
100 10 1k SOURCE RESISTANCE ()
10k
1196/98 G15
1196/98 G14
*AS THE FREQUENCY IS DECREASED FROM 12MHz, MINIMUM CLOCK FREQUENCY (ERROR 0.1LSB) REPRESENTS THE FREQUENCY AT WHICH A 0.1LSB SHIFT IN ANY CODE TRANSITION FROM ITS 12MHz VALUE IS FIRST DETECTED.
119698fa
8
LTC1196/LTC1198 TYPICAL PERFORMANCE CHARACTERISTICS
Digital Input Logic Threshold vs Supply Voltage
1.9 1.7 DOUT DELAY TIME, tdDO (ns) LOGIC THRESHOLD (V) 1.5 1.3 1.1 0.9 0.7 0.5 2.5 TA = 25C 140 120 100 80 60 40 20 0 2.5
DOUT Delay Time vs Supply Voltage
160 TA = 25C VREF = VCC DOUT DELAY TIME, tdDO (ns) 140 120 100 80 60 40 20 3.0 5.0 3.5 4.0 4.5 SUPPLY VOLTAGE (V) 5.5 6.0
DOUT Delay Time vs Temperature
VREF = VCC VCC = 2.7V
VCC = 5V
3.0
5.0 3.5 4.0 4.5 SUPPLY VOLTAGE (V)
5.5
6.0
0 -60 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE (C)
1196/98 G18
1196/98 G16
1196/98 G17
Input Channel Leakage Current vs Temperature
1000 0.5 INTEGRAL NONLINEARITY ERROR (LSB) VCC = 5V VREF = 5V
Integral Nonlinearity vs Code at 5V
VCC = 5V VREF = 5V fCLK = 12MHz DIFFERENTIAL NONLINEARITY ERROR (LSB) 0.5
Differential Nonlinearity vs Code at 5V
VCC = 5V VREF = 5V fCLK = 12MHz
100 LEAKAGE CURRENT (nA)
10 ON CHANNEL 1 OFF CHANNEL 0.1
0
0
0.01 -60 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE (C)
1196/98 G19
-0.5 0 32 64
96 128 160 192 224 256 CODE
1196/98 G20
-0.5 0 32 64
96 128 160 192 224 256 CODE
1196/98 G21
Integral Nonlinearity vs Code at 2.7V
INTEGRAL NONLINEARITY ERROR (LSB) VCC = 2.7V VREF = 2.5V fCLK = 3MHz DIFFERENTIAL NONLINEARITY ERROR (LSB) 0.5 0.5
Differential Nonlinearity vs Code at 2.7V
EFFECTIVE NUMBER OF BITS (ENOBs) VCC = 2.7V VREF = 2.5V fCLK = 3MHz 8 7 6 5 4 3 2 1 0
Effective Bits and S/(N + D) vs Input Frequency
50 VREF = VCC = 2.7V fSMPL = 383kHz (LTC1196) fSMPL = 287kHz (LTC1198) VREF = VCC = 5V fSMPL = 1MHz (LTC1196) fSMPL = 750kHz (LTC1198) 44
S/(N + D) (dB)
0
0
-0.5 0 32 64
96 128 160 192 224 256 CODE
1196/98 G22
-0.5 0 32 64
TA = 25C 1k 10k 100k INPUT FREQUENCY (Hz) 1M
1196/98 G24
96 128 160 192 224 256 CODE
1196/98 G23
119698fa
9
LTC1196/LTC1198 TYPICAL PERFORMANCE CHARACTERISTICS
4096 Point FFT Plot at 5V
0 -10 -20 MAGNITUDE (dB) -30 -40 -50 -60 -70 -80 -90 -100 0 100 300 200 FREQUENCY (kHz) 400 500
1196/98 G25
4096 Point FFT Plot at 2.7V
0 -10 -20 MAGNITUDE (dB) -30 -40 -50 -60 -70 -80 -90 -100 0 50 150 100 FREQUENCY (kHz) 200
1196/98 G26
FFT Output of 455kHz AM Signal Digitized at 1Msps
0 -10 -20 MAGNITUDE (dB) -30 -40 -50 -60 -70 -80 -90 -100 0 100 300 200 FREQUENCY (kHz) 400 500
1196/98 G27
VCC = 5V fIN = 29kHz fSMPL = 882kHz
VCC = 2.7V fIN = 29kHz fSMPL = 340kHz
VCC = 5V fIN = 455kHz WITH 20kHz AM fSMPL = 1MHz
Power Supply Feedthrough vs Ripple Frequency
TA = 25C = 20mV) V (V -10 f CC = RIPPLE CLK 12MHz FEEDTHROUGH (dB) FEEDTHROUGH (dB) -20 -30 -40 -50 -60 -70 1k 10k 100k RIPPLE FREQUENCY (Hz) 1M
1196/98 G28
Power Supply Feedthrough vs Ripple Frequency
SIGNAL TO NOISE PLUS DISTORTION (dB) TA = 25C = 10mV) V (V -10 f CC = RIPPLE CLK 5MHz -20 -30 -40 -50 -60 -70 1k 10k 100k RIPPLE FREQUENCY (Hz) 1M
1196/98 G29
S/(N + D) vs Reference Voltage and Input Frequency
50 fIN = 500kHz
0
0
45
fIN = 200kHz fIN = 100kHz
40
35
-
30 VCC = 5V 25 1.25 1.75 2.25 2.75 3.25 3.75 4.25 4.75 5.25 REFERENCE VOLTAGE (V)
1196/98 G30
Intermodulation Distortion at 2.7V
0 -10 -20 MAGNITUDE (dB) -30 -40 -50 -60 -70 -80 -90 -100 0 50 150 100 FREQUENCY (kHz) 200 250
1196/98 G31
Intermodulation Distortion at 5V
0 -10 -20 MAGNITUDE (dB) -30 -40 -50 -60 -70 -80 -90 -100 0 100 300 200 FREQUENCY (kHz) 400
1196/98 G32
S/(N + D) vs Input Level
50 SIGNAL TO NOISE-PLUS-DISTORTION (dB) VREF = VCC = 5V fIN = 500kHz fSMPL = 1MHz
VCC = 2.7V f1 = 100kHz f2 = 110kHz fSMPL = 420kHz
VCC = 5V f1 = 200kHz f2 = 210kHz fSMPL = 750kHz
40
30
20
10
0 -40 -35 -30 -25 -20 -15 -10 INPUT LEVEL (dB)
-5
0
1196/98 G33
119698fa
10
LTC1196/LTC1198 TYPICAL PERFORMANCE CHARACTERISTICS
Output Amplitude vs Input Frequency
100 SPURIOUS-FREE DYNAMIC RANGE (dB) 70 60 50 40 30 20 10 0 1k 100k 10k 1M INPUT FREQUENCY (Hz) 10M
1196/98 G34
Spurious-Free Dynamic Range vs Frequency
VCC = 5V fCLK = 12MHz
PEAK-TO-PEAK OUTPUT (%)
80 VREF = VCC = 5V 60 VREF = VCC = 2.7V
VCC = 3V fCLK = 5MHz
40
20
0
TA = 25C 1k 10k 100k FREQUENCY (Hz)
1196/98 G35
1M
10M
PIN FUNCTIONS
LTC1196 CS (Pin 1): Chip Select Input. A logic low on this input enables the LTC1196. A logic high on this input disables the LTC1196. IN+ (Pin 2): Analog Input. This input must be free of noise with respect to GND. IN- (Pin 3): Analog Input. This input must be free of noise with respect to GND. GND (Pin 4): Analog Ground. GND should be tied directly to an analog ground plane. VREF (Pin 5): Reference Input. The reference input defines the span of the A/D converter and must be kept free of noise with respect to GND. DOUT (Pin 6): Digital Data Output. The A/D conversion result is shifted out of this output. CLK (Pin 7): Shift Clock. This clock synchronizes the serial data transfer. VCC (Pin 8): Power Supply Voltage. This pin provides power to the A/D converter. It must be kept free of noise and ripple by bypassing directly to the analog ground plane. LTC1198 CS/SHUTDOWN (Pin 1): Chip Select Input. A logic low on this input enables the LTC1198. A logic high on this input disables the LTC1198 and disconnects the power to THE LTC1198. CHO (Pin 2): Analog Input. This input must be free of noise with respect to GND. CH1 (Pin 3): Analog Input. This input must be free of noise with respect to GND. GND (Pin 4): Analog Ground. GND should be tied directly to an analog ground plane. DIN (Pin 5): Digital Data Input. The multiplexer address is shifted into this input. DOUT (Pin 6): Digital Data Output. The A/D conversion result is shifted out of this output. CLK (Pin 7): Shift Clock. This clock synchronizes the serial data transfer. VCC (VREF)(Pin 8): Power Supply and Reference Voltage. This pin provides power and defines the span of the A/D converter. It must be kept free of noise and ripple by bypassing directly to the analog ground plane.
119698fa
11
LTC1196/LTC1198 BLOCK DIAGRAM
VCC (VCC/VREF) CS (CS/SHUTDOWN) CLK
BIAS AND SHUTDOWN CIRCUIT IN+ (CH0)
SERIAL PORT
DOUT
CSMPL
IN- (CH1)
PIN NAMES IN PARENTHESES REFER TO THE LTC1198
GND
TEST CIRCUITS
On and Off Channel Leakage Current
5V ION A IOFF A ON CHANNEL DOUT 100pF 3k TEST POINT
* * * *
POLARITY
OFF CHANNEL
1196/98 TC01
Voltage Waveform for DOUT Rise and Fall Times, tr , tf
DOUT VOH VOL tr tf
1196/98 TC04
12
+
-
SAR HIGH SPEED COMPARATOR CAPACITIVE DAC
1196/98 BD
VREF (DIN)
Load Circuit for tdDO, tr and tf
1.4V
1196/98 TC02
Voltage Waveform for DOUT Delay Time, tdDO , thDO
CLK VIH tdDO thDO VOH DOUT VOL
1196/98 TC03
119698fa
LTC1196/LTC1198 TEST CIRCUITS
Load Circuit for tdis and ten
TEST POINT CS 3k DOUT 20pF tdis WAVEFORM 1
1196/98 TC05
Voltage Waveforms for tdis
VIH
VCC tdis WAVEFORM 2, ten DOUT WAVEFORM 1 (SEE NOTE 1) tdis DOUT WAVEFORM 2 (SEE NOTE 2) 10% 90%
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH THAT THE OUTPUT IS HIGH UNLESS DISABLED BY THE OUTPUT CONTROL. NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH THAT THE OUTPUT IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL.
1196/98 TC06
Voltage Waveforms for ten
LTC1196 CS
CLK
1
2
3
4
DOUT VOL ten
B7
1196/98 TC07
Voltage Waveforms for ten
LTC1198 CS
DIN
START
CLK
1
2
3
4
5
6
7
DOUT ten
B7 VOL
1196/98 TC08
119698fa
13
LTC1196/LTC1198 APPLICATIONS INFORMATION
OVERVIEW The LTC1196/LTC1198 are 600ns sampling 8-bit A/D converters packaged in tiny 8-pin SO packages and operating on 3V to 6V supplies. The ADCs draw only 10mW from a 3V supply or 50mW from a 5V supply. Both the LTC1196 and the LTC1198 contain an 8-bit, switched-capacitor ADC, a sample-and-hold, and a serial port (see Block Diagram). The on-chip sample-and-holds have full-accuracy input bandwidths of 1MHz. Although they share the same basic design, the LTC1196 and LTC1198 differ in some respects. The LTC1196 has a differential input and has an external reference input pin. It can measure signals floating on a DC common mode voltage and can operate with reduced spans below 1V. The LTC1198 has a 2-channel input multiplexer and can convert either channel with respect to ground or the difference between the two. It also automatically powers down when not performing conversion, drawing only leakage current. SERIAL INTERFACE The LTC1196/LTC1198 will interface via three or four wires to ASICs, PLDs, microprocessors, DSPs, or shift registers (see Operating Sequence in Figures 1 and 2). To run at their fastest conversion rates (600ns), they must be clocked at 14.4MHz. HC logic families and any high speed ASIC or PLD will easily interface to the ADCs at that speed (see Data Transfer and Typical Application sections). Full speed operation from a 3V supply can still be achieved with 3V ASICs, PLDs or HC logic circuits.
tCYC (12 CLKs)
CS tsuCS
tdDO DOUT B0 Hi-Z tSMPL NULL BITS B7 B6 B5 B4 B3 B2 B1 B0* tSMPL Hi-Z NULL BITS
tCYC (8.5 CLKs)
*AFTER COMPLETING THE DATA TRANSFER, IF FURTHER CLOCKS ARE APPLIED WITH CS LOW, THE ADC WILL OUTPUT ZEROS INDEFINITELY
1196/98 F01
Figure 1. LTC1196 Operating Sequence
tCYC (16 CLKs)
CS tsuCS CLK
START ODD/ SIGN DUMMY DON'T CARE SGL/ DIFF DUMMY NULL BITS B7 B6 B5 B4 tdDO B3 B2 B1 B0* Hi-Z POWER DOWN
DIN
DOUT
HI-Z
tSMPL (2.5 CLKs)
tCONV (8.5 CLKs)
*AFTER COMPLETING THE DATA TRANSFER, IF FURTHER CLOCKS ARE APPLIED WITH CS LOW, THE ADC WILL OUTPUT ZEROS INDEFINITELY
1196/98 F02
Figure 2. LTC1198 Operating Sequence Example: Differential Inputs (CH1, CH0)
119698fa
14
LTC1196/LTC1198 APPLICATIONS INFORMATION
Connection to a microprocessor or a DSP serial port is quite simple (see Data Transfer section). It requires no additional hardware, but the speed will be limited by the clock rate of the microprocessor or the DSP which limits the conversion time of the LTC1196/LTC1198. Data Transfer Data transfer differs slightly between the LTC1196 and the LTC1198. The LTC1196 interfaces over 3 lines: CS, CLK and DOUT . A falling CS initiates data transfer as shown in the LTC1196 Operating Sequence. After CS falls, the first CLK pulse enables DOUT . After two null bits, the A/D conversion result is output on the DOUT line. Bringing CS high resets the LTC1196 for the next data exchange. The LTC1198 can transfer data with 3 or 4 wires. The additional input, DIN, is used to select the 2-channel MUX configuration. The data transfer between the LTC1198 and the digital systems can be broken into two sections: Input Data Word and A/D Conversion Result. First, each bit of the input data word is captured on the rising CLK edge by the LTC1198. Second, each bit of the A/D conversion result on the DOUT line is updated on the rising CLK edge by the LTC1198. This bit should be captured on the next rising CLK edge by the digital systems (see A/D Conversion Result section). Data transfer is initiated by a falling chip select (CS) signal as shown in the LTC1198 Operating Sequence. After CS falls the LTC1198 looks for a start bit. After the start bit is received, the 4-bit input word is shifted into the DIN input. The first two bits of the input word configure the LTC1198. The last two bits of the input word allow the ADC to acquire the input voltage by 2.5 clocks before the conversion starts. After the conversion starts, two null bits and the conversion result are output on the DOUT line. At
CS DIN1 DOUT1 SHIFT MUX ADDRESS IN 2 NULL BITS SHIFT A/D CONVERSION RESULT OUT
1196/98 AI01
the end of the data exchange CS should be brought high. This resets the LTC1198 in preparation for the next data exchange. Input Data Word The LTC1196 requires no DIN word. It is permanently configured to have a single differential input. The conversion result is output on the DOUT line in an MSB-first sequence, followed by zeros indefinitely if clocks are continuously applied with CS low. The LTC1198 clocks data into the DIN input on the rising edge of the clock. The input data word is defined as follows:
START SGL/ DIFF ODD/ SIGN DUMMY DUMMY DUMMY BITS
119698 AI02
MUX ADDRESS
Start Bit The first "logical one" clocked into the DIN input after CS goes low is the start bit. The start bit initiates the data transfer. The LTC1198 will ignore all leading zeros which precede this logical one. After the start bit is received, the remaining bits of the input word will be clocked in. Further inputs on the DIN pin are then ignored until the next CS cycle. Multiplexer (MUX) Address The 2 bits of the input word following the START bit assign the MUX configuration for the requested conversion. For a given channel selection, the converter will measure the voltage between the two channels indicated by the "+" and "-" signs in the selected row of the following table. In single-ended mode, all input channels are measured with respect to GND.
LTC1198 Channel Selection
DIN2 DOUT2
SINGLE-ENDED MUX MODE DIFFERENTIAL MUX MODE
MUX ADDRESS SGL/DIFF ODD/SIGN 1 0 1 1 0 0 0 1
CHANNEL # 0 1 + + - + + -
GND - -
1196/98 AI03
119698fa
15
LTC1196/LTC1198 APPLICATIONS INFORMATION
Dummy Bits The last 2 bits of the input word following the MUX Address are dummy bits. Either bit can be a "logical one" or a "logical zero." These 2 bits allow the ADC 2.5 clocks to acquire the input signal after the channel selection. A/D Conversion Result Both the LTC1196 and the LTC1198 have the A/D conversion result appear on the DOUT line after two null bits (see Operating Sequence in Figures 1 and 2). Data on the DOUT line is updated on the rising edge of the CLK line. The DOUT data should also be captured on the rising CLK edge by the digital systems. Data on the DOUT line remains valid for a minimum time of thDO (30ns at 5V) to allow the capture to occur (see Figure 3).
CLK VIH tdDO thDO VOH DOUT VOL
1196/98 TC03
Unipolar Output Code
OUTPUT CODE 11111111 11111110 * * * 00000001 00000000 INPUT VOLTAGE VREF - 1LSB VREF - 2LSB * * * 1LSB 0V INPUT VOLTAGE (VREF = 5.000V) 4.9805V 4.9609V * * * 0.0195V 0V
1196/98 AI05
Operation with DIN and DOUT Tied Together The LTC1198 can be operated with DIN and DOUT tied together. This eliminates one of the lines required to communicate to the digital systems. Data is transmitted in both directions on a single wire. The pin of the digital systems connected to this data line should be configurable as either an input or an output. The LTC1198 will take control of the data line and drive it low on the 5th falling CLK edge after the start bit is received (see Figure 4). Therefore the port line of the digital systems must be switched to an input before this happens to avoid a conflict. REDUCING POWER CONSUMPTION The LTC1196/LTC1198 can sample at up to a 1MHz rate, drawing only 50mW from a 5V supply. Power consumption can be reduced in two ways. Using a 3V supply lowers the power consumption on both devices by a factor of five, to 10mW. The LTC1198 can reduce power even further because it shuts down whenever it is not converting. Figure 5 shows the supply current versus sample rate for the LTC1196 and LTC1198 on 3V and 5V. To achieve such a low power consumption, especially for the LTC1198, several things must be taken into consideration. Shutdown (LTC1198) Figure 2 shows the operating sequence of the LTC1198. The converter draws power when the CS pin is low and powers itself down when that pin is high. For lowest power consumption in shutdown, the CS pin should be driven with CMOS levels (0V to VCC) so that the CS input buffer of the converter will not draw current.
Figure 3. Voltage Waveform for DOUT Delay Time, tdDO and thDO
Unipolar Transfer Curve The LTC1196/LTC1198 are permanently configured for unipolar only. The input span and code assignment for this conversion type are shown in the following figures.
Unipolar Transfer Curve
11111111 11111110
* * *
00000001 00000000 0V 1LSB VREF VREF - 1LSB VREF - 2LSB VIN
1196/98 AI04
119698fa
16
LTC1196/LTC1198 APPLICATIONS INFORMATION
CS DUMMY BITS LATCHED BY LTC1198
1 CLK
2
3
4
5
DATA (DIN/DOUT)
START
SGL/DIFF
ODD/SIGN
DUMMY
THE DIGITAL SYSTEM CONTROLS DATA LINE AND SENDS MUX ADDRESS TO LTC1198 THE DIGITAL SYSTEM MUST RELEASE DATA LINE AFTER 5TH RISING CLK AND BEFORE THE 5TH FALLING CLK
LTC1198 CONTROLS DATA LINE AND SENDS A/D RESULT BACK TO THE DIGITAL SYSTEM LTC1198 TAKES CONTROL OF DATA LINE ON 5TH FALLING CLK
1196/98 F04
Figure 4. LTC1198 Operation with DIN and DOUT Tied Together
10
LT1198 VCC = 5V
Minimize CS Low Time (LTC1198) In systems that have significant time between conversions, lowest power drain will occur with the minimum CS low time. Bringing CS low, transfering data as quickly as possible, then bringing it back high will result in the lowest current drain. This minimizes the amount of time the device draws power. OPERATING ON OTHER THAN 5V SUPPLIES
SUPPLY CURRENT (mA)
1
LT1196 VCC = 2.87V
0.1
LT1198 VCC = 5V
0.01
LT1198 VCC = 2.87V
0.001 100
1k
10k 100k SAMPLE RATE (Hz)
1196/98 F05
1M
Figure 5. Supply Current vs Sample Rate for LTC1196/LTC1198 Operating on 5V and 2.7V Supplies
The LTC1196/LTC1198 operate from single 2.7V to 6V supplies. To operate the LTC1196/LTC1198 on other than 5V supplies, a few things must be kept in mind. Input Logic Levels The input logic levels of CS, CLK and DIN are made to meet TTL on 5V supply. When the supply voltage varies, the input logic levels also change (see typical curve of Digital Input Logic Threshold vs Supply Voltage). For these two ADCs to sample and convert correctly, the digital inputs have to be in the logical low and high relative to the operating supply voltage. If achieving micropower consumption is desirable on the LTC1198, the digital inputs must go railto-rail between supply voltage and ground (see Reducing Power Consumption section).
When the CS pin is high (= supply voltage), the LTC1198 is in shutdown mode and draws only leakage current. The status of the DIN and CLK input has no effect on the supply current during this time. There is no need to stop DIN and CLK with CS = high; they can continue to run without drawing current.
119698fa
17
LTC1196/LTC1198 APPLICATIONS INFORMATION
Clock Frequency The maximum recommended clock frequency is 14.4MHz at 25C for the LTC1196/LTC1198 running off a 5V supply. With the supply voltage changing, the maximum clock frequency for the devices also changes (see the typical curve of Maximum Clock Rate vs Supply Voltage). If the supply is reduced, the clock rate must be reduced also. At 3V the devices are specified with a 5.4MHz clock at 25C. Mixed Supplies It is possible to have a digital system running off a 5V supply and communicate with the LTC1196/LTC1198 operating on a 3V supply. Achieving this reduces the outputs of DOUT from the ADCs to toggle the equivalent input of the digital system. The CS, CLK and DIN inputs of the ADCs will take 5V signals from the digital system without causing any problem (see typical curve of Digital Input Logic Threshold vs Supply Voltage). With the LTC1196 operating on a 3V supply, the output of DOUT only goes between 0V and 3V. This signal easily meets TTL levels (see Figure 6).
3V 4.7F
supply is clean, the LTC1196/LTC1198 can also operate with smaller 0.1F surface mount or ceramic bypass capacitors. All analog inputs should be referenced directly to the single-point ground. Digital inputs and outputs should be shielded from and/or routed away from the reference and analog circuitry. SAMPLE-AND-HOLD Both the LTC1196 and the LTC1198 provide a built-in sample-and-hold (S&H) function to acquire the input signal. The S&H acquires the input signal from "+" input during tSMPL as shown in Figures 1 and 2. The S&H of the LTC1198 can sample input signals in either single-ended or differential mode (see Figure 7). Single-Ended Inputs The sample-and-hold of the LTC1198 allows conversion of rapidly varying signals. The input voltage is sampled during the tSMPL time as shown in Figure 7. The sampling interval begins as the bit preceding the first DUMMY bit is shifted in and continues until the falling CLK edge after the second DUMMY bit is received. On this falling edge, the S&H goes into hold mode and the conversion begins. Differential Inputs With differential inputs, the ADC no longer converts just a single voltage but rather the difference between two voltages. In this case, the voltage on the selected "+" input is still sampled and held and therefore may be rapidly time varying just as in single-ended mode. However, the voltage on the selected "-" input must remain constant and be free of noise and ripple throughout the conversion time. Otherwise, the differencing operation may not be performed accurately. The conversion time is 8.5 CLK cycles. Therefore, a change in the "-" input voltage during this interval can cause conversion errors. For a sinusoidal voltage on the "-" input, this error would be: VERROR(MAX) = VPEAK * 2 * * f("-") * 8.5/fCLK where f("-") is the frequency of the "-" input voltage, VPEAK is its peak amplitude and fCLK is the frequency of the CLK.
MPU (e.g., 8051) CS DIFFERENTIAL INPUTS COMMON MODE RANGE 0V TO 3V +IN -IN GND LTC1196 VCC CLK DOUT VREF 3V
1196/98 F06
5V
P1.4 P1.3 P1.2
Figure 6. Interfacing a 3V Powered LTC1196 to a 5V System
BOARD LAYOUT CONSIDERATIONS Grounding and Bypassing The LTC1196/LTC1198 are easy to use if some care is taken. They should be used with an analog ground plane and single-point grounding techniques. The GND pin should be tied directly to the ground plane. The VCC pin should be bypassed to the ground plane with a 1F tantalum with leads as short as possible. If the power
119698fa
18
LTC1196/LTC1198 APPLICATIONS INFORMATION
S A M P LE "+" INPUT MUST SETTLE DURING THIS TIME CS tSMPL tCONV H O LD
CLK
DIN
START
SGL/DIFF
ODD/SIGN
DUMMY
DUMMY
DON'T CARE
DOUT 1ST BIT TEST "-" INPUT MUST SETTLE DURING THIS TIME
B7
"+" INPUT
"-" INPUT
1196/98 F07
Figure 7. LTC1198 "+" and "-" Input Settling Windows
VERROR is proportional to f("-") and inversely proportional to fCLK. For a 60Hz signal on the "-" input to generate a 1/4LSB error (5mV) with the converter running at CLK = 12MHz, its peak value would have to be 18.7V. ANALOG INPUTS Because of the capacitive redistribution A/D conversion techniques used, the analog inputs of the LTC1196/LTC1198 have one capacitive switching input current spike per conversion. These current spikes settle quickly and do not cause a problem. However, if source resistances larger than 100 are used or if slow settling op amps drive the inputs, care must be taken to insure that the transients caused by the current spikes settle completely before the conversion begins.
"+" Input Settling The input capacitor of the LTC1196 is switched onto "+" input at the end of the conversion and samples the input signal until the conversion begins (see Figure 1). The input capacitor of the LTC1198 is switched onto "+" input during the sample phase (tSMPL, see Figure 7). The sample phase is 2.5 CLK cycles before conversion starts. The voltage on the "+" input must settle completely within tSMPL for the LTC1196/LTC1198. Minimizing RSOURCE+ will improve the input settling time. If a large "+" input source resistance must be used, the sample time can be increased by allowing more time between conversions for the LTC1196 or by using a slower CLK frequency for the LTC1198.
119698fa
19
LTC1196/LTC1198 APPLICATIONS INFORMATION
"-" Input Settling At the end of the tSMPL, the input capacitor switches to the "-" input and conversion starts (see Figures 1 and 7). During the conversion, the "+" input voltage is effectively "held" by the sample-and-hold and will not affect the conversion result. However, it is critical that the "-" input voltage settle completely during the first CLK cycle of the conversion time and be free of noise. Minimizing RSOURCE- will improve settling time. If a large "-" input source resistance must be used, the time allowed for settling can be extended by using a slower CLK frequency. Input Op Amps When driving the analog inputs with an op amp it is important that the op amp settle within the allowed time (see Figures 1 and 7). Again, the "+" and "-" input sampling times can be extended as described above to accommodate slower op amps. To achieve the full sampling rate, the analog input should be driven with a low impedance source (<100) or a high speed op amp (e.g., the LT1223, LT1191 or LT1226). Higher impedance sources or slower op amps can easily be accommodated by allowing more time for the analog input to settle as described above. Source Resistance The analog inputs of the LTC1196/LTC1198 look like a 25pF capacitor (CIN) in series with a 120 resistor (RON) as shown in Figure 8. CIN gets switched between the selected "+" and "-" inputs once during each conversion cycle. Large external source resistors will slow the settling of the inputs. It is important that the overall RC time constants be short enough to allow the analog inputs to completely settle within tSMPL.
VIN
+
REFERENCE INPUT The voltage on the reference input of the LTC1196 defines the voltage span of the A/D converter. The reference input has transient capacitive switching currents which are due to the switched-capacitor conversion technique (see Figure 9). During each bit test of the conversion (every CLK cycle), a capacitive current spike will be generated on the reference pin by the ADC. These high frequency current spikes will settle quickly and do not cause a problem if the reference input is bypassed with at least a 0.1F capacitor. The reference input can be driven with standard voltage references. Bypassing the reference with a 0.1F capacitor is recommended to keep the high frequency impedance low as described above. Some references require a small resistor in series with the bypass capacitor for frequency stability. See the individual reference data sheet for details.
REF+ 5 ROUT VREF GND 4 LTC1196 EVERY CLK CYCLE RON 5pF TO 30pF
1196/98 F09
Figure 9. Reference Input Equivalent Circuit
Reduced Reference Operation The minimum reference voltage of the LTC1198 is limited to 2.7V because the VCC supply and reference are internally tied together. However, the LTC1196 can operate with reference voltages below 1V. The effective resolution of the LTC1196 can be increased by reducing the input span of the converter. The LTC1196 exhibits good linearity and gain over a wide range of reference voltages (see typical curves of Linearity and FullScale Error vs Reference Voltage). However, care must be taken when operating at low values of VREF because of the reduced LSB step size and the resulting higher accuracy requirement placed on the converter. The following factors must be considered when operating at low VREF values. 1. Offset 2. Noise
119698fa
RSOURCE+
"+" INPUT
tSMPL
"-" INPUT
RON 120
LTC1196 LTC1198
VIN-
RSOURCE-
tSMPL
CIN 25pF
1196/98 F08
Figure 8. Analog Input Equivalent Circuit
20
LTC1196/LTC1198 APPLICATIONS INFORMATION
Offset with Reduced VREF The offset of the LTC1196 has a larger effect on the output code when the ADC is operated with reduced reference voltage. The offset (which is typically a fixed voltage) becomes a larger fraction of an LSB as the size of the LSB is reduced. The typical curve of Unadjusted Offset Error vs Reference Voltage shows how offset in LSBs is related to reference voltage for a typical value of VOS. For example, a VOS of 2mV which is 0.1LSB with a 5V reference becomes 0.5LSB with a 1V reference and 2.5LSB with a 0.2V reference. If this offset is unacceptable, it can be corrected digitally by the receiving system or by offsetting the "-" input of the LTC1196. Noise with Reduced VREF The total input referred noise of the LTC1196 can be reduced to approximately 2mVP-P using a ground plane, good bypassing, good layout techniques and minimizing noise on the reference inputs. This noise is insignificant with a 5V reference but will become a larger fraction of an LSB as the size of the LSB is reduced. For operation with a 5V reference, the 2mV noise is only 0.1LSB peak-to-peak. In this case, the LTC1196 noise will contribute virtually no uncertainty to the output code. However, for reduced references, the noise may become a significant fraction of an LSB and cause undesirable jitter in the output code. For example, with a 1V reference, this same 2mV noise is 0.5LSB peak-to-peak. This will reduce the range of input voltages over which a stable output code can be achieved by 1LSB. If the reference is further reduced to 200mV, the 2mV noise becomes equal to 2.5LSB and a stable code is difficult to achieve. In this case averaging readings is necessary. This noise data was taken in a very clean setup. Any setup induced noise (noise or ripple on VCC, VREF or VIN) will add to the internal noise. The lower the reference voltage to be used, the more critical it becomes to have a clean, noise-free setup. DYNAMIC PERFORMANCE The LTC1196/LTC1198 have exceptionally high speed sampling capability. Fast Fourier Transform (FFT) test techniques are used to characterize the ADC's frequency response, distortion and noise at the rated throughput. By applying a low distortion sine wave and analyzing the digital output using a FFT algorithm, the ADC's spectral content can be examined for frequencies outside the fundamental. Figure 10 shows a typical LTC1196 FFT plot.
0 -10 -20 MAGNITUDE (dB) -30 -40 -50 -60 -70 -80 -90 -100 0 100 300 200 FREQUENCY (kHz) 400 500
1196/98 G25
VCC = 5V fIN = 29kHz fSMPL = 882kHz
Figure 10. LTC1196 Non-Averaged, 4096 Point FFT Plot
Signal-to-Noise Ratio The Signal-to-Noise plus Distortion Ratio [S/(N + D)] is the ratio between the RMS amplitude of the fundamental input frequency to the RMS amplitude of all other frequency components at the ADC's output. The output is band limited to frequencies above DC and below one half the sampling frequency. Figure 10 shows a typical spectral content with a 882kHz sampling rate. Effective Number of Bits The Effective Number of Bits (ENOBs) is a measurement of the resolution of an ADC and is directly related to S/(N + D) by the equation: N = [S/(N + D) -1.76]/6.02
119698fa
21
LTC1196/LTC1198 APPLICATIONS INFORMATION
where N is the effective number of bits of resolution and S/(N + D) is expressed in dB. At the maximum sampling rate of 1.2MHz with a 5V supply the LTC1196 maintains above 7.5 ENOBs at 400kHz input frequency. Above 500kHz the ENOBs gradually decline, as shown in Figure 11, due to increasing second harmonic distortion. The noise floor remains low.
8 EFFECTIVE NUMBER OF BITS (ENOBs) 7 6 5 4 3 2 1 0 1k TA = 25C 10k 100k INPUT FREQUENCY (Hz) 1M
1196/98 G24
produce intermodulation distortion (IMD) in addition to THD. IMD is the change in one sinusoidal input caused by the presence of another sinusoidal input at a different frequency. If two pure sine waves of frequencies fa and fb are applied to the ADC input, nonlinearities in the ADC transfer function can create distortion products at sum and difference frequencies of mfa nfb, where m and n = 0, 1, 2, 3, etc. For example, the 2nd order IMD terms include (fa + fb) and (fa - fb) while 3rd order IMD terms include (2fa + fb), (2fa - fb), (fa + 2fb) and (fa - 2fb). If the two input sine waves are equal in magnitudes, the value (in dB) of the 2nd order IMD products can be expressed by the following formula: amplitude fa fb IMD fa fb = 20log t amplitudeatfa
50 VREF = VCC = 2.7V fSMPL = 383kHz (LTC1196) fSMPL = 287kHz (LTC1198) VREF = VCC = 5V fSMPL = 1MHz (LTC1196) fSMPL = 750kHz (LTC1198) 44
Figure 11. Effective Bits and S/(N + D) vs Input Frequency
S/(N + D) (dB)
(
)
(
)

For input frequencies of 499kHz and 502kHz, the IMD of the LTC1196/LTC1198 is 51dB with a 5V supply. Peak Harmonic or Spurious Noise The peak harmonic or spurious noise is the largest spectral component excluding the input signal and DC. This value is expressed in dBs relative to the RMS value of a full-scale input signal. Full-Power and Full-Linear Bandwidth The full-power bandwidth is that input frequency at which the amplitude of the reconstructed fundamental is reduced by 3dB for a full-scale input. The full-linear bandwidth is the input frequency at which the effective bits rating of the ADC falls to 7 bits. Beyond this frequency, distortion of the sampled input signal increases. The LTC1196/LTC1198 have been designed to optimize input bandwidth, allowing the ADCs to undersample input signals with frequencies above the converters' Nyquist Frequency.
Total Harmonic Distortion Total Harmonic Distortion (THD) is the ratio of the RMS sum of all harmonics of the input signal to the fundamental itself. The out-of-band harmonics alias into the frequency band between DC and half of the sampling frequency. THD is defined as: THD = 20log
2 2 2 2 V2 + V3 + V4 + ... + VN
V1
where V1 is the RMS amplitude of the fundamental frequency and V2 through VN are the amplitudes of the second through the Nth harmonics. The typical THD specification in the Dynamic Accuracy table includes the 2nd through 5th harmonics. With a 100kHz input signal, the LTC1196/ LTC1198 have typical THD of 50dB and 49dB with VCC = 5V and VCC = 3V, respectively. Intermodulation Distortion If the ADC input signal consists of more than one spectral component, the ADC transfer function nonlinearity can
119698fa
22
LTC1196/LTC1198 APPLICATIONS INFORMATION
3V VERSUS 5V PERFORMANCE COMPARISON Table 1 shows the performance comparison between 3V and 5V supplies. The power dissipation drops by a factor of five when the supply is reduced to 3V. The converter slows down somewhat but still gives excellent performance on a 3V rail. With a 3V supply, the LTC1196 converts in 1.6s, samples at 450kHz, and provides a 500kHz linearinput bandwidth. Dynamic accuracy is excellent on both 5V and 3V. The ADCs typically provide 49.3dB of 7.9 ENOBs of dynamic accuracy at both 3V and 5V. The noise floor is extremely low, corresponding to a transition noise of less than 0.1LSB. DC accuracy includes 0.5LSB total unadjusted error at 5V. At 3V, linearity error is 0.5LSB while total unadjusted error increases to 1LSB.
Table 1. 5V/3V Performance Comparison
LTC1196-1 PDISS Max fSMPL Min tCONV INL (Max) Typical ENOBs Linear Input Bandwidth (ENOBs > 7) LTC1198-1 PDISS PDISS (Shutdown) Max fSMPL Min tCONV INL (Max) Typical ENOBs Linear Input Bandwidth (ENOBs > 7) 50mW 15W 750kHz 600ns 0.5LSB 7.9 at 300kHz 1MHz 10mW 9W 287kHz 1.6s 0.5LSB 7.9 at 100kHz 500kHz 5V 50mW 1MHz 600ns 0.5LSB 7.9 at 300kHz 1MHz 3V 10mW 383kHz 1.6s 0.5LSB 7.9 at 100kHz 500kHz
TYPICAL APPLICATIONS
PLD Interface Using the Altera EPM5064 The Altera EPM5064 has been chosen to demonstrate the interface between the LTC1196 and a PLD. The EPM5064 is programmed to be a 12-bit counter and an equivalent 74HC595 8-bit shift register as shown in Figure 12. The circuit works as follows: bringing ENA high makes the CS output high and the EN input low to reset the LTC1196 and disable the shift register. Bringing ENA low, the CS output goes high for one CLK cycle with every 12 CLK cycles. The inverted signal, EN, of the CS output makes the 8-bit data available on the B0-B7 lines. Figures 13 and 14 show the interconnection between the LTC1196 and EPM5064 and the timing diagram of the signals between these two devices. The CLK frequency in this circuit can run up to fCLK(MAX) of the LTC1196.
VCC 1F 8-BIT SHIFT REGISTER DATA CLK CLK 12-BIT CONVERTER ENA ENA CS
1196/98 F12
CLK 3, 14, 25, 36 33 1 37 38 39 40 41 42 44
DATA 1 CLK EN B0-B7 B0-B7 CS +IN -IN GND LTC1196 VCC CLK DOUT VREF 8 7 6 5
ENA EPM5064 CLK DATA
B7
23 34 35
+ -
2 3 4
CS RESERVE PINS OF EPM5064: 2, 4-8,15-20, 22, 24, 26-30 9-13, 21, 31, 32, 43
B0
1196/98 F13
Figure 12. An Equivalent Circuit of the EPM5064
Figure 13. Interfacing the LTC1196 to the Altera EMP5064 PLD
119698fa
23
LTC1196/LTC1198 TYPICAL APPLICATIONS
DATA CLK CS B7 B6 B5 B4 B3 B2 B1 B0 70 140 210 280 350 420 490 560 630 700 770 840 910 980 1050 1120
1196/98 F14
TIME (ns)
Figure 14. The Timing Diagram
Interfacing the LTC1198 to the TMS320C25 DSP Figure 15 illustrates the interface between the LTC1198 8-bit data acquisition system and the TMS320C25 digital signal processor (DSP). The interface, which is optimized for speed of transfer and minimum processor supervision, can complete a conversion and shift the data in 4s with fCLK = 5MHz. The cycle time, 4s, of each conversion is limited by maximum clock frequency of the serial port of the TMS320C25 which is 5MHz. The supply voltage for the
5MHz CLK
LTC1198 in Figure 15 can be 2.7V to 6V with fCLK = 5MHz. At 2.7V, fCLK = 5MHz will work at 25C. See Recommended Operating Conditions for limits over temperature. Hardware Description The circuit works as follows: the LTC1198 clock line controls the A/D conversion rate and the data shift rate. Data is transferred in a synchronous format over DIN and DOUT . The serial port of the TMS320C25 is compatible with that of the LTC1198. The data shift clock lines (CLKR, CLKX) are inputs only. The data shift clock comes from an external source. Inverting the shift clock is necessary because the LTC1198 and the TMS320C25 clock the input data on opposite edges. The schematic of Figure 15 is fed by an external clock source. The signal is fed into the CLK pin of the LTC1198 directly. The signal is inverted with a 74HC04 and then applied to the data shift clock lines (CLKR, CLKX). The framing pulse of the TMS320C25 is fed directly to the CS of the LTC1198. DX and DR are tied directly to DIN and DOUT respectively.
CLKX CLKR FSR TMS320C25 FSX DX DR
CLK LTC1198 CS DIN DOUT
CH0 CH1
1196/98 F15
Figure 15. Interfacing the LTC1198 to the TMS320C25 DSP
119698fa
24
LTC1196/LTC1198 TYPICAL APPLICATIONS
The timing diagram of Figure 16 was obtained from the circuit of Figure 15. The CLK was 5MHz for the timing diagram and the TMS320C25 clock rate was 40MHz. Figure 17 shows the timing diagram with the LTC1198 running off a 2.7V supply and 5MHz CLK.
CS
Software Description The software configures and controls the serial port of the TMS320C25. The code first sets up the interrupt and reset vectors. On reset the TMS320C25 starts executing code at the label INIT. Upon completion of a 16-bit data transfer, an interrupt is generated and the DSP will begin executing code at the label RINT. In the beginning, the code initializes registers in the TMS320C25 that will be used in the transfer routine. The interrupts are temporarily disabled. The data memory page pointer register is set to zero. The auxiliary register pointer is loaded with one and auxiliary register one is loaded with the value 200 hexadecimal. This is the data memory location where the data from the LTC1198 will be stored. The interrupt mask register (IMR) is configured to recognize the RINT interrupt, which is generated after receiving the last of 16 bits on the serial port. This interrupt is still disabled at this time. The transmit framing synchronization pin (FSX) is configured to be an output. The F0 bit of the status register ST1, is initialized to zero which sets up the serial port to operate in the 16-bit mode. Next, the code in TXRX routine starts to transmit and receive data. The DIN word is loaded into the ACC and shifted left eight times so that it appears as in Figure 18. This DIN word configures the LTC1198 for CH0 with respect to CH1. The DIN word is then put in the transmit register and the RINT interrupt is enabled. The NOP is repeated 3 times to mask out the interrupts and minimize the cycle time of the conversion to be 20 clock cycles. All clocking and CS functions are performed by the hardware.
VERTICAL: 5V/DIV
CLK
DIN
DOUT
1196/98 F16
NULL BITS
MSB (B7)
LSB (B0)
HORIZONTAL: 1500ns/DIV
Figure 16. Scope Trace the LTC1198 Running Off 5V Supply in the Circuit of Figure 15
CS
VERTICAL: 5V/DIV
CLK
DIN
DOUT
1196/98 F17
NULL BITS
MSB (B7)
LSB (B0)
B15 0 1 START 0 S/D 0 O/S 0 1 DUMMY DUMMY 0
HORIZONTAL: 500ns/DIV
B8 0
L1196/98 F18
Figure 17. Scope Trace the LTC1198 Running Off 1.7V Supply in the Circuit of Figure 15
Figure 18. DIN Word in ACC of TMS20C25 for the Circuit in Figure 15
119698fa
25
LTC1196/LTC1198 TYPICAL APPLICATIONS
Once RINT is generated the code begins execution at the label RINT. This code stores the DOUT word from the LTC1198 in the ACC and then stores it in location 200 hex. The data appears in location 200 hex right-justified as shown in Figure 19. The code is set up to continually loop, so at this point the code jumps to label TXRX and repeats from here.
LABEL MNEMONIC AORG B AORG B INIT AORG DINT LDPK LARP LRLK LACK SACL STXM FORT LACK SFSM RPTK SFL SACL EINT RPTK NOP RINT ZALS SACL B END 0 INIT >26 RINT >32 >0 >1 AR1, >200 >10 >4 0 >44 7 >1 2 >0 *, 0 TXRX
MSB X X X X X X X X 7 6 5 4 3 2 1 LSB 0 > 200 DOUT FROM LTC1198 STORED IN TMS320C25 RAM
L1196/98 F19
Figure 19. Memory Map for the Circuit in Figure 15
COMMENTS ON RESET CODE EXECUTION STARTS AT 0 BRANCH TO INITIALIZATION ROUTINE ADDRESS TO RINT INTERRUPT VECTOR BRANCH TO RINT SERVICE ROUTINE MAIN PROGRAM STARTS HERE DISABLE INTERRUPTS SET DATA MEMORY PAGE POINTER TO 0 SET AUXILIARY REGISTER POINTER TO 1 SET AUXILIARY REGISTER 1 TO >200 LOAD IMR CONFIG WORD INTO ACC STORE IMR CONFIG WORD INTO IMR CONFIGURE FSX AS AN OUTPUT SET SERIAL PORT TO 16-BIT MODE LOAD LTC1198 DIN WORD INTO ACC FSX PULSES GENERATED ON XSR LOAD REPEAT NEXT INSTRUCTION 8 TIMES SHIFTS DIN WORD TO RIGHT POSITION PUT DIN WORD IN TRANSMIT REGISTER ENABLE INTERRUPT (DISABLE ON RINT) MINIMIZE THE CONVERSION CYCLE TIME TO BE 20 CLOCK CYCLES STORE LTC1198 DOUT WORD IN ACC STORE ACC IN LOCATION >200 BRANCH TO TRANSMIT RECEIVE ROUTINE
TXRX
Figure 20. TMS320C25 Code for the Circuit in Figure 15
119698fa
26
LTC1196/LTC1198 PACKAGE DESCRIPTION
S8 Package 8-Lead Plastic Small Outline (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1610)
.189 - .197 (4.801 - 5.004) NOTE 3 8 7 6 5
.045 .005 .050 BSC
.245 MIN
.160 .005 .228 - .244 (5.791 - 6.197)
.150 - .157 (3.810 - 3.988) NOTE 3
.030 .005 TYP RECOMMENDED SOLDER PAD LAYOUT
.010 - .020 x 45 (0.254 - 0.508) .008 - .010 (0.203 - 0.254) 0- 8 TYP
1
2
3
4
.053 - .069 (1.346 - 1.752)
.004 - .010 (0.101 - 0.254)
.016 - .050 (0.406 - 1.270) NOTE: 1. DIMENSIONS IN
INCHES (MILLIMETERS) 2. DRAWING NOT TO SCALE 3. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)
.014 - .019 (0.355 - 0.483) TYP
.050 (1.270) BSC
SO8 0303
119698fa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
27
LTC1196/LTC1198 RELATED PARTS
PART NUMBER ADCs LTC1402 LTC1403/LTC1403A LTC1403-1/LTC1403A-1 LTC1405 LTC1407/LTC1407A LTC1407-1/LTC1407A-1 LTC1411 LTC1412 LCT1414 LTC1420 LTC1604 LTC1608 LTC1609 LTC1864/LTC1865 LTC2355-12/ LTC2355-14 LTC2356-12/LTC2356-14 DACs LTC1666/LTC1667/LTC1668 12-/14-/16-Bit, 50Msps DACs LTC1592 References LT1790-2.5 LT1461-2.5 LT1460-2.5 Micropower Series Reference in SOT-23 Precision Voltage Reference Micropower Series Voltage Reference 0.05% Initial Accuracy, 10ppm Drift 0.04% Initial Accuracy, 3ppm Drift 0.1% Initial Accuracy, 10ppm Drift 16-Bit, Serial SoftSpanTM IOUT DAC 87dB SFDR, 20ns Settling Time 1LSB INL/DNL, Software Selectable Spans 12-Bit, 2.2Msps Serial ADC 12-/14-Bit, 2.8Msps Serial ADCs 12-/14-Bit, 2.8Msps Serial ADCs 12-Bit, 5Msps Parallel ADC 12-/14-Bit, 3Msps Simultaneous Sampling ADCs 12-/14-Bit, 3Msps Simultaneous Sampling ADCs 14-Bit, 2.5Msps Parallel ADC 12-Bit, 3Msps Parallel ADC 14-Bit, 2.2Msps Parallel ADC 12-Bit, 10Msps Parallel ADC 16-Bit, 333ksps Parallel ADC 16-Bit, 500ksps Parallel ADC 16-Bit, 250ksps Serial ADC 16-Bit, 250ksps Serial ADCs 12-Bit, 3.5Msps Serial ADCs 12-/14-Bit, 3.5Msps Serial ADCs 5V or 5V Supply, 4.096V or 2.5V Span 3V, 15mW, Unipolar Inputs, MSOP Package 3V, 15mW, Bipolar Inputs, MSOP Package 5V, Selectable Spans, 115mW 3V, 2-Channel Differential, Unipolar Inputs, 14mW, MSOP Package 3V, 2-Channel Differential, Bipolar Inputs, 14mW, MSOP Package 5V, Selectable Spans, 80dB SINAD 5V Supply, 2.5V Span, 72dB SINAD 5V Supply, 2.5V Span, 78dB SINAD 5V, Selectable Spans, 72dB SINAD 5V Supply, 2.5V Span, 90dB SINAD 5V Supply, 2.5V Span, 90dB SINAD 5V, Configurable Bipolar/Unipolar Inputs 5V Supply, 1 and 2 Channel, 4.3mW, MSOP Package 3.3V Supply, 0V to 2.5V Span, MSOP Package 3.3V Supply, 1.25V Span, MSOP Package DESCRIPTION COMMENTS
SoftSpan is a trademark of Linear Technology Corporation.
119698fa
28 Linear Technology Corporation
(408) 432-1900 FAX: (408) 434-0507
LT 0108 REV A * PRINTED IN USA
1630 McCarthy Blvd., Milpitas, CA 95035-7417
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 1993


▲Up To Search▲   

 
Price & Availability of LTC1196-1ACS8-PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X