Part Number Hot Search : 
IRFS730 FSDM0465 C2Z180B 100K1 NCP21XV C848C MC68HC0 N306AD
Product Description
Full Text Search
 

To Download LANC1205DW12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATASHEET
LANC1205DW12
DC/DC Converter 9-18 VDC Input 5.0 VDC Output at 1.2A
Features:
* * * * * *
UL TUV CB CE MARK
RoHS Compliant Dual Output Standard 24 Pin DIP and SMT Package Five-Sided Continuous Shield No Minimum Load Required High Power Density High Efficiency up to 88% Small Size: 1.25 x 0.8 x 0.450 Inches Input to Output Isolation (1600VDC) 2:1 Wide Input Voltage Range Fixed Switching Frequency Input Under-Voltage Protection Output Over-Voltage Protection Over-Current Protection Output Short Circuit Protection Remote ON/OFF
* * * * * * * * * *
Applications:
* * * Distributed Power Architectures Communications Equipment Computer Equipment Work Stations
*
Description:
The LANCW12 dual output series offers 12 watts of output power from a package in an IC compatible 24 pin DIP and SMT configuration. LANCW12 dual output series has 2:1 wide input voltage of 9-18VDC, 18-36VDC, and 36-75VDC. The LANCW12 dual output series features 1600VDC of isolation, short circuit protection and five sided shielding. All models are particularly suited for telecommunications, industrial, mobile telecom, and test equipment applications.
(888) 597-WALL
www.wallindustries.com
1 of 14
TECHNICAL DATASHEET
LANC1205DW12
Technical Specifications
All specifications are based on 25 oC, Nominal Input Voltage and Maximum Output Current unless otherwise noted. We reserve the right to change specifications based on technological advances. SPECIFICATION Related condition Min Nom Max Unit Switching Frequency Test at nominal Vin and full load 400 kHz INPUT (Vin) Operating Voltage Range 9 12 18 Vdc Input Voltage (Continuous) 20 Vdc Input Voltage (Transient 100ms) 36 Vdc UVLO Turn-on Threshold 9 Vdc UVLO Turn-off Threshold 8 Vdc Input Standby Current Nominal Vin and No Load 24 mA Input Voltage Variation Complies with EST300 132 part 4.4 5 V/ms Input Current Nominal Vin and Full Load 1282 mA 5 to 20MHz, 12H source impedance Reflected Ripple Current 20 mApk-pk (See the Test Setup section - pg 8) Test at nominal Vin and full load 82 % EFFICIENCY (See the Test Setup section - pg 8) OUTPUT (Vo) Operating Output Range Nominal Vin and Full Load 4.94 5.0 5.06 Vdc Load Regulation 0% to 100% Full Load -1.0 +1.0 % Line Regulation LL to HL at Full Load -0.2 +0.2 % Cross Regulation Asymmetrical Load 25% / 100% of Full Load -5.0 +5.0 % 5Hz to 20MHz bandwidth Output Ripple & Noise 85 mVpk-pk (See the Test Setup section - pg 8) Output Current 0 1.2 A Output Voltage Overshoot LL to HL at Full Load 0 3 % Vout Over Current Protection 150 % FL Short Circuit Protection Continuous, automatic recovery Test at nominal Vin DYNAMIC LOAD RESPONSE Peak Deviation Load step change from 75 to 100% or 100 to 75 % of FL 200 mV Setting Time (Vout < 10% peak deviation) 250 s The ON/OFF pin voltage is referenced to -Vin REMOTE ON/OFF (See the Remote ON/OFF Control section - pg 5) ON/OFF pin High Voltage (Remote ON) 3.0 12 Vdc ON/OFF pin Low Voltage (Remote OFF) 0 1.2 Vdc ON/OFF pin Low Voltage, input current 2.5 mA Test at nominal Vin and constant resistive load START UP TIME Power Up 450 ms Remote ON/OFF 5 ms ISOLATION Isolation Voltage (Input-Output) 1600 Vdc Isolation Voltage (Output to Case-DIP Type) 1600 Vdc Isolation Voltage (Output to Case-SMT Type) 1000 Vdc Isolation Voltage (Input to Case - DIP Type) 1600 Vdc Isolation Voltage (Input to Case - SMT Type) 1000 Vdc Isolation Resistance 1 G Isolation Capacitance 1200 pF ENVIRONMENTAL o Operating Ambient Temperature (w/ derating) -40 85 C o Operating Case Temperature 100 C o Storage Temperature -55 105 C Temperature Coefficient -0.02 +0.02 % / oC See the MTBF and Reliability section (pg 13) MTBF Bellcore TR-NWT-000332, TC=40C 2,750,000 hours MIL-STD-217F 1,080,000 hours MECHANICAL See Figure 1 Weight 18.0 grams Dimensions 1.25 x 0.8 x 0.450 inches
Model No. LANC1205DW12
(888) 597-WALL
www.wallindustries.com
Page 2 of 14
TECHNICAL DATASHEET
LANC1205DW12
Figure 1: Mechanical Dimensions
Pin size is 0.02(0.5) Dia or 0.01 x 0.02 (0.25 x 0.50) Rectangular Pin
0.08(2.0)
DIP Type
23 22 BOTTOM VIEW 16 14
1 2 3
0.80 (20.3) 0.20 (5.1)
Table 1
Pin Connection
Pin 1 2 3 9 11 Define CTRL -Input -Input Common -Output Pin 23 22 16 14 Define +Input +Input Common +Output
1.25 (31.8)
9 11
0.15 (3.8) 0.40 (10.2)
0.60(15.2) 0.80(20.3)
1. All dimensions are in Inches (mm) Tolerance: x.xx0.02 (x.x0.5) 2. Pin pitch tolerance 0.014(0.35)
SMT Type
1.00(25.4) 0.92(23.4)
Suffix-S
0.44(11.2) 0.10 (2.54) 0.43(10.9)
Table 2
Pin Connection
Pin 1 2 3 Define CTRL -Input -Input Common -Output NC Pin 23 22 16 14 Others Define +Input +Input Common +Output NC
0.02(0.5)
20
1.26 (32.0)
BOTTOM VIEW
5
0.15 (3.81)
24
1
16
Pin Area 0.04 x 0.02 (1.0 x 0.5)
9 12
0.80(20.3) 0.25 (6.35)
9 11 Others
13
1. All dimensions in Inches (mm) Tolerance: x.xx0.02 (x.x0.5) 2. Pin pitch tolerance 0.014(0.35)
(888) 597-WALL
www.wallindustries.com
Page 3 of 14
TECHNICAL DATASHEET
LANC1205DW12
DESIGN CONSIDERATIONS: Output Over Current Protection When excessive output currents occur in the system, circuit protection is required on all power supplies. Normally, overload current is maintained at approximately 150% of rated current for the LANCW12 dual output series. Fold back-mode is a method of operation in a power supply whose purpose is to protect the power supply from being damaged during an over-current fault condition. It also enables the power supply to operate normally when the fault is removed. One of the problems resulting from over current is that excessive heat may be generated in power devices; especially MOSFET and Schottky diodes and the temperature of those devices may exceed their specified limits. A protection mechanism has to be used to prevent those power devices from being damaged. The operation of fold back is as follows. When the current sense circuit sees an over-current event, the output voltage of the module will be decreased for low power dissipation and decrease the heat of the module.
Figure 2
Input Source Impedance The power module should be connected to a low impedance input source. Highly inductive source impedance can affect the stability of the power module. Input external L-C filter is recommended to minimize input reflected ripple current. The inductor is simulated source impedance of 12H and capacitor is Nippon chemi-con KZE series 47F/100V. The capacitor must as close as possible to the input terminals of the power module for lower impedance. Thermal Consideration The power module operates in a variety of thermal environments. However, sufficient cooling should be provided to help ensure reliable operation of the unit. Heat is removed by conduction, convention, and radiation to the surrounding environment. Proper cooling can be verified by measuring the point as the figure below. The temperature at this location should not exceed 105C. When operating, adequate cooling must be provided to maintain the test point temperature at or below 105C. Although the maximum point temperature of the power modules is 105C, you can limit this temperature to a lower value for extremely high reliability.
TOP VIEW
0.4 (10.15)
Measurement shown in inches and millimeters
Figure 3
0.625 (15.9)
(888) 597-WALL
www.wallindustries.com
Page 4 of 14
TECHNICAL DATASHEET
LANC1205DW12
Remote ON/OFF Control The positive logic remote ON/OFF control circuit is included. Turns the module ON during a logic High on the On/Off pin and turns OFF during a logic Low. The On/Off pin is an open collector/drain logic input signal (Von/off) that's referenced to GND. If not using the Remote On/Off feature, please open circuit between on/off pin and -input pin to turn the module on. Remote ON/OFF Implementation
Figure 4
Isolated-Closure Remote ON/OFF
Figure 5
Figure 6
Level Control using TTL Output
Level Control using Line Voltage
(888) 597-WALL
www.wallindustries.com
Page 5 of 14
TECHNICAL DATASHEET
LANC1205DW12
Graph 1: Efficiency vs. Output Current
Graph 2: Efficiency vs. Input Voltage (Full Load)
Efficiency (%)
Vin=9V Vin=12V Vin=18V
% Of Full Load
Efficiency (%)
Input Voltage (V)
Graph 3: Output Power vs. Ambient Temperature & Airflow (Nominal Vin)
Graph 4: Power Dissipation Vs. Output Current
Natural Convection 100LFM 200LFM 300LFM 400LFM 500LFM
Power Dissipation (W)
Vin=9V Vin=12V Vin=18V
Output Power (%)
9V 12V 18V
Ambient Temperature, Ta (C)
% Of Full Load
Graph 5: Typical Input Start-Up and Output Rise Characteristic (Nominal Vin and Full Load)
Graph 6: Typical Output Ripple and Noise (Nominal Vin and Full Load)
Vin
Vout
(888) 597-WALL
www.wallindustries.com
Page 6 of 14
TECHNICAL DATASHEET
LANC1205DW12
Graph 7: Using ON/OFF Voltage Start-Up and Vo Rise Characteristic (Nominal Vin and Full Load)
Graph 8: Transient Response to Dynamic Load Change from 100% to 75% to 100% of Full Load at Nominal Vin
Von-off
Vout
(888) 597-WALL
www.wallindustries.com
Page 7 of 14
TECHNICAL DATASHEET
LANC1205DW12
TEST SETUP: The LANC1205DW12 specifications are tested with the following configurations: Input Reflected-Ripple Current Measurement Test Setup
Figure 7
Component L C
Value 12H 47F
Voltage ---100V
Reference ---Aluminum Electrolytic Capacitor
Peak-to-Peak Output Ripple & Noise Measurement Setup Figure 8 Figure 9
Output Voltage and Efficiency Measurement Setup Figure 10
Vout x Iout Efficiency = x 100% Vin x Iin
NOTE: All measurements are taken at the module terminals (888) 597-WALL www.wallindustries.com Page 8 of 14
TECHNICAL DATASHEET
LANC1205DW12
EMC Considerations Suggested Schematic for EN55022 Conducted Emission Class A Limits
Figure 11
Recommended Layout with Input Filter
Figure 12
To meet Conducted Emissions EN55022 CLASS A needed the following components: LANC12xxDW12
Component C1 C2, C3 Value 6.8uF 1000pF Voltage 50V 2KV Reference 1210 MLCC 1206 MLCC
LANC24xxDW12
Component C1 C2, C3 Value 4.7uF 1000pF Voltage 50V 2KV Reference 1210 MLCC 1206 MLCC
LANC48xxDW12
Component C1 C2, C3 Value 2.2uF 1000pF Voltage 100V 2KV Reference 1812 MLCC 1206 MLCC
(888) 597-WALL
www.wallindustries.com
Page 9 of 14
TECHNICAL DATASHEET
LANC1205DW12
EMC Considerations (Continued) Suggested Schematic for EN55022 Conducted Emission Class B limits
Figure 13
Recommended Layout with Input Filter
Figure 14
To meet Conducted Emissions EN55022 CLASS B needed the following components: LANC12xxDW12
Component C1 C3, C4 L1 Value 3.3F 1000pF 325H Voltage 50V 2KV ---Reference 1812 MLCC 1206 MLCC Common Choke, P/N: PMT-050
LANC24xxDW12
Component C1 C3, C4 L1 Value 4.7F 1000pF 325H Voltage 50V 2KV ---Reference 1812 MLCC 1206 MLCC Common Choke, P/N: PMT-050
LANC48xxDW12
Component C1 C3, C4 L1 Value 2.2F 1000pF 325H Voltage 100V 2KV ---Reference 1812 MLCC 1206 MLCC Common Choke, P/N: PMT-050
(888) 597-WALL
www.wallindustries.com
Page 10 of 14
TECHNICAL DATASHEET
LANC1205DW12
Recommended Pad Layout for DIP Type
Figure 15
Recommended Pad Layout for SMT Type
Figure 16
1. All dimensions in Inches (mm) 2. Pin pitch tolerance 0.35mm 3. Tolerance: x.xx0.02 (x.x0.5) x.xxx0.01 (x.xx0.25)
(888) 597-WALL
www.wallindustries.com
Page 11 of 14
TECHNICAL DATASHEET
LANC1205DW12
Soldering and Reflow Considerations: Lead Free Wave Solder Profile for DIP Type
Reference Solder: Sn-Ag-Cu; Sn-Cu TEMPERATURE (C) Hand Welding: Soldering Iron: Power 90W Welding Time: 2~4 sec Temp: 380~400C
Figure 17
TIME (SEC) Zone
Preheat Zone Actual Heating
Reference Parameter
Rise temp. speed: 3/sec max. Preheat temp: 100~130 Peak temp: 250~260 Peak time (T1+T2 time): 4~6 sec
Lead free reflow profile for SMT type
Figure 18
TEMPERATURE (C)
TIME (SEC) Zone
Preheat Zone
Reference Parameter
Rise temp. speed: 1~3/sec Preheat time: 60~120sec Preheat temp.155~185 Rise temp. speed: 1~3/sec Melting time: 30~60 sec Melting temp: 217C Peak temp: 230~240 Peak time: 10~20 sec Rise temp. speed: -1~ -5/sec
Reference Solder: Sn-Ag-Cu; Sn-Cu
Actual Heating Cooling
(888) 597-WALL
www.wallindustries.com
Page 12 of 14
TECHNICAL DATASHEET
LANC1205DW12
Packaging Information: DIP Type Figure 19
16 PCS per tube
SMT Type Figure 20
16 PCS per tube
Safety and Installation Instruction: Fusing Consideration Caution: This power module is not internally fused. An input line fuse must always be used. This encapsulated power module can be used in a wide variety of applications, ranging from simple stand-alone operation to an integrated part of sophisticated power architecture. To maximum flexibility, internal fusing is not included; however, to achieve maximum safety and system protection, always use an input line fuse. The safety agencies require a normal-blow fuse with maximum rating of 3A. Based on the information provided in this data sheet on inrush energy and maximum DC input current; the same type of fuse with lower rating can be used. Refer to the fuse manufacturer's data for further information. MTBF and Reliability The MTBF of the LANCW12 dual output series of DC/DC converters has been calculated using Bellcore TR-NWT-000332 Case I: 50% stress, Operating Temperature at 40C (Ground fixed and controlled environment). The resulting figure for MTBF is 2.75 x 106 hours. MIL-HDBK 217F NOTICE2 FULL LOAD, Operating Temperature at 25C. The resulting figure for MTBF is 1.078 x 106 hours.
(888) 597-WALL www.wallindustries.com Page 13 of 14
TECHNICAL DATASHEET
LANC1205DW12
Ordering Information: Part Number Example:
LANC 12
Series Designation
05
D
W
12 - S
Nominal Input Voltage Nominal Output Voltage Dual Output 2:1 Wide Input Voltage Range
Option No suffix S
Description
DIP Type SMT Type
Maximum Output Power
Company Information: Wall Industries, Inc. has created custom and modified units for over 40 years. Our in-house research and development engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2000 certification is just one example of our commitment to producing a high quality, well documented product for our customers. Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your future projects. Contact Wall Industries for further information: Phone: Toll Free: Fax: E-mail: Web: Address: (603)778-2300 (888)587-9255 (603)778-9797 sales@wallindustries.com www.wallindustries.com 5 Watson Brook Rd. Exeter, NH 03833
(888) 597-WALL
www.wallindustries.com
Page 14 of 14


▲Up To Search▲   

 
Price & Availability of LANC1205DW12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X