Part Number Hot Search : 
ENA13 UZ5132 SLY2016 MBU102 2SA1899 4H560838 G4A5M MJD29
Product Description
Full Text Search
 

To Download KPCF8402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon P, N Channel MOS Type Transistor KPCF8402
Features
Low drain-source ON resistance : P Channel RDS (ON) = 60 m N Channel RDS (ON) = 38 m (typ.) (typ.)
IC IC
High forward transfer admittance : P Channel |Yfs| = 5.9 S (typ.) N Channel |Yfs| = 6.8 S (typ.) Low leakage current : P Channel IDSS = -10 N Channel IDSS = 10 Enhancement-mode : P Channel Vth = -0.8 to -2.0 V (VDS = -10 V, ID = -1mA) N Channel Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1mA) A (VDS = -30 V) A (VDS = 30 V)
Absolute Maximum Ratings Ta = 25
Parameter Drain-source voltage Drain-gate voltage (RGS = 20 k Gate-source voltage Drain current DC (Note 1) Pulse (Note 1) ) Symbol VDSS VDGR VGSS ID IDP PD (1) PD (2) PD (1) PD (2) EAS IAR EAR Tch Tstg Rth (ch-a) (1) Rth (ch-a) (2) Rth (ch-a) (1) Rth (ch-a) (2) P-Channel -30 -30 20 -3.2 -12.8 1.35 1.12 0.53 0.33 0.67 -1.6 0.11 150 -55 to 150 92.6 111.6 /W 235.8 378.8 N-Channel 30 30 20 4 16 1.35 1.12 W 0.53 0.33 2.6 2 mJ A mJ Unit V V V A A
Single-device operation Drain power dissipation (t = (Note 3a) 5 s) Single-device value at dual operation(Note 3b) Single-device operation Drain power dissipation (t = (Note 3a) 5 s) (Note 2b) Single-device value at dual operation(Note 3b) Single pulse avalanche energy(Note 4) Avalanche current Repetitive avalanche energy Single-device value at dual operation (Note 2a, 3b, 5) Channel temperature Storage temperature range Single-device operation Thermal resistance,channel (Note 3a) to ambient (t = 5 s) (Note Single-device value at 2a) dual operation (Note 3b) Single-device operation Thermal resistance,channel (Note 3a) to ambient (t = 5 s) (Note Single-device value at 2b) dual operation (Note 3b)
www.kexin.com.cn
1
SMD Type
KPCF8402
Electrical Characteristics Ta = 25
Parameter Gate leakage current Symbol IGSS VGS = VGS = Drain cut-off current IDSS V (BR) DSS V (BR) DSX Drain-source breakdown voltage V (BR) DSS V (BR) DSX Gate threshold voltage Vth Testconditons 16 V, VDS = 0 V 16 V, VDS = 0 V P-Ch N-Ch P-Ch N-Ch P-Ch -30 -15 N-Ch P-Ch N-Ch P-Ch 30 15 -0.8 1.3 80 60 N-Ch P-Ch N-Ch 2.9 3.4 58 38 5.9 6.8 600 VDS = -10 V, VGS = 0 V, f = 1 MHz P-Ch 60 70 470 VDS = 10 V, VGS = 0 V, f = 1 MHz N-Ch 60 80 5.3 12 P-Ch Switching time Fall time Switching time Turn-off time Switching time Rise time Switching time Turn-on time Switching time Fall time Switching time Turn-off time Total gate charge (gate-source plus gate-drain) Gate-source charge 1 Gate-drain (Gate-source charge "miller") charge tf toff tr ton tf toff Qg Qgs1 Qgd VDD=-24V,VGS=-10V,ID=-3.2A P-Ch N-Ch 8.4 34 5.2 8.3 4.0 22 14 1.4 2.7 -2.0 2.5 105 72 77 50 Min Typ Max 10 10 -10 10
IC IC
Unit A A A A V V V V V V m
VDS = ?30 V, VGS = 0 V VDS = 30 V, VGS = 0 V
Drain-source breakdown voltage
ID = -10 mA, VGS = 0 V ID = -10 mA, VGS = 20 V ID =10 mA, VGS = 0 V ID = 10 mA, VGS = -20 V VDS = -10 V, ID = -1 mA VDS = 10 V, ID = 1 mA
Drain-source ON resistance
RDS (ON)
VGS = -4.5 V, ID = -1.6A VGS = -10 V, ID = -1.6 A
Drain-source ON resistance
RDS (ON)
VGS = 4.5 V, ID = 2.0A VGS = 10 V, ID = 2.0 A
m S S
Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Input capacitance Reverse transfer capacitance Output capacitance Switching time Rise time Switching time Turn-on time
|Yfs| Ciss Crss Coss Ciss Crss Coss tr ton
VDS = -10 V, ID = -1.6 A VDS = 10 V, ID = 2.0 A
pF
pF
ns
ns
nC
2
www.kexin.com.cn
SMD Type
KPCF8402
Electrical Characteristics Ta = 25
Parameter Total gate charge (gate-source plus gate-drain) Gate-source charge 1 Gate-drain ("miller") charge Drain reverse current Pulse (Note 1) Symbol Qg Qgs1 Qgd IDRP IDR =-3.2 A, VGS = 0 V IDR =4.0 A, VGS = 0 V P-Ch VDD=24V,VGS=10V,ID=6A N-Ch Testconditons Min Typ 10 1.7 2.4 -12.8 16 Forward voltage (diode) VDSF N-Ch 1.2 -1.2 Max
IC IC
Unit
nC
A A V V
Circuit Configuration
www.kexin.com.cn
3


▲Up To Search▲   

 
Price & Availability of KPCF8402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X