Part Number Hot Search : 
HI2301 SBR101 ST59490 1N4740 W9NC80Z DY10F 26481 101111FH
Product Description
Full Text Search
 

To Download KMB1117 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Integrate Circuit IC
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator KMB1117(LMB1117)
TO-263
Unit: mm
+0.1 1.27-0.1 +0.2 4.57-0.2
Features
1.4V maximum dropout at full load current Fast transient response
+0.2 8.7-0.2 +0.1 1.27-0.1
Output current limiting Built-in thermal shutdown Good noise rejection 3-Terminal Adjustable or Fixed 1.5V, 1.8V, 1.9V,2.5V, 3.3V, 5.0V
+0.1 1.27-0.1
0.1max
+0.1 0.81-0.1
+0.2 5.28-0.2
2.54
+0.1 5.08-0.1
+0.2 2.54-0.2
+0.2 15.25-0.2
+0.2 2.54-0.2
+0.2 0.4-0.2
Absolute Maximum Ratings Ta = 25
Parameter DC Supply Voltage Power Dissipation Thermal Resistance Junction-to-Ambient Thermal Resistance Junction-to-Case * Operating Junction Temperature Range Storage Temperature * Control Circuitry/Power Transistor Symbol Vin PD
JA JC
Rating -0.3 to 12 Internally Limited 85 0.65/2.7 0 to +150 -65 to +150
Unit V
/W /W
TOP TST
Block Diagram
5.60
1 Adj(GND) 2 Vout 3 Vin
www.kexin.com.cn
1
SMD Type
KMB1117(LMB1117)
Electrical Characteristics Ta = 25
Parameter Reference Voltage KMB1117-ADJ TJ=25 KMB1117-1.5 KMB1117-1.8 Output Voltage KMB1117-1.9 KMB1117-2.5 KMB1117-3.3 KMB1117-5.0 Line Regulation Testconditons ,(VIN-OUT)=1.5V,IO=10mA , 3V , 3.3V , 3.3V , 4V , 4.8V , 6.5V VIN 12V VIN 12V VIN 12V VIN 12V VIN 12V VIN 12V
IC Integrate Circuit
Min 1.225 1.470 1.764 1.862 2.450 3.235 4.900
Typ 1.250 1.500 1.800 1.900 2.500 3.300 5.000
Max 1.275 1.530 1.836 1.938 2.550 3.365 5.100 0.2 1
Unit V V V V V V V % % mV mV mV mV mV mV V A
IOUT = 10mA, TJ = 25 IOUT = 10mA, TJ = 25 IOUT = 10mA, TJ = 25 IOUT = 10mA, TJ = 25 IOUT = 10mA, TJ = 25 IOUT = 10mA, TJ = 25
KMB1117-XXX IO=10mA,VOUT+1.5V KMB1117-ADJ VIN=3.3V,Vadj=0,0mA KMB1117-1.5 KMB1117-1.8 VIN=3V,0mA VIN=3.3V,0mA VIN=3.3V,0mA VIN=4V,0mA VIN=5V,0mA VIN=8V,0mA Io Io Io Io Io Io
VIN 12V, TJ=25 Io 1A,TJ=25 12 15 16 20 26 40 1.3 1. 1 5 0.008
1A,TJ=25 1A,TJ=25 1A,TJ=25 1A,TJ=25 1A,TJ=25 1A,TJ=25
15 18 19 25 33 50 1.4
Load Regulation
KMB1117-1.9 KMB1117-2.5 KMB1117-3.3 KMB1117-5.0
Dropout Voltage (VIN-VOUT) Current Limit Minimum Load Current Thermal Regulation Ripple Rejection Temperature Stability
KMB1117-XXX IOUT = 1A ,
VOUT=0.1%VOUT
KMB1117-XXX (VIN-VOUT) = 5V KMB1117-XXX 0 Tj 125 , 30ms pulse
10 0.04
mA %/W
TA=25
F=120Hz,COUT=25uF Tantalum, IOUT=1A KMB1117-XXX VIN=VOUT+3V IO=10mA 60 0.5 70 dB %
2
www.kexin.com.cn
SMD Type
KMB1117(LMB1117)
Typical Characteristics
IC Integrate Circuit
Fig.1 Dropout Voltage vs Output Current
Fig.2 Load Regulation vs Temperature
Fig.3 Percent Change in Output Voltage vs Temperature
Fig.4 Line Regulation
Fig.5 Line Transient Response
Fig.6 Load Transient Response
www.kexin.com.cn
3


▲Up To Search▲   

 
Price & Availability of KMB1117

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X