Part Number Hot Search : 
9SN28 FC358PC 74AHC 20032 DD200 104J630 MC34063 SPLPL903
Product Description
Full Text Search
 

To Download KDS3601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
100V Dual N-Channel PowerTrench MOSFET KDS3601
IC IC
Features
1.3 A, 100 V. RDS(ON) = 480m RDS(ON) = 530m @ VGS = 10 V @ VGS = 6 V
Low gate charge (3.7 nC typical) Fast switching speed High performance trench technology for extremely low RDS(ON) High power and current handling capability
Absolute Maximum Ratings Ta = 25
Parameter Drain to Source Voltage Gate to Source Voltage Drain Current Continuous (Note 1a) Drain Current Pulsed Power Dissipation for Dual Operation Power Dissipation for Single Operation (Note 1a) Power Dissipation for Single Operation (Note 1b) Power Dissipation for Single Operation (Note 1c) Operating and Storage Temperature Thermal Resistance Junction to Case (Note 1) Thermal Resistance Junction to Ambient (Note 1a) TJ, TSTG R R
JC JA
Symbol VDSS VGS ID PD
Rating 100 20 1.3 6 2 1.6
Unit V V A A
PD
1 0.9 -55 to 175 40 78
W
/W /W
www.kexin.com.cn
1
SMD Type
KDS3601
Electrical Characteristics Ta = 25
Parameter Single Pulse Drain-Source Avalanche Energy Maximum Drain-Source Avalanche Current Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage, Forward Gate-Body Leakage, Reverse Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient IDSS IGSSF IGSSR VGS(th) Symbol WDSS IAR BVDSS Testconditons Single Pulse,VDD=50V,ID=1.3A(Not 2) ( Not 2) VGS = 0 V, ID = 250 ID = 250 A 100 105 10 100 -100 2 2.6 -5 350 376 664 3 3.6 153 VDS = 50 V, VGS = 0 V,f = 1.0 MHz 5 1 8 VDD = 50 V, ID = 1 A,VGS = 10 V, RGEN =6 4 11 6 3.7 VDS = 50 V, ID = 1.3 A,VGS = 10 V (Note 2) 0.8 1 1.3 VGS = 0 V, IS = 1.3 A (Not 2) 0.8 1.2 16 8 20 5 80 480 530 955 4 Min Typ Max 26 1.3
IC IC
Unit mJ A V mV/ A nA nA V mV/
A, Referenced to 25
VDS = 80 V, VGS = 0 V VGS = 20 V, VDS = 0 V VGS = -20 V, VDS = 0 V VDS = VGS, ID = 250 ID = 250 A
A, Referenced to 25
VGS = 10 V, ID = 1.3 A Static Drain-Source On-Resistance RDS(on) VGS = 6 V, ID = 1.3 A VGS = 10 V, ID =1.3 A,TJ = 125 On-State Drain Current Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage ID(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd IS VSD VGS = 10 V, VDS = 10V VDS = 5 V, ID = 1.3 A
m
A S pF pF pF ns ns ns ns nC nC nC A V
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of KDS3601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X