Part Number Hot Search : 
SF2223D 2SA0794R 557T080M SB040 SD1564 DTL9503 631CCSD ASI10575
Product Description
Full Text Search
 

To Download KAV70DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Quad Surface Mount Switching Diode Array KAV70DW(BAV70DW)
SOT-363
+0.1 1.3-0.1 0.65
Diodes
Unit: mm
Features
Fast Switching Speed Ultra-Small Surface Mount Package For General Purpose Switching Applications High Conductance
0.525
0.36
Absolute Maximum Ratings Ta = 25
Parameter Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current Forward Continuous Current Non-Repetitive Peak Forward Surge Current @ t = 1.0 @ t = 1.0s Power Dissipation Thermal Resistance Junction to Ambient Air Operating and Storage Temperature Range Pd R
JA
Symbol VRM VRRM VRWM VR VR(RMS) IO IFM s IFSM
Rating 100
Unit V
75
V
53 150 300 2.0 1.0 200 625 -65 to +150
V mA mA A mW K/W
T,TSTG
Electrical Characteristics Ta = 25
Parameter Reverse Breakdown Voltage Symbol V(BR)R IF=2.5 A Testconditons Min 75 0.715 0.855 1.0 1.25 2.5 50 30 25 2 4 A A A nA pF ns V Typ Max Unit V
IF = 1.0mA Forward Voltage VF IF = 10mA IF = 50mA IF = 150mA VR = 75V Reverse Current IR VR = 75V, Tj = 150 VR = 25V, Tj = 150 VR = 20V Junction Capacitance Reverse Recovery Time Cj trr VR = 0, f = 1.0MHz IF = IR = 10mA,Irr = 0.1 X IR, RL = 100
Marking
Marking KJA
+0.05 0.95-0.05
0.1max
+0.1 0.3-0.1 +0.1 2.1-0.1
+0.05 0.1-0.02
+0.1 1.25-0.1
+0.15 2.3-0.15
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of KAV70DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X