Part Number Hot Search : 
FSMD075 91TR50LF L0107NT 40310 D9483 KA3031 5257B B4065
Product Description
Full Text Search
 

To Download KAMN30503D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 im
in
ar
y
KAMN30 SERIES
AC - DC POWER MODULE 20 ~ 30W UL / cUL / TUV / CE FEATURES
AC/DC POWER MODULE UNIVERSAL INPUT 85 ~ 265 VAC HIGH EFFICIENCY UP TO 86% SHORT CIRCUIT PROTECTION INTERNAL INPUT FILTER 2 YEARS WARRANTY
Pr
el
MODEL LIST
MODEL NO. INPUT VOLTAGE
85~265 VAC 85~265 VAC 85~265 VAC 85~265 VAC 85~265 VAC
OUTPUT OUTPUT WATTAGE VOLTAGE Single Output Models
25 WATTS 30 WATTS 30 WATTS 30 WATTS 30 WATTS +3.3 VDC + 5 VDC + 12 VDC + 15 VDC + 24 VDC
OUTPUT CURRENT
7500 mA 6000 mA 2500 mA 2000 mA 1250 mA
EFF. (typ.)
77% 81% 85% 86% 86%
EFF. (min.)
75% 79% 83% 84% 84%
KAMN3003 KAMN3005 KAMN3012 KAMN3015 KAMN3024
Dual Output Models
KAMN3012D KAMN3015D KAMN30503D KAMN30512D 85~265 VAC 85~265 VAC 85~265 VAC 85~265 VAC 30 WATTS 30 WATTS 20 WATTS 30 WATTS 12 VDC 15 VDC + 5 /+ 3.3 VDC + 5 /+ 12 VD C 1250 mA 1000 mA +3A / +1.5 A +3A / +1.25A 84% 85% 81% 82% 82% 83% 79% 80%
SPECIFICATION
All Specifications Typical At Nominal Line, Full Load, 25oC Unless Otherwise Noticed
CONTROL AND PROTECTION
Characteristics
Input fuse Output short circuit Rated over load protection
Conditions
T2A / 250VAC internal Hiccup mode
min.
120
typ.
max.
160
unit
%
APPROVALS AND STANDARDS
UL / cUL TUV CE UL60950-1 Recognized EN60950-1 EN61000-6-3,EN55022 class B EN61000-6-2,EN55024 EN61000-3-2,EN61000-3-3 EN61204-3
www.chinfa.com 2008.08.13 sales@chinfa.com
KAMN30 SERIES
AC - DC POWER MODULE
SPECIFICATION
All Specifications Typical At Nominal Line, Full Load, 25oC Unless Otherwise Noticed
GENERAL
Characteristics
Switching frequency Isolation voltage Isolation resistance Ambient temperature Derating Storage temperature Relative humidity Dimension Cooling Case material
Conditions
Vi nom, Io nom Input / Output Input / Output, @ 500VDC Operating at Vi nom Vi nom, +61 to +71 C Non operational Vi nom, Io nom L 89 x W 63.5 x H 25 L 3.5 x W 2.5 x H 0.98 Free air convection Plastic
o
min.
3,000 100 -40 -40 20
typ.
65
max.
unit
KHz VAC M
+ 71 3 +100 95
C %/ C
o o
o
C
% RH mm inches
INPUT SPECIFICATIONS
Characteristics
Rated input voltage Input voltage range Line frequency Inrush current Io nom Io nom Vi nom, Io nom Io nom Vi :115VAC Vi :230VAC AC in DC in
Conditions
min.
100 85 120 47
typ.
max.
240 265 370 63 20 40
unit
VAC VAC VDC Hz A A
OUTPUT SPECIFICATIONS
Characteristics
Output voltage accuracy Minimum load Line regulation Load regulation Hold up time Transient recovery time Temperature coefficient Ripple & noise External trim ADJ. Range
(for single output only)
Conditions
Vi nom, Io nom Vi nom single output models
dual output models (each output)
min.
0 20
typ.
max.
2
unit
% % %
Io nom, Vi min ...Vi max Vi nom, Io min ...Io nom single output models
dual output models
1 1 2
15 1000 0.02
% % % ms S % / oC mV mV % %
Vi nom, Io nom = 1 Vi nom, Io nom Vi nom, Io nom, BW = 20MHz 1)
0.5 Io nom
3.3V , 5V models 12V ...24V models
100 200
-5 -10 Up to 86%, See model list +5 +10
Io = 5% ...100% 3.3V models
5V ...24V models
Efficiency
Vi nom, Io nom, Po / Pi
NOTE 1 : Pls refer to Fig 1 & Table 1 for connection and resistance recommended.
www.chinfa.com 2008.08.13
sales@chinfa.com
KAMN30 SERIES
AC - DC POWER MODULE
CIRCUIT SCHEMATIC
Block diagram for KAMN30 series with single output
L
Fuse Line Filter
Inrush Current Switching Limiter and Device Rectifier
Rectifier
Vo +
N
Vo -
Control Circuit
Opto Isolation
Reference & Error Amp.
Trim
Block diagram for KAMN30 series with dual output
L
Fuse Line Filter
Inrush Current Switching Limiter and Device Rectifier
Rectifier
Vo + com
N
Rectifier
Vo -
Control Circuit
Opto Isolation
Reference & Error Amp.
Block diagram for KAMN30503D & KAMN30512D
L
Fuse Line Filter
Inrush Current Switching Limiter and Device Rectifier
Rectifier
+5V
Rectifier
+3.3V or +12V com
N
Control Circuit
Opto Isolation
Reference & Error Amp.
www.chinfa.com 2008.08.13
sales@chinfa.com
KAMN30 SERIES
AC - DC POWER MODULE
MECHANISM & PIN CONFIGURATION
3.9 [0.15]
mm [inch]
3.85 [0.15] 27.9 [1.1]
27.9 [1.1]
3.85 [0.15]
TP 3 x 8
81.2 [3.20] 25.00 [0.98]
43.85 [1.73] 45.15 [1.78]
5
4
3
54.30 [2.14]
5.5 [0.22]
DIA 1.00 [0.04]
1 3.9 [0.15] 55.8 [2.20]
BOTTOM VIEW
2
PHYSICAL CHARACTERISTICS
CASE SIZE CASE MATERIAL WEIGHT L 89 x W 63.5 x H25mm ( L 3.5 x W 2.5 x H 0.98 inches) Plastic 250g
PIN ASSIGNMENT
GENERAL
PIN NO. SINGLE DUAL 1 N N 2 L L 3 Vo + Vo + or +5V 4 Vo com 5 Trim Vo- or +3.3V or +12V
DERATING
100 Power out [ % ]
Fig. 1 Trim connection (For single output only)
3
70
Vo + Rext 1 Trim
3 5 4
5 4
0 -40
89.00 [3.50]
Vo +
Trim Rext 2 Vo -
Vo -
Temperature [ C ]
o
61
71
Table 1 Typical resistor values for various output voltage adjustment settings Type
KAMN3003 KAMN3005 KAMN3012 KAMN3015 KAMN3024
www.chinfa.com 2008.08.13
Rext 1
Uo nom -5%
100K 4.7K 39K 120K 130K
Rext 2
Uo nom -10%
N/A
Uo nom +5%
12K 5.6K 15K 22K 8.66K
Uo nom +10%
N/A 820 2.7K 2.7K 510 sales@chinfa.com
0K 15K 51K 56K


▲Up To Search▲   

 
Price & Availability of KAMN30503D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X