Part Number Hot Search : 
MX29L G1426 6713A AK4386ET D22013H 4400B CR302 1N367
Product Description
Full Text Search
 

To Download IRFR320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRFR320, IRFU320, SiHFR320, SiHFU320
Vishay Siliconix
Power MOSFET
PRODUCT SUMMARY
VDS (V) RDS(on) () Qg (Max.) (nC) Qgs (nC) Qgd (nC) Configuration VGS = 10 V 20 3.3 11 Single
D
FEATURES
400 1.8
* Dynamic dV/dt Rating * Repetitive Avalanche Rated * Surface Mount (IRFR320/SiHFR320) * Straight Lead (IRFU320/SiHFU320) * Available in Tape and Reel * Fast Switching * Ease of Paralleling * Lead (Pb)-free Available
Available
RoHS*
COMPLIANT
DPAK (TO-252)
IPAK (TO-251)
G
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The DPAK is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. The straight lead version (IRFU/SiHFU series) is for through-hole mounting applications. Power dissipation levels up to 1.5 W are possible in typical surface mount applications.
S N-Channel MOSFET
ORDERING INFORMATION
Package Lead (Pb)-free SnPb DPAK (TO-252) IRFR320PbF SiHFR320-E3 IRFR320 SiHFR320 DPAK (TO-252) IRFR320TRLPbFa SiHFR320TL-E3a IRFR320TRLa SiHFR320TLa DPAK (TO-252) IRFR320TRPbFa SiHFR320T-E3a IRFR320TRa SiHFR320Ta DPAK (TO-252) IRFR320TRRPbFa SiHFR320TR-E3a IRFR320TRRa SiHFR320TRa IPAK (TO-251) IRFU320PbF SiHFU320-E3 IRFU320 SiHFU320
Note a. See device orientation.
ABSOLUTE MAXIMUM RATINGS TC = 25 C, unless otherwise noted
PARAMETER Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Currenta VGS at 10 V TC = 25 C TC = 100 C SYMBOL VDS VGS ID LIMIT 400 20 3.1 2.0 12 0.33 0.020 160 3.1 4.2 42 2.5 4.0 - 55 to + 150 260d UNIT V
A
IDM Pulsed Drain Linear Derating Factor Linear Derating Factor (PCB Mount)e EAS Single Pulse Avalanche Energyb IAR Repetitive Avalanche Currenta EAR Repetitive Avalanche Energya Maximum Power Dissipation TC = 25 C PD TA = 25 C Maximum Power Dissipation (PCB Mount)e dV/dt Peak Diode Recovery dV/dtc Operating Junction and Storage Temperature Range TJ, Tstg Soldering Recommendations (Peak Temperature) for 10 s Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. VDD = 50 V, starting TJ = 25 C, L = 29 mH, RG = 25 , IAS = 3.1 A (see fig. 12). c. ISD 3.1 A, dI/dt 65 A/s, VDD VDS, TJ 150 C. d. 1.6 mm from case. e. When mounted on 1" square PCB (FR-4 or G-10 material). * Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 91273 S-81367-Rev. A, 21-Jul-08
W/C mJ A mJ W V/ns C
www.vishay.com 1
IRFR320, IRFU320, SiHFR320, SiHFU320
Vishay Siliconix
THERMAL RESISTANCE RATINGS
PARAMETER Maximum Junction-to-Ambient Maximum Junction-to-Ambient (PCB Mount)a Maximum Junction-to-Case (Drain) SYMBOL RthJA RthJA RthJC MIN. TYP. MAX. 110 50 3.0 C/W UNIT
Note a. When mounted on 1" square PCB (FR-4 or G-10 material).
SPECIFICATIONS TJ = 25 C, unless otherwise noted
PARAMETER Static Drain-Source Breakdown Voltage VDS Temperature Coefficient Gate-Source Threshold Voltage Gate-Source Leakage Zero Gate Voltage Drain Current Drain-Source On-State Resistance Forward Transconductance Dynamic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current Pulsed Diode Forward Currenta Body Diode Voltage Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge Forward Turn-On Time IS ISM VSD trr Qrr ton MOSFET symbol showing the integral reverse p - n junction diode
D
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS VDS/TJ VGS(th) IGSS IDSS RDS(on) gfs
VGS = 0 V, ID = 250 A Reference to 25 C, ID = 1 mA VDS = VGS, ID = 250 A VGS = 20 V VDS = 400 V, VGS = 0 V VDS = 320 V, VGS = 0 V, TJ = 125 C VGS = 10 V ID = 1.9 Ab VDS = 50 V, ID = 1.9 A
400 2.0 1.7
0.51 -
4.0 100 25 250 1.8 -
V V/C V nA A S
Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf LD LS
VGS = 0 V, VDS = - 25 V, f = 1.0 MHz, see fig. 5
-
350 120 47 10 14 30 13 4.5 7.5
20 3.3 11 nH ns nC pF
VGS = 10 V
ID = 3.3 A, VDS = 320 V, see fig. 6 and 13b
-
VDD = 200 V, ID = 3.3 A, RG = 18 , RD = 56 , see fig. 10b
-
Between lead, 6 mm (0.25") from package and center of die contact
D
G
S
-
270 1.4
3.1 A 12 1.6 600 3.0 V ns C
G
S
TJ = 25 C, IS = 3.1 A, VGS = 0 Vb TJ = 25 C, IF = 3.3 A, dI/dt = 100 A/sb
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. Pulse width 300 s; duty cycle 2 %.
www.vishay.com 2
Document Number: 91273 S-81367-Rev. A, 21-Jul-08
IRFR320, IRFU320, SiHFR320, SiHFU320
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
Fig. 1 - Typical Output Characteristics, TC = 25 C
Fig. 3 - Typical Transfer Characteristics
Fig. 2 - Typical Output Characteristics, TC = 150 C
Fig. 4 - Normalized On-Resistance vs. Temperature
Document Number: 91273 S-81367-Rev. A, 21-Jul-08
www.vishay.com 3
IRFR320, IRFU320, SiHFR320, SiHFU320
Vishay Siliconix
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 8 - Maximum Safe Operating Area
www.vishay.com 4
Document Number: 91273 S-81367-Rev. A, 21-Jul-08
IRFR320, IRFU320, SiHFR320, SiHFU320
Vishay Siliconix
VDS VGS RG
RD
D.U.T. + - VDD
10 V
Pulse width 1 s Duty factor 0.1 %
Fig. 10a - Switching Time Test Circuit
VDS 90 %
10 % VGS td(on) tr td(off) tf
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
Document Number: 91273 S-81367-Rev. A, 21-Jul-08
www.vishay.com 5
IRFR320, IRFU320, SiHFR320, SiHFU320
Vishay Siliconix
L Vary tp to obtain required IAS RG VDS tp VDD D.U.T I AS 10 V tp 0.01 IAS
Fig. 12b - Unclamped Inductive Waveforms
VDS
+ -
V DD
VDS
Fig. 12a - Unclamped Inductive Test Circuit
Fig. 12c - Maximum Avalanche Energy vs. Drain Current
Current regulator Same type as D.U.T.
50 k 12 V 0.2 F 0.3 F
VGS QGS
QG
QGD D.U.T.
+ -
VDS
VG
VGS
3 mA
Charge
IG ID Current sampling resistors
Fig. 13a - Basic Gate Charge Waveform
Fig. 13b - Gate Charge Test Circuit
www.vishay.com 6
Document Number: 91273 S-81367-Rev. A, 21-Jul-08
IRFR320, IRFU320, SiHFR320, SiHFU320
Vishay Siliconix
Peak Diode Recovery dV/dt Test Circuit
D.U.T
+
Circuit layout considerations * Low stray inductance * Ground plane * Low leakage inductance current transformer
+ +
-
RG
* * * *
dV/dt controlled by RG Driver same type as D.U.T. ISD controlled by duty factor "D" D.U.T. - device under test
+ VDD
Driver gate drive P.W. Period D=
P.W. Period VGS = 10 V*
D.U.T. ISD waveform Reverse recovery current Body diode forward current dI/dt D.U.T. VDS waveform Diode recovery dV/dt
VDD
Re-applied voltage Inductor current
Body diode forward drop
Ripple 5 %
ISD
* VGS = 5 V for logic level devices
Fig. 14 - For N-Channel
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?91273.
Document Number: 91273 S-81367-Rev. A, 21-Jul-08
www.vishay.com 7
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IRFR320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X