Part Number Hot Search : 
KDV141E SS9012 64BEEG UL104BC LT105 LTC1401 TDA750 TDA750
Product Description
Full Text Search
 

To Download ILD66-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IL66/ILD66/ILQ66
Vishay Semiconductors
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
Single Channel
A1 C2 NC 3 6B 5C 4E
FEATURES
* Internal RBE for high stability * Four available CTR categories per package type * BVCEO > 60 V * Standard DIP packages * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
Dual Channel
A1 C2 C3 A4
8 7 6 5
E C C E
AGENCY APPROVALS
* UL1577, file no. E52744 system code H or J, double protection * DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending available with option 1 * BSI IEC 60950 IEC 60065
Quad Channel
A1 C
2
16 15 14 13 12 11 10 9
E C C E E C C E
C3 A A C C A
i179014
4 5 6 7 8
DESCRIPTION
IL66, ILD66, and ILQ66 are optically coupled isolators employing gallium arsenide infrared emitters and silicon photodarlington detectors. Switching can be accomplished while maintaining a high degree of isolation between driving and load circuits, with no crosstalk between channels.
ORDER INFORMATION
PART IL66-1 IL66-2 IL66-3 IL66-4 ILD66-1 ILD66-2 ILD66-3 ILD66-4 ILQ66-1 ILQ66-2 ILQ66-3 ILQ66-4 Document Number: 83638 Rev. 1.6, 13-Dec-07 REMARKS CTR 100 %, DIP-6 CTR 300 %, DIP-6 CTR 400 %, DIP-6 CTR 500 %, DIP-6 CTR 100 %, DIP-8 CTR 300 %, DIP-8 CTR 400 %, DIP-8 CTR 500 %, DIP-8 CTR 100 %, DIP-16 CTR 300 %, DIP-16 CTR 400 %, DIP-16 CTR 500 %, DIP-16 For technical questions, contact: optocoupler.answers@vishay.com www.vishay.com 1
IL66/ILD66/ILQ66
Vishay Semiconductors
ORDER INFORMATION
PART IL66-4X009 ILD66-2X007 ILD66-3X009 ILD66-4X009 ILQ66-4X007 ILQ66-4X009 Note For additional information on the available options refer to option information. REMARKS CTR 500 %, SMD-8 (option 9) CTR 300 %, SMD-8 (option 7) CTR 400 %, SMD-8 (option 9) CTR 500 %, SMD-8 (option 9) CTR 500 %, SMD-16 (option 7) CTR 500 %, SMD-16 (option 9)
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
ABSOLUTE MAXIMUM RATINGS
PARAMETER INPUT Peak reverse voltage Forward continuous current Power dissipation Derate linearly from 25 C OUTPUT Power dissipation Derate from 25 C COUPLER Isolation test voltage Total package power dissipation t = 1.0 s IL66 ILD66 ILQ66 IL66 ILD66 ILQ66 VRM IF Pdiss 6.0 60 100 1.33 150 2.0 5300 250 400 500 3.3 5.33 6.67 7.0 7.0 CTI VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C RIO RIO Tstg Tamb 175 1012 1011 - 55 to + 125 - 55 to + 100 10 C C s V mA mW mW/C mW mW/C VRMS mW mW mW mW/C mW/C mW/C mm mm TEST CONDITION PART SYMBOL VALUE UNIT
Pdiss
VISO Ptot Ptot Ptot
Derate linearly from 25 C Creepage distance Clearance distance Comparative tracking index Isolation resistance Storage temperature Operating temperature Lead soldering time at 260 C
Note Tamb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability.
ELECTRICAL CHARACTERISTICS
PARAMETER INPUT Forward voltage Reverse current Capacitance IF = 20 mA VR = 6.0 V VR = 0 V VF IR CO 1.25 0.1 25 1.5 10 V A pF TEST CONDITION SYMBOL MIN. TYP. MAX. UNIT
www.vishay.com 2
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83638 Rev. 1.6, 13-Dec-07
IL66/ILD66/ILQ66
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
ELECTRICAL CHARACTERISTICS
PARAMETER OUTPUT Collector emitter breakdown voltage Collector base breakdown voltage (IL66) Collector emitter leakage current Capacitance collector emitter COUPLER Saturation voltage, collector emitter IC = 10 mA, IF = 10 mA VCEsat 0.9 1.0 V Note Tamb = 25 C, unless otherwise specified. Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements. IC = 1.0 mA, IF = 0 A IC = 10 A VCE = 50 V, IF = 0 A VCE = 10 V BVCEO BVCBO ICEO 60 60 1.0 3.4 100 V V nA pF TEST CONDITION SYMBOL MIN. TYP. MAX. UNIT
Vishay Semiconductors
CURRENT TRANSFER RATIO
PARAMETER TEST CONDITION IF = 2.0 mA, VCE = 10 V Current transfer ratio IF = 0.7 mA, VCE = 10 V IF = 2.0 mA, VCE = 5.0 V PART IL(D,Q)66-1 IL(D,Q)66-2 IL(D,Q)66-3 IL(D,Q)66-4 SYMBOL CTR CTR CTR CTR MIN. 100 300 400 500 TYP. 400 500 500 750 MAX. UNIT % % % %
SWITCHING CHARACTERISTICS
PARAMETER NON SATURATED Rise time -1, -2, -4 Fall time -1, -2, -4 Rise time -3 Fall time -3 VCC = 10 V IF = 2.0 mA, RL = 100 IF = 0.7 mA VCC = 10 V, RL = 100 tr tf tr tf 200 200 200 200 s s s s TEST CONDITION SYMBOL MIN. TYP. MAX. UNIT
TYPICAL CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
1.4
2.0
NCTRce - Normalized CTRce
VF - Forward Voltage (V)
1.3 1.2 1.1 1.0 0.9
TA = - 55 C TA = 25 C
1.5
Normalized to: VCE = 5 V IF = 2 mA
VCE = 5 V
1.0
TA = 100 C 0.8 0.7 0.1 1 10 100
0.5 VCE = 1 V 0.0 0.1 1 10 100
iil66_01
IF - Forward Current (mA)
iil66_02
I F - LED Current (mA)
Fig. 1 - Forward Voltage vs. Forward Current
Fig. 2 - Normalized Non-Saturated and Saturated CTRCE vs. LED Current
Document Number: 83638 Rev. 1.6, 13-Dec-07
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 3
IL66/ILD66/ILQ66
Vishay Semiconductors
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
10000
1.2
NCTRce - Normalized CTRce
1.0 0.8 0.6 0.4 0.2
I CE - Collector-emitter Current (mA)
Normalized to: VCE = 5 V IF = 10 mA
1000 VCE = 1 V 100 10 1 0.1 0.01 VCE = 5 V 0.001 0.1
iil66_06
VCE = 5 V
VCE = 1 V
0.0 0.1
iil66_03
1
10
100
1000
0
10
100
1000
IF - LED Current (mA)
I B - Base Current (s)
Fig. 3 - Normalized Non-Saturated and Saturated CTRCE vs. LED Current
Fig. 6 - Collector Emitter Current vs. LED Current
10000 1000 VCE = 1 V
25000 20000 VCE = 5 V 15000 10000 5000 0 0.1 1 10 100 iil66_07 0.1 1 10 100 1000
ICE - Collector Emitter Current (mA)
100 VCE = 5 V 10 1 0.1 0.01
hFE - Forward Gain
VCE = 1 V
0.001
iil66_04
IF - LED Current (mA)
IB - Base Current (A)
Fig. 4 - Non-Saturated and Saturated Collector Emitter Current vs. LED Current
Fig. 7 - Non-Saturated and Saturated hFE vs. LED Current
1000
50
tpHL - High/Low Propagation Delay (s)
Icb - Photocurrent (a)
100
40 30 20 10 0
10 k
VCC = 5 V Vth = 1.5 V
10
220
1
0.1 0.1 iil66_05
1
10
100
iil66_08
0
5
IF - LED Current (mA)
10 15 IF - LED Current (mA)
20
Fig. 5 - Collector Base Photocurrent vs. LED Current
Fig. 8 - High to Low Propagation Delay vs. Collector Load Resistance and LED Current
www.vishay.com 4
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83638 Rev. 1.6, 13-Dec-07
IL66/ILD66/ILQ66
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
Vishay Semiconductors
150 tpLH - Low / High Propagation Delay - s 125 100 75 50 25 0 0
iil66_09
10 k
2 k VCC = 5 V Vth = 1.5 V 220 k
5
10
15
20
IF - LED Current (mA)
Fig. 9 - Low to High Propagation Delay vs. Collector Load Resistance and LED Current
IF
VO
tD tR t PLH V th = 1.5 V t PHL tS tF
iil66_10
Fig. 10 - Switching Waveform
VCC = 10 V F = 10 kHz, DF = 50 % RL VO
IF
iil66_11
Fig. 11 - Switching Schematic
Document Number: 83638 Rev. 1.6, 13-Dec-07
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 5
IL66/ILD66/ILQ66
Vishay Semiconductors
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
PACKAGE DIMENSIONS in millimeters
8.8 max. 7.62 0.1 0.3 A 4.2 0.1 8.6 max. B 6.4 max. 0.5 min. 3.3 0.58 max. 1.54 2.54 nom. A 654 5.08 nom. Weight: ca. 0.50 g Creepage distance: > 6 mm Air path: > 6 mm after mounting on PC board
0.3 max.
9 0.6
0.4 B
technical drawings according to DIN specifications
14770
123
Pin one ID 4 0.255 (6.48) 0.268 (6.81) 5 6 7 8 ISO method A 3 2 1
0.379 (9.63) 0.390 (9.91) 0.030 (0.76) 0.045 (1.14) 4 typ. 0.130 (3.30) 0.150 (3.81) 0.050 (1.27) 0.020 (0.51) 0.018 (0.46) 0.022 (0.56) i178006 0.035 (0.89) 0.100 (2.54) typ. 10 3 to 9 0.008 (0.20) 0.012 (0.30) 0.230 (5.84) 0.110 (2.79) 0.130 (3.30) 0.250 (6.35) 0.300 (7.62) 0.031 (0.79) typ.
www.vishay.com 6
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83638 Rev. 1.6, 13-Dec-07
IL66/ILD66/ILQ66
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
Vishay Semiconductors
Pin one ID 8 7 6 5 4 3 2 1 0.255 (6.48) 0.265 (6.81) 9 10 11 12 13 14 15 16 ISO method A
0.779 (19.77) 0.790 (20.07) 0.030 (0.76) 0.045 (1.14) 0.300 (7.62) typ. 0.130 (3.30) 0.150 (3.81) 4 0.018 (0.46) 0.022 (0.56) 10 typ. 3 to 9 0.008 (0.20) 0.012 (0.30)
0.031 (0.79)
0.110 (2.79) 0.130 (3.30)
0.020 (0.51) 0.035 (0.89) 0.100 (2.54) typ. 0.050 (1.27)
0.230 (5.84) 0.250 (6.35)
i178007
Option 7
0.300 (7.62) typ.
Option 9
0.375 (9.53) 0.395 (10.03) 0.300 (7.62) ref.
0.028 (0.7) min.
0.180 (4.6) 0.160 (4.1) 0.315 (8.0) min. 0.331 (8.4) min. 0.406 (10.3) max.
0.0040 (0.102) 0.0098 (0.249) 0.020 (0.51) 0.040 (1.02) 0.315 (8.00) min.
0.012 (0.30) typ.
15 max.
18494
Document Number: 83638 Rev. 1.6, 13-Dec-07
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 7
IL66/ILD66/ILQ66
Vishay Semiconductors
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA. 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 8
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83638 Rev. 1.6, 13-Dec-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of ILD66-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X