Part Number Hot Search : 
TDA7518 AM26S02 ISL83699 C0829A BYD77D BYD77D MC3372P AR3510
Product Description
Full Text Search
 

To Download GPTR2360 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy
Phone: +39-010-659 1869 Fax: +39-010-659 1870 Web: www.gpsemi.it E-mail: info@gpsemi.it
GPTR2360
PHASE CONTROLLED SCR
High reliability operation DC power supply AC drives
VOLTAGE UP TO AVERAGE CURRENT SURGE CURRENT BLOCKING CHARACTERISTICS Characteristic
VRRM VRSM VDRM IDRM IRRM Repetitive peak reverse voltage Non-repetitive peak reverse voltage Repetitive peak off-state voltage Repetitive peak off-state current, max. Repetitive peak reverse current, max. VDRM, single phase, half wave, Tj = Tjmax VRRM, single phase, half wave, Tj = Tjmax
1600 V 3600 A 50 kA
Conditions
Value
1600 V 1700 V 1600 V 200 mA 200 mA
ON-STATE CHARACTERISTICS
IT(AV) IT(RMS) ITSM It VT(TO) Average on-state current R.M.S. on-state current Surge on-state current I t for fusing coordination Threshold voltage On-state slope resistance Peak on-state voltage, max Holding current, max Latching current, typ Tj = Tjmax Tj = Tjmax On-state current IT = 4000 A , Tj = 25 C Tj = 25 C Tj = 25 C Sine wave,180 conduction, Th = 55 C Sine wave,180 conduction, T h = 55 C Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax 3600 A 5655 A 50 kA 12500 kAs 0.94 V 0.066 m 1.25 V 170 mA 1500 mA
rT
VTM IH IL
TRIGGERING CHARACTERISTICS
VGT IGT VGD PGM PG(AV) IFGM VFGM VRGM Gate trigger voltage Gate trigger current Non-trigger voltage Peak gate power dissipation Average gate power dissipation Peak gate current Peak gate voltage (forward) Peak gate voltage (reverse) Tj = 25 V D = 5 V C, Tj = 25 V D = 5 V C, VD = 67% VRRM, Tj = Tjmax Pulse width 0.5 ms 3V 250 mA 0.2 V 100 W 5W 10 A 12 V 10 V
SWITCHING CHARACTERISTICS
di/dt dV/dt tq Critical rate of rise of on-state current Critical rate of rise of off-state voltage Turn-off time, typ Tj = Tjmax Tj = Tjmax Tj = Tjmax, IT = 800 A, di/dt = -12.5 A/s VR = 100 V, VD = 67% VDRM, dV/dt = 20 V/s 200 A/s 1000 V/s 400 s
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c) Rth(c-h) Tjmax Tstg F Thermal resistance (junction to case) Thermal resistance (case to heatsink) Max operating junction temperature Storage temperature Clamping force 10% Mass Double side cooled Double side cooled 0.010 C/W 0.003 C/W 125 C -40 / 125 C 50 kN 650 g
Document GPTR2360T002
PHASE CONTROLLED SCR
GPTR2360
Current rating - sine wave
Power loss - sine wave
Heatsink temperature [C]
130 120 110 90 80 70 60 50 0 1000
30 60 90 120 180
6000 5000 4000 PF [W] 3000 2000 1000 0 4000 0 1000 2000 IT[A] 3000 2000 IT [A] 3000
30 90 60 120
180
100
4000
Maximum surge current d.s. cooled 60 50 ITSM [A] 40 30 20 10 0 1 10 Number of cycle current pulses [n] 100 I [A] ITT[A] 8000 8000 7000 7000 6000 6000 5000 5000 4000 4000 3000 3000 2000 2000 1000 1000 0 0 0.4 0
On-state voltage drop
Tj=TTj=Tjmax jmax
0.6
0.8 0.5 1
1.2 VT [V] VT [V]
1.41 1.6
1.8
2 1.5
Thermal impedance (j-c)
16
0.012 0.01 ZTH(j-c) [C / W] 0.008 0.006 0.004 0.002 0 0.001 0.01 0.1 Time [s] 1 10 100
dimensions mm
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet without notice.
Document GPTR2360T002


▲Up To Search▲   

 
Price & Availability of GPTR2360

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X