![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Chip Monolithic Ceramic Capacitor Electrical Characteristics Data 1206 X7R 4.7F 25V Murata Global Part No : GCM31CR71E475K 1. Dimension 3. Impedance/ESR - Frequency Equipment: 4294A(16044A) T W W 1.6+/-0.2 1000 Impedance 100 ( mm) T 1.6+/-0.2 ESR Impedance/ESR (ohm) L L 3.2+/-0.2 10 1 0.1 0.01 0.001 0.0001 0.0001 2. Cap,DF,IR Capacitance,DF 1kHz , 1Vrms IR Item Cap.[F] DF IR[M ohm] 25V , 120s Spec 4.23 to 5.17 0.025 max 107 min 0.001 0.01 0.1 1 10 Frequency (MHz) 4. Capacitance - Temperature Characteristics Equipment: 40 4284A 5. Temperature Rise - Ripple Current (Only for reference) Equipment: 100 CVHF-400 Cap. Change (%) 0 -20 -40 -60 -80 -100 -75 -50 -25 0 25 50 75 100 125 150 Temperature Rise (deg.C) 20 No Bias 10 1 100kHz 500kHz 1MHz 0.1 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 Temperature (deg.C) Current (Arms) 6. Capacitance - DC Voltage Characteristics Equipment: 20 0 4284A 7. Capacitance - AC Voltage Characteristics Equipment: 30 20 10 4284A Cap. Change (%) Cap. Change (%) -20 -40 -60 -80 -100 0 5 10 15 20 25 30 0 -10 -20 -30 -40 -50 -60 0 0.5 1 1.5 2 2.5 Voltage (Vdc) This PDF has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification before ordering.Product specifications in this PDF are as of Jan 2006. They are subject to change or our products in it may be discontinued without advance notice Voltage (Vrms) |
Price & Availability of GCM31CR71E475K
![]() |