Part Number Hot Search : 
162244 AT83C DTA144W 2N4361 0NF03L FCD860 W1900 SN74L
Product Description
Full Text Search
 

To Download FZT1049A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN Silicon Planar Medium Power High Gain Transistor FZT1049A
SOT-223
Transistors
Unit: mm
+0.2 3.50-0.2
Features
VCEO = 30V. 5 Amp continuous current. 20 Amp pulse current. Low saturation voltage. High gain. Extremely low equivalent on-resistance; RCE(sat) = 50mU at 5A.
1
+0.2 6.50-0.2
0.1max +0.05 0.90-0.05
+0.1 3.00-0.1
+0.2 0.90-0.2 +0.3 7.00-0.3
4
2 2.9 4.6
3
+0.1 0.70-0.1
1 base 2 collector 3 emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Peak pulse current Continuous collector current Base current Power dissipation Operating and storage temperature range Symbol VCBO VCEO VEBO IC ICM IB Ptot Tj,Tstg Rating 80 30 5 5 20 500 2.5 -55 to +150 Unit V V V A A mA W
+0.15 1.65-0.15
www.kexin.com.cn
1
SMD Type
FZT1049A
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage * Emitter-base breakdown voltage Collector Cut-Off Current Collector-emitter cut-off current Emitter Cut-Off Current Symbol V(BR)CBO IC=100iA V(BR)CEO IC=10mA V(BR)EBO IE=100iA ICBO ICES IEBO VCB=35V VCE=35V VEB=4V Testconditons Min 80 30 5
Transistors
Typ 130 40 9 0.3 0.3 0.3 35 70 180 250 950 900
Max
Unit V V V
10 10 10 60 100 250 330 1050 1000
nA nA nA
Collector-emitter saturation voltage *
IC=0.5A, IB=10mA VCE(sat) IC=1A, IB=10mA IC=3A, IB=30mA IC=5A, IB=50mA VBE(sat) IC=5A, IB=50mA VBE(on) IC=5A, VCE=2V IC=10mA, VCE=2V* IC=0.5A, VCE=2V* 280 300 300 180 40
mV
Base-emitter saturation voltage * Base-emitter ON voltage *
mV mV
440 450 450 280 80 180 45 125 380 60 MHz pF ns ns 1200
Static Forward Current Transfer Ratio
hFE
IC=1A, VCE=2V* IC=5A, VCE=2V* IC=20A, VCE=2V*
Transitional frequency Output capacitance Turn-on time Turn-off time * Pulse test: tp = 300 is; d 0.02.
fT Cobo t(on) t(off)
IC=50mA, VCE=10V f=100MHz VCB=10V, f=1MHz IC=4A, VCC=10V IB1=IB2=40mA
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of FZT1049A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X