Part Number Hot Search : 
GSBML 1249ACE S6203 DBB08 AD905 NCV553 M29F002B BC2I4
Product Description
Full Text Search
 

To Download FDD8447L08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDD8447L 40V N-Channel PowerTrench(R) MOSFET
May 2008
FDD8447L 40V N-Channel PowerTrench(R) MOSFET
40V, 50A, 8.5m Features General Description
This N-Channel MOSFET has been produced using Fairchild Semiconductor's proprietary PowerTrench(R) technology to deliver low rDS(on) and optimized BVDSS capability to offer superior performance benefit in the application. Max rDS(on) = 8.5m at VGS = 10V, ID = 14A Max rDS(on) = 11.0m at VGS = 4.5V, ID = 11A Fast Switching RoHS Compliant
Applications
Inverter Power Supplies
D
G S
D
G
D O -2 52 T -PA K (TO -252)
Parameter
S
MOSFET Maximum Ratings TC = 25C unless otherwise noted
Symbol VDS VGS ID IS EAS PD TJ, TSTG Drain to Source Voltage Gate to Source Voltage Drain Current -Continuous (Package limited) -Continuous (Silicon limited) -Continuous -Pulsed Max Pulse Diode Current Drain-Source Avalanche Energy Power Dissipation TC= 25C TA= 25C TA= 25C Operating and Storage Junction Temperature Range (Note 1a) (Note 1b) (Note 3) TC= 25C TC= 25C TA= 25C (Note 1a) Ratings 40 20 50 57 15.2 100 100 153 44 3.1 1.3 -55 to +150 C W A mJ A Units V V
Thermal Characteristics
RJC RJA RJA Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Ambient (Note 1a) (Note 1b) 2.8 40 96 C/W
Package Marking and Ordering Information
Device Marking FDD8447L Device FDD8447L Package D-PAK(TO-252) Reel Size 13'' Tape Width 12mm Quantity 2500 units
(c)2008 Fairchild Semiconductor Corporation FDD8447L Rev.C3
1
www.fairchildsemi.com
FDD8447L 40V N-Channel PowerTrench(R) MOSFET
Electrical Characteristics TJ = 25C unless otherwise noted
Symbol Parameter Test Conditions Min Typ Max Units
Off Characteristics
BVDSS BVDSS TJ IDSS IGSS Drain to Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate to Source Leakage Current ID = 250A, VGS = 0V ID = 250A, referenced to 25C VDS = 32V, VGS = 0V VGS = 20V, VGS = 0V 40 35 1 100 V mV/C A nA
On Characteristics (Note 2)
VGS(th) VGS(th) TJ rDS(on) gFS Gate to Source Threshold Voltage Gate to Source Threshold Voltage Temperature Coefficient Static Drain to Source On Resistance Forward Transconductance VGS = VDS, ID = 250A ID = 250A, referenced to 25C VGS = 10V, ID = 14A VGS = 4.5V, ID = 11A VGS = 10V, ID = 14A, TJ=125C VDS = 5V, ID = 14A 1.0 1.9 -5 7.0 8.5 10.4 58 8.5 11.0 14.0 S m 3.0 V mV/C
Dynamic Characteristics
Ciss Coss Crss Rg Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance VDS = 20V, VGS = 0V, f = 1MHz f = 1MHz 1970 250 150 1.27 pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg(TOT) Qg(TOT) Qgs Qgd Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge, VGS = 10V Total Gate Charge, VGS = 5V Gate to Source Gate Charge Gate to Drain "Miller" Charge VDD = 20V, ID = 14A VGS = 10V VDD = 20V, ID = 1A VGS = 10V, RGEN = 6 12 12 38 9 37 20 6 7 21 21 61 18 52 28 ns ns ns ns nC nC nC nC
Drain-Source Diode Characteristics
IS VSD trr Qrr Maximum Continuous Drain-Source Diode Forward Current Source to Drain Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0V, IS = 14A (Note 1a) (Note 2) 0.8 22 11 2.6 1.2 A V ns nC
IF = 14A, di/dt = 100A/s
Notes: 1: RJA is the sum of the junction-to-case and case-to- ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RJA is determined by the user's board design. a. 40C/W when mounted on a 1 in2 pad of 2 oz copper b. 96C/W when mounted on a minimum pad. 2: Pulse Test: Pulse Width < 300s, Duty cycle < 2.0%. 3: Starting TJ = 25oC, L = 1mH, IAS = 17.5A, VDD = 40V, VGS = 10V.
---------------
4
FDD8447L Rev.C3
2
www.fairchildsemi.com
FDD8447L 40V N-Channel PowerTrench(R) MOSFET
Typical Characteristics
100
VGS = 10V
3
4.0V
NORMALIZED DRAIN-SOURCE ON-RESISTANCE
VGS = 3.0V
ID, DRAIN CURRENT (A)
80
2.6 2.2 1.8
3.5V
6.0V 5.0V
4.5V
60
3.5V 40
1.4 1 0.6
4.0V
4.5V
20
5.0V
6.0V
10.0V
3.0V
0 0 0.5 1 1.5 2 VDS, DRAIN-SOURCE VOLTAGE (V) 2.5
0
20
40 60 ID, DRAIN CURRENT (A)
80
100
Figure 1. On-Region Characteristics
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage
0.02
1.6 NORMALIZED DRAIN-SOURCE ON-RESISTANCE
1.4
rDS(ON), ON-RESISTANCE (OHM)
ID = 14A VGS = 10V
ID = 7A 0.0175 0.015 TA = 125 C 0.0125 0.01 0.0075 0.005 2 4 6 8 VGS, GATE TO SOURCE VOLTAGE (V) 10
o
1.2
1
0.8
TA = 25 C
o
0.6 -50
-25
0 25 50 75 100 o TJ, JUNCTION TEMPERATURE ( C)
125
150
Figure 3. On-Resistance Variation with Temperature
100
Figure 4. On-Resistance Variation with Gate-to-Source Voltage
1000 IS, REVERSE DRAIN CURRENT (A)
VGS = 0V
VDS = 5V
100 10 1 0.1 0.01 0.001 0.0001
ID, DRAIN CURRENT (A)
80
60
TA = 125oC 25 C -55oC
o
40
TA = 125 C
o
-55 C
o
20
25 C
o
0 1 1.5 2 2.5 3 3.5 VGS, GATE TO SOURCE VOLTAGE (V) 4 4.5
0
0.2 0.4 0.6 0.8 1 1.2 VSD, BODY DIODE FORWARD VOLTAGE (V)
1.4
Figure 5. Transfer Characteristics
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature
FDD8447L Rev.C3
3
www.fairchildsemi.com
FDD8447L 40V N-Channel PowerTrench(R) MOSFET
Typical Characteristics
10 VGS, GATE-SOURCE VOLTAGE (V)
3000
ID = 14A VDS = 10V 30V
8
2500 CAPACITANCE (pF) 2000 1500 1000
Coss
f = 1MHz VGS = 0 V
6
20V
Ciss
4
2
500 0
0 10 20 Qg, GATE CHARGE (nC) 30 40
0
Crss
0
10 20 30 VDS, DRAIN TO SOURCE VOLTAGE (V)
40
Figure 7. Gate Charge Characteristics
1000 100s 1ms 10 DC VGS = 10V SINGLE PULSE o RJA = 96 C/W TA = 25 C 0.01 0.01 0.1 1 10 VDS, DRAIN-SOURCE VOLTAGE (V) 100
o
Figure 8. Capacitance Characteristics
100 P(pk), PEAK TRANSIENT POWER (W)
SINGLE PULSE RJA = 96C/W TA = 25C
ID, DRAIN CURRENT (A)
100
RDS(ON) LIMIT 10ms 1s 100ms
80
60
1
40
0.1
20
0 0.001
0.01
0.1
1 t1, TIME (sec)
10
100
1000
Figure 9. Maximum Safe Operating Area
Figure 10. Single Pulse Maximum Power Dissipation
100 I(AS), AVALANCHE CURRENT (A)
100
I(pk), PEAK TRANSIENT CURRENT (A)
80
SINGLE PULSE RJA = 96C/W TA = 25C
TJ = 25 C
o
60
10
40
20
0 0.0001
1
0.001 0.01 0.1 1 t1, TIME (sec) 10 100 1000
0.1
1 tAV, TIME IN AVANCHE(ms)
10
Figure 11. Single Pulse Maximum Peak Current
Figure 12. Unclamped Inductive Switching Capability
FDD8447L Rev.C3
4
www.fairchildsemi.com
FDD8447L 40V N-Channel PowerTrench(R) MOSFET
Typical Characteristics
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
1
D = 0.5 0.2
RJA(t) = r(t) * RJA RJA = 96C/W
0.1
0.1 0.05 0.02
P(pk) t2 TJ - TA = P * RJA(t) Duty Cycle, D = t1 / t2 t1
0.01
0.01 SINGLE
0.001 0.0001
0.001
0.01
0.1 t1, TIME (sec)
1
10
100
1000
Figure 13. Transient Thermal Response Curve
Thermal characterization performed using the conditions described in Note 1b. Transient thermal response will change depending on the circuit board design.
FDD8447L Rev.C3
5
www.fairchildsemi.com
FDD8447L 40V P-Channel PowerTrench(R) MOSFET
TRADEMARKS
The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidianries, and is not intended to be an exhaustive list of all such trademarks. ACEx(R) Build it NowTM CorePLUSTM CorePOWERTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R) EfficentMaxTM EZSWITCHTM *
TM
(R)
Fairchild(R) Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) FAST(R) FastvCoreTM FlashWriter(R) *
FPSTM F-PFSTM FRFET(R) Global Power ResourceSM Green FPSTM Green FPSTM e-SeriesTM GTOTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM MotionMaxTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R)
(R)
tm
PDP-SPMTM Power-SPMTM PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM Quiet SeriesTM RapidConfigureTM Saving our world 1mW at a timeTM SmartMaxTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SuperMOSTM (R)
The Power Franchise(R)
tm
TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM SerDesTM UHC(R) Ultra FRFETTM UniFETTM VCXTM VisualMaxTM
* EZSWITCHTM and FlashWriter(R) are trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. This datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only.
Rev. I34
Preliminary
First Production
No Identification Needed Obsolete
Full Production Not In Production
FDD8447L Rev.C3
6
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDD8447L08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X