Part Number Hot Search : 
STK7002U 74LCX EL7563 0K022 ET724 BAPBAA GR40N60 US1DL
Product Description
Full Text Search
 

To Download F1774-447-22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 F1774-2200
Vishay Roederstein
AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Dimensions in mm
L
FEATURES:
W H
Product is completely lead (Pb)-free Product is RoHS compliant
Pb-free
DISSIPATION FACTOR TAN:
< 1 % measured at 1 kHz
e3
P
INSULATION RESISTANCE: FOR C 0.33 F: RoHS COMPLIANT
80.0 + 5.0 5.0 + 2.0
30 G average value 15 G minimum value
TIME CONSTANT FOR C > 0.33 F:
10 000 sec. average value 5000 sec. minimum value
Electrode Dielectric Center margin
TEST VOLTAGE:
Free margin
(Electrode/electrode): DC 2150 V/2 sec.
REFERENCE STANDARDS:
EN 132 400, 1994 EN 60068-1 IEC 60384-14/2, 1993 UL 1283 UL 1414 CSA 22.2 No. 8-M 86 CSA 22.2 No. 1-M 90
MAXIMUM PULSE RISE TIME: (du/dt) in V/s
RATED VOLTAGE AC 275 V PITCH (mm) 15.0 200 22.5 150 27.5 100 37.5 100
DIELECTRIC:
Polyester film
RATED VOLTAGE:
AC 275 V, 50/60 Hz
ELECTRODES:
Metal evaporated
PERMISSIBLE DV VOLTAGE:
DC 630 V
CONSTRUCTION:
Metallized film capacitor Internal series connection Between interconnected terminations and case (foil method): AC 2500 V for 2 sec. at 25 C
Z []
10
1
TERMINALS:
Insulated stranded copper wire, type LiY 0.5 mm2 (or AWG 20) ends stripped
COATING:
Plastic case, epoxy resin sealed, flame retardant UL 94V-0
CLIMATIC TESTING CLASS ACC. TO EN 60068-1:
40/100/56
10
0
0.47 F
Standard: 20 %
10
-2
FURTHER TECHNICAL DATA:
See page 21 (Document No 26504)
10
-3
0.01
0.05 0.1
0.5 1.0
2.2 F 1.5 F 1 F 0.68 F
0.33 F
CAPACITANCE TOLERANCE:
0.15 F
0.068 F
5.0 10
0.033 F
0.015 F 0.01 F
10
-1
0.22 F
E6 series 0.01 FX2 - 2.2 FX2 E12 values on request
0.1 F
0.047 F
0.022 F
CAPACITANCE RANGE:
50 100
f
[MHz]
Impedance (Z) as a function of frequency (f) at Ta = 20 C (average). Measurement with lead length 80 mm.
Document Number: 26512 Revision: 12-May-06
To contact us: RFI@vishay.com
www.vishay.com 25
F1774-2200
Vishay Roederstein
APPROVALS
COUNTRY U.S.A. (for AC 250 V) Canada (for AC 250 V) Germany SPECIFICATION UL 1283 UL 1414 C 22.2 No. 8-M 1986 C 22.2 No. 1-M 1994 EN 132 400; 1999 IEC 60384-14, 2nd edition, 1995 ELECTRICAL VALUES 0.01 - 2.2 FX 0.01 - 1.0 FX 0.01 - 2.2 FX 0.01 - 0.82 FX 0.01 - 2.2 FX2 0.01 - 2.2 FX2 APPROVAL REFERENCE E 76297 E 100682 LR 64546 LR 64546-8 DE 1-8790 83658 APPROVAL MARK
AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
CB TEST-CERTIFICATE (for AC 275 V)
This approval mark together with the CB-Certificate replace all national approval marks of the following countries (they have already signed the CB-Agreement): Austria France Netherlands Japan Singapore Belgium Germany Israel Norway Rep. of Korea Denmark Ireland Portugal China Hungary Finland Italy Spain Poland Iceland Sweden Switzerland Great Britain Czech. Republic Slovenia
CAPACITANCE 0.01 FX2 0.015 FX2 0.022 FX2 0.033 FX2 0.047 FX2 0.068 FX2 0.1 FX2 0.15 FX2 0.15 FX2 0.22 FX2 0.22 FX2 0.33 FX2 0.33 FX2 0.47 FX2 0.47 FX2 0.68 FX2 0.68 FX2 1.0 FX2 1.0 FX2 1.5 FX2 1.5 FX2 2.2 FX2 2.2 FX2
TOL. % 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20
PITCH P (mm) 15.0 15.0 15.0 15.0 15.0 15.0 15.0 22.5 15.0 22.5 15.0 22.5 15.0 27.5 22.5 27.5 22.5 27.5 22.5 37.5 27.5 37.5 27.5
BOX NO. 05 05 05 05 05 49 49 09 08 11 28 01 36 29 13 14 38 18 38 16 17 19 41
DIMENSIONS WxHxL (+ 0.2/- 0.4 mm) 5.3 x 10.3 x 17.8 5.3 x 10.4 x 17.8 5.3 x 10.3 x 17.8 5.3 x 10.3 x 17.8 5.3 x 10.3 x 17.8 6.0 x 12.0 x 17.9 6.0 x 12.0 x 17.9 6.3 x 14.3 x 26.3 8.3 x 14.3 x 17.8 7.3 x 15.3 x 26.3 8.3 x 17.3 x 17.8 8.8 x 16.8 x 26.3 13.3 x 22.3 x 17.8 8.8 x 18.3 x 31.3 10.3 x 18.3 x 26.3 11.0 x 20.3 x 31.23 15.3 x 26.3 x 26.3 14.0 x 24.3 x 31.3 15.3 x 26.3 x 26.3 14.0 x 24.3 x 41.3 16.0 x 29.3 x 31.3 15.5 x 28.3 x 41.3 19.5 x 34.8 x 31.3
WEIGHT (g) 2.6 2.6 2.6 2.6 2.6 3.2 3.2 4.5 3.9 5.3 4.7 6.5 8.3 8.0 7.9 14.1 15.5 16.2 15.5 20.1 21.2 25.2 29.2
QUANTITY PACKAGE (pcs) 1000 1000 1000 1000 1000 900 900 650 800 500 600 500 400 450 500 350 250 250 250 200 175 150 125
ORDERING CODE* F1774-310-22 . .-E3 F1774-315-22 . .-E3 F1774-322-22 . .-E3 F1774-333-22 . .-E3 F1774-347-22 . .-E3 F1774-368-22 . .-E3 F1774-410-22 . .-E3 F1774-415-22 . .-E3 F1774-415-226 .-E3 F1774-422-22 . .-E3 F1774-422-226 .-E3 F1774-433-22 . .-E3 F1774-433-226 .-E3 F1774-447-22 . .-E3 F1774-447-226 .-E3 F1774-468-22 . .-E3 F1774-468-226 .-E3 F1774-510-22 . .-E3 F1774-510-226 .-E3 F1774-515-22 . .-E3 F1774-515-226 .-E3 F1774-522-22 . .-E3 F1774-522-226 .-E3
Inbuilt discharging resistor on request (with larger case dimensions). * With and mark, the ordering code is F1774-. . .- 2240-E3 or F1774-. . .- 2264-E3.
The suffix "E3" is used for the RoHS-compliant version, although in most cases this is the only available version.
www.vishay.com 26
Document Number: 26512 Revision: 12-May-06
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of F1774-447-22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X