Part Number Hot Search : 
1862623X RATIO DTA14 HMC1501 74HC163 HMC580 74HC163 02204
Product Description
Full Text Search
 

To Download EMW42GT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
Miniature 11.4 x 9.6 x 2.5mm SMD package Frequency range: 200.01MHz to 800.0MHz Supply voltage 3.3 Volts Frequency stability from 1ppm over -30 to +75C RoHS compliant
EMW42GT Series TCXO
HCMOS 4 pad SMD, 'W' Group
EMW42GT - OUTLINES AND DIMENSIONS DESCRIPTION EMW42GT series TCXOs are packaged in a 4 pad SMD package with trimmer. With squarewave (CMOS) output, tolerances are available from 1.0ppm over -30 to +75C. The part has a 0.01mF decoupling capacitor built in. SPECIFICATION Product Series Code TCXO: VCTCXO: Frequency Range: Output Waveform: Initial Calibration Tolerance: Standard Frequencies: EMW42GT VEMW42GT 200.01MHz to 800.0MHz Squarewave, HCMOS <2.0ppm at +252C 200.0, 204.8, 311.04, 400.0, 409.6 and 622.08MHz (Partial list) 3ppm minimum (see table) (see table) 1.0 ppm max. first year 0.3 ppm max. 5% change 0.3 ppm max. 10% change 1.0ppm max. for one reflow (Measured after 24 hours) +3.3 Volts Logic High: 90% Vdd min. Logic Low: 10% Vdd max. 65mA max. (Freq. dependant) 1.2ns typical 50%5% 5ms typical, 10ms max. See table below 15pF -55~+125C
Mechanical Frequency Tuning: Operating Temperature Range: Frequency Stability vs. Ageing: vs. Voltage Change: vs. Load Change: vs. Reflow (SMD type): Supply Voltage: Output Logic Levels: Current Consumption: Rise and Fall Times: Duty Cycle: Start-up Time: Current Consumption: Output Load: Storage Temperature:
VEMW42GT VOLTAGE CONTROL SPECIFICATION Standard = +1.51.0Volts for all input voltages. (Contact technical sales if +2.52.0 Volts is required.) Frequency Deviation: 6.0 ppm min. (Vcon = +4.5V1.0V) Slope Polarity: Positive (increase of control voltage increases output frequency.) Input Impedance: 2M minimum Modulation Bandwidth: 25kHz minimum Linearity: 10% maximum Control Voltage:
SSB PHASE NOISE at 25C
Offset 10Hz -50 100Hz -77 1kHz -102 10kHz -115 100kHz -108
FREQUENCY STABILITY
Stability (ppm) 0 ~ +50 -10 ~ +60 Temp. Range (C) -20 ~ +70 -30 ~ +75 -40 ~ +85 P 0.5 P ASK X X X 1.0 P P P P X 1.5 P P P P X 2.0 P P P P ASK 2.5 P P P P ASK 3.0 P P P P P
Part = EMW42GT33
at 622.080MHz (dBc/Hz)
PART NUMBERING SCHEDULE Example:
EMW42GT33-409.60-2.5/-30+75
= available, x = not available, ASK = call Technical Sales
Series Description TCXO = EMW42GT* VCTCXO = VEMW42GT Supply Voltage 33 = 3.3 VDC Frequency (MHz) Stability over OTR (ppm) Operating Temperature Range (OTR) (C) Lower and upper limits *Note: 'G' indicates part is RoHS compliant
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of EMW42GT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X