Part Number Hot Search : 
1N4002 T74LV 24491 A7BW99AA MIC2779 MAZD200 T74LV RT1P242X
Product Description
Full Text Search
 

To Download EML5413 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. www.conwin.com
PRODUCT
D ATA
SHEET
CRYSTAL CONTROLLED OSCILLATORS
CW 0701 EML5413 125.00M
SURFACE MOUNT 3.3V PECL CLOCK
ABSOLUTE MAXIMUM RATINGS
PARAMETER Storage Temperature Supply Voltage (Vcc) UNITS MINIMUM -55 -0.5 MINIMUM 19.44 -20 0 3.135 NOMINAL NOMINAL 3.3 -60 -90 -100 -125 -135 MAXIMUM 125 7.0 MAXIMUM 164 20 70 3.465 60 5 1 UNITS C Vdc TABLE 2.0 (Fo) UNITS MHz ppm C Vdc mA ps rms ps rms dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz TABLE 3.0 MINIMUM 2.275 45 NOMINAL 50 MAXIMUM 50 1.68 55 1 UNITS Ohms Vdc Vdc % nS NOTE 2 NOTE 1 TABLE 1.0 NOTE
EML5413
DESCRIPTION
OPERATING SPECIFICATIONS
PARAME TER Center Frequency Total Frequency Tolerance Operating Temperature Range Supply Voltage Supply Current Jitter (BW=10Hz to 20MHz) Jitter (BW=12kHz to 20MHz) SSB Phase Noise at 10Hz offset SSB Phase Noise at 100Hz offset SSB Phase Noise at 1KHz offset SSB Phase Noise at 10KHz offset SSB Phase Noise at 10KHz offset
(Vcc) (Icc)
The Connor-Winfield EML5413 is a fixed frequency surface mount Crystal Controlled Oscillator (XO) designed for applications requiring low jitter and tight Frequency stability. Operating at 3.3V supply voltage, the EML5413 provides LVPECL compatible outputs.
PECL OUTPUT CHARACTERISTICS
PARAMETER LOAD Voltage (High) (Low) Duty Cycle Rise / Fall Time 20% to 80%
FEATURES 3.3V OPERATION LVPECL DIFFERENTIAL OUTPUTS LOW JITTER <1pS RMS
(Voh) (Vol)
3
PACKAGE CHARACTERISTICS
Package Hermetically sealed, leadless ceramic package.
TABLE 4.0
OVERALL FREQUENCY TOLERANCE: 20ppm TEMPERATURE RANGE: 0 to 70C SURFACE MOUNT PACKAGE TAPE AND REEL PACKAGING
Notes 1) Includes calibration, stabil ity vs. temperature, supply and load variations, shock , vibration and aging (10 years). 2) Output must be terminated into 50 ohms t o Vcc - 2V or Thevenin equivalent. 3) Duty Cycle measured at 1.977V
ORDERING INFORMATION
EML5413
PECL SERIES
- 155.52MHz
CENTER FREQUENCY
Specifications subject to change without notice. DATA SHEET #: Ec121 PAGE 1 OF 2 REV: 02 DATE: 10/1/03
aCopyright 2001 Connor-Winfield all rights reserved.
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. www.conwin.com
PRODUCT
D ATA
SHEET
CRYSTAL CONTROLLED OSCILLATORS
Specifications subject to change without notice. DATA SHEET #: Ec121 PAGE 2 OF 2 REV: 02 DATE: 10/1/03
aCopyright 2001 Connor-Winfield all rights reserved.


▲Up To Search▲   

 
Price & Availability of EML5413

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X